Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1PS70SB20 Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części 1PS70SB20
Szczegółowy opis  Schottky barrier single diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1PS70SB20 Arkusz danych(HTML) 4 Page - NXP Semiconductors

  1PS70SB20_15 Datasheet HTML 1Page - NXP Semiconductors 1PS70SB20_15 Datasheet HTML 2Page - NXP Semiconductors 1PS70SB20_15 Datasheet HTML 3Page - NXP Semiconductors 1PS70SB20_15 Datasheet HTML 4Page - NXP Semiconductors 1PS70SB20_15 Datasheet HTML 5Page - NXP Semiconductors 1PS70SB20_15 Datasheet HTML 6Page - NXP Semiconductors 1PS70SB20_15 Datasheet HTML 7Page - NXP Semiconductors 1PS70SB20_15 Datasheet HTML 8Page - NXP Semiconductors 1PS70SB20_15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NXP Semiconductors
1PS70SB20
Schottky barrier single diode
1PS70SB20
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
17 December 2012
4 / 9
mbk577
40
30
VR (V)
Cd
(pF)
0
10
20
102
10
1
f = 1 MHz; Tamb = 25 °C
Fig. 3. Diode capacitance as a function of reverse voltage; typical values
11. Test information
11.1 Quality information
This product has been qualified in accordance with the Automotive Electronics Council
(AEC) standard Q101 - Stress test qualification for discrete semiconductors, and is
suitable for use in automotive applications.
12. Package outline
04-11-04
Dimensions in mm
0.45
0.15
1.1
0.8
2.2
1.8
2.2
2.0
1.35
1.15
1.3
0.4
0.3
0.25
0.10
1
2
3
Fig. 4. Package outline SC-70 (SOT323)


Podobny numer części - 1PS70SB20_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
1PS70SB20 PHILIPS-1PS70SB20 Datasheet
55Kb / 8P
   Schottky barrier diode
2001 Mar 16
logo
Guangdong Kexin Industr...
1PS70SB20 KEXIN-1PS70SB20 Datasheet
47Kb / 1P
   Schottky barrier diode
logo
Nexperia B.V. All right...
1PS70SB20 NEXPERIA-1PS70SB20 Datasheet
2Mb / 9P
   Schottky barrier single diode
17 December 2012
More results

Podobny opis - 1PS70SB20_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BAT46WJ PHILIPS-BAT46WJ Datasheet
177Kb / 12P
   Single Schottky barrier diode
Rev. 2-8 November 2011
1PS76SB10_15 PHILIPS-1PS76SB10_15_15 Datasheet
161Kb / 8P
   Schottky barrier single diode
17 December 2012
BAT85.133 NXP-BAT85.133 Datasheet
131Kb / 8P
   Schottky barrier single diode
24 July 2012
logo
Nexperia B.V. All right...
1PS76SB10-Q NEXPERIA-1PS76SB10-Q Datasheet
198Kb / 10P
   Schottky barrier single diode
16 June 2021
logo
NXP Semiconductors
1PS70SB10_15 PHILIPS-1PS70SB10_15_15 Datasheet
166Kb / 9P
   Schottky barrier single diode
17 December 2012
logo
Nexperia B.V. All right...
BAT86 NEXPERIA-BAT86 Datasheet
2Mb / 8P
   Schottky barrier single diode
25 July 2012
BAT46WH NEXPERIA-BAT46WH Datasheet
892Kb / 12P
   Single Schottky barrier diode
Rev. 2 - 28 November 2011
BAT54J NEXPERIA-BAT54J Datasheet
204Kb / 8P
   Schottky barrier single diode
1 October 2022
logo
NXP Semiconductors
BAT46WJ PHILIPS-BAT46WJ Datasheet
177Kb / 12P
   Single Schottky barrier diode
Rev. 2-8 November 2011
logo
Nexperia B.V. All right...
BAT54T NEXPERIA-BAT54T Datasheet
223Kb / 10P
   Single Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com