Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1PS76SB21_15 Arkusz danych(PDF) 9 Page - NXP Semiconductors

Numer części 1PS76SB21_15
Szczegółowy opis  Schottky barrier diodes in small packages
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1PS76SB21_15 Arkusz danych(HTML) 9 Page - NXP Semiconductors

Back Button 1PS76SB21_15_15 Datasheet HTML 3Page - NXP Semiconductors 1PS76SB21_15_15 Datasheet HTML 4Page - NXP Semiconductors 1PS76SB21_15_15 Datasheet HTML 5Page - NXP Semiconductors 1PS76SB21_15_15 Datasheet HTML 6Page - NXP Semiconductors 1PS76SB21_15_15 Datasheet HTML 7Page - NXP Semiconductors 1PS76SB21_15_15 Datasheet HTML 8Page - NXP Semiconductors 1PS76SB21_15_15 Datasheet HTML 9Page - NXP Semiconductors 1PS76SB21_15_15 Datasheet HTML 10Page - NXP Semiconductors 1PS76SB21_15_15 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
1PS76SB21_BAT721_SER_6
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 06 — 21 December 2006
9 of 11
NXP Semiconductors
1PS76SB21; BAT721 series
Schottky barrier diodes in small packages
11. Revision history
Table 10.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
1PS76SB21_BAT721_SER_6
20061221
Product data sheet
-
1PS76SB21_BAT721
_SER_5
Modifications:
Amended Table 10 “Revision history”
1PS76SB21_BAT721_SER_5
20061205
Product data sheet
-
BAT721_SERIES_4
1PS76SB21_3
Modifications:
The format of this data sheet has been redesigned to comply with the new identity
guidelines of NXP Semiconductors.
Legal texts have been adapted to the new company name where appropriate.
This data sheet is a combination of data sheets BAT721_SERIES_4 and
1PS76SB21_3.
• Table 1 “Product overview”: added
• Section 1.2 “Features”: amended
• Section 1.3 “Applications”: amended
• Table 2 “Quick reference data”: added
• Table 5 “Marking codes”: for 1PS76SB21 amended
• Table 5 “Marking codes”: enhanced table note section
• Table 6 “Limiting values”: indication per diode added
• Table 6 “Limiting values”: for 1PS76SB21 IFSM condition amended
• Table 6 “Limiting values”: Tamb ambient temperature added
• Table 7 “Thermal characteristics”: indication per diode added
• Table 7: Rth(j-a) thermal resistance from junction to ambient condition amended
• Table 8 “Characteristics”: indication per diode added
• Table 8 “Characteristics”: reference to Table note 1 amended
• Table 8: for 1PS76SB21 Cd minimum value changed to typical value
• Figure 1 and 2: amended
• Figure 4 and 5: superseded by minimized package outlines
• Section 9 “Packing information”: added
• Section 10 “Soldering”: added
• Section 12 “Legal information”: updated
BAT721_SERIES_4
20040315
Product specification
-
BAT721_SERIES_3
1PS76SB21_3
20040126
Product specification
-
1PS76SB21_2


Podobny numer części - 1PS76SB21_15_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
1PS76SB21-Q NEXPERIA-1PS76SB21-Q Datasheet
190Kb / 10P
   40 V, 200 mA Schottky barrier diode
25 July 2022
More results

Podobny opis - 1PS76SB21_15_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
11PS76SB21_SER NEXPERIA-11PS76SB21_SER Datasheet
655Kb / 11P
   Schottky barrier diodes in small packages
Rev. 06 - 21 December 2006
logo
TAITRON Components Inco...
SD103A TAITRON-SD103A Datasheet
238Kb / 3P
   Small Signal Schottky Barrier Diodes
logo
NXP Semiconductors
BAS70H.115 NXP-BAS70H.115 Datasheet
224Kb / 20P
   General-purpose Schottky diodes in small Surface-Mounted Device (SMD) plastic packages.
Rev. 09-13 January 2010
logo
List of Unclassifed Man...
SBT10K45WS ETC1-SBT10K45WS Datasheet
46Kb / 3P
   Small-Signal Schottky Barrier Diodes
logo
GOOD-ARK Electronics
MCL101A GOOD-ARK-MCL101A Datasheet
103Kb / 2P
   Small Signal Schottky Barrier Diodes
LS101A GOOD-ARK-LS101A Datasheet
98Kb / 2P
   Small Signal Schottky Barrier Diodes
MCL103A GOOD-ARK-MCL103A Datasheet
96Kb / 2P
   Small Signal Schottky Barrier Diodes
BAT81S GOOD-ARK-BAT81S_15 Datasheet
103Kb / 2P
   Small Signal Schottky Barrier Diodes
BAS81 GOOD-ARK-BAS81 Datasheet
114Kb / 2P
   Small Signal Schottky Barrier Diodes
logo
Vishay Siliconix
MCL101A VISHAY-MCL101A Datasheet
98Kb / 4P
   Small Signal Schottky Barrier Diodes
Rev. 3, 25-Jun-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com