Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1PSXSB17 Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części 1PSXSB17
Szczegółowy opis  4 V, 30 mA low Cd Schottky barrier diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1PSXSB17 Arkusz danych(HTML) 2 Page - NXP Semiconductors

  1PSXSB17_15 Datasheet HTML 1Page - NXP Semiconductors 1PSXSB17_15 Datasheet HTML 2Page - NXP Semiconductors 1PSXSB17_15 Datasheet HTML 3Page - NXP Semiconductors 1PSXSB17_15 Datasheet HTML 4Page - NXP Semiconductors 1PSXSB17_15 Datasheet HTML 5Page - NXP Semiconductors 1PSXSB17_15 Datasheet HTML 6Page - NXP Semiconductors 1PSXSB17_15 Datasheet HTML 7Page - NXP Semiconductors 1PSXSB17_15 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
9397 750 14587
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 06 — 4 April 2005
2 of 8
Philips Semiconductors
1PSxSB17
4 V, 30 mA low Cd Schottky barrier diode
2.
Pinning information
[1]
The marking bar indicates the cathode.
3.
Ordering information
4.
Marking
5.
Limiting values
Table 3:
Pinning
Pin
Description
Simplified outline
Symbol
SOD323 (SC-76); SOD523 (SC-79)
1
cathode
[1]
2
anode
SOT666
1
anode (diode 1)
2
anode (diode 2)
3
anode (diode 3)
4
cathode (diode 3)
5
cathode (diode 2)
6
cathode (diode 1)
001aab540
12
sym001
12
12
3
4
5
6
6
1
5
2
4
3
sym046
Table 4:
Ordering information
Type number
Package
Name
Description
Version
1PS66SB17
-
plastic surface mounted package; 6 leads
SOT666
1PS76SB17
SC-76
plastic surface mounted package; 2 leads
SOD323
1PS79SB17
SC-79
plastic surface mounted package; 2 leads
SOD523
Table 5:
Marking codes
Type number
Marking code
1PS66SB17
N2
1PS76SB17
S7
1PS79SB17
T2
Table 6:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VR
continuous reverse voltage
-
4
V
IF
continuous forward current
-
30
mA


Podobny numer części - 1PSXSB17_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
1PS10SB62 PHILIPS-1PS10SB62 Datasheet
49Kb / 8P
   Schottky barrier diode
2003 May 15
1PS10SB63 PHILIPS-1PS10SB63 Datasheet
52Kb / 7P
   Schottky barrier diode
2003 Aug 20
1PS10SB82 PHILIPS-1PS10SB82 Datasheet
52Kb / 7P
   Schottky barrier diode
2003 Aug 20
1PS10SB82 NXP-1PS10SB82 Datasheet
99Kb / 7P
   Schottky barrier diode
2003 Aug 20
1PS10SB82 NXP-1PS10SB82 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Podobny opis - 1PSXSB17_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
1PS66SB17 PHILIPS-1PS66SB17 Datasheet
49Kb / 8P
   4 V, 30 mA low Cd Schottky barrier diode
Rev. 06-4 April 2005
logo
Nexperia B.V. All right...
1PS66SB82 NEXPERIA-1PS66SB82 Datasheet
697Kb / 10P
   15 V, 30 mA low Cd Schottky barrier diodes
Rev. 04 - 13 January 2010
logo
NXP Semiconductors
1PS66SB82 PHILIPS-1PS66SB82 Datasheet
116Kb / 10P
   15 V, 30 mA low Cd Schottky barrier diodes
Rev. 04-13 January 2010
1PS66SB82 NXP-1PS66SB82 Datasheet
116Kb / 10P
   15 V, 30 mA low Cd Schottky barrier diodes
Rev. 04-13 January 2010
1PS66SB82_1PS88SB82 PHILIPS-1PS66SB82_1PS88SB82_15 Datasheet
116Kb / 10P
   15 V, 30 mA low Cd Schottky barrier diodes
Rev. 04-13 January 2010
logo
Nexperia B.V. All right...
1PS79SB17 NEXPERIA-1PS79SB17 Datasheet
175Kb / 7P
   4 V, 30 mA low capacitance Schottky barrier diode
27 December 2022
1PS76SB17 NEXPERIA-1PS76SB17 Datasheet
187Kb / 8P
   4 V, 30 mA low capacitance Schottky barrier diode
27 December 2022
1PS66SB17 NEXPERIA-1PS66SB17 Datasheet
180Kb / 7P
   4 V, 30 mA low capacitance Schottky barrier diode
27 December 2022
logo
ON Semiconductor
NSR02F30MXT5G ONSEMI-NSR02F30MXT5G Datasheet
104Kb / 4P
   200 mA, 30 V Schottky Barrier Diode
February, 2015 ??Rev. 0
NSR05T30XV2 ONSEMI-NSR05T30XV2 Datasheet
133Kb / 6P
   500 mA, 30 V Schottky Barrier Diode
April, 2017 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com