Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BAP51LX Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części BAP51LX
Szczegółowy opis  Silicon PIN diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAP51LX Arkusz danych(HTML) 3 Page - NXP Semiconductors

  BAP51LX_15 Datasheet HTML 1Page - NXP Semiconductors BAP51LX_15 Datasheet HTML 2Page - NXP Semiconductors BAP51LX_15 Datasheet HTML 3Page - NXP Semiconductors BAP51LX_15 Datasheet HTML 4Page - NXP Semiconductors BAP51LX_15 Datasheet HTML 5Page - NXP Semiconductors BAP51LX_15 Datasheet HTML 6Page - NXP Semiconductors BAP51LX_15 Datasheet HTML 7Page - NXP Semiconductors BAP51LX_15 Datasheet HTML 8Page - NXP Semiconductors BAP51LX_15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
BAP51LX
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 2 — 6 August 2013
3 of 9
NXP Semiconductors
BAP51LX
Silicon PIN diode
7.
Characteristics
Table 6.
Characteristics
Tamb = 25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
IF = 50 mA
-
0.95
1.1
V
IR
reverse current
VR =50V
-
-
100
nA
Cd
diode capacitance
see Figure 2; f = 1 MHz;
VR = 0 V
-
0.30
-
pF
VR = 1 V
-
0.22
0.40
pF
VR = 5 V
-
0.17
0.30
pF
rD
diode forward resistance
see Figure 3; f = 100 MHz;
IF = 0.5 mA
-
4.9
9
IF =1mA
-
3.2
6.5
IF =10mA
-
1.4
2.5
IF = 100 mA
-
0.9
1.5
ISL
isolation
see Figure 4;VR =0 V;
f = 900 MHz
-
19
-
dB
f = 1800 MHz
-
15
-
dB
f = 2450 MHz
-
13
-
dB
Lins
insertion loss
see Figure 5;IF =0.5 mA;
f = 900 MHz
-
0.36
-
dB
f = 1800 MHz
-
0.36
-
dB
f = 2450 MHz
-
0.38
-
dB
Lins
insertion loss
see Figure 5;IF =1mA;
f = 900 MHz
-
0.25
-
dB
f = 1800 MHz
-
0.26
-
dB
f = 2450 MHz
-
0.27
-
dB
Lins
insertion loss
see Figure 5;IF =10mA;
f = 900 MHz
-
0.12
-
dB
f = 1800 MHz
-
0.14
-
dB
f = 2450 MHz
-
0.15
-
dB
Lins
insertion loss
see Figure 5;IF = 100 mA;
f = 900 MHz
-
0.09
-
dB
f = 1800 MHz
-
0.10
-
dB
f = 2450 MHz
-
0.12
-
dB
L
charge carrier life time
when switched from IF =10mA to
IR =6mA; RL = 100 ; measured at
IR =3mA
-0.55
-
s
LS
series inductance
IF = 100 mA; f = 100 MHz
-
0.4
-
nH


Podobny numer części - BAP51LX_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BAP51LX NXP-BAP51LX Datasheet
65Kb / 8P
   Silicon PIN diode
Rev. 01-26 June 2007
BAP51LX NXP-BAP51LX Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Podobny opis - BAP51LX_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com