Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BAP64-04 Arkusz danych(PDF) 1 Page - NXP Semiconductors

Numer części BAP64-04
Szczegółowy opis  Silicon PIN diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAP64-04 Arkusz danych(HTML) 1 Page - NXP Semiconductors

  BAP64-04_15 Datasheet HTML 1Page - NXP Semiconductors BAP64-04_15 Datasheet HTML 2Page - NXP Semiconductors BAP64-04_15 Datasheet HTML 3Page - NXP Semiconductors BAP64-04_15 Datasheet HTML 4Page - NXP Semiconductors BAP64-04_15 Datasheet HTML 5Page - NXP Semiconductors BAP64-04_15 Datasheet HTML 6Page - NXP Semiconductors BAP64-04_15 Datasheet HTML 7Page - NXP Semiconductors BAP64-04_15 Datasheet HTML 8Page - NXP Semiconductors BAP64-04_15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1.
Product profile
1.1 General description
Two planar PIN diodes in series configuration in a SOT23 small plastic SMD package.
1.2 Features and benefits
High voltage, current controlled
RF resistor for RF attenuators and switches
Low diode capacitance
Low diode forward resistance
Low series inductance
For applications up to 3 GHz
AEC-Q101 qualified
1.3 Applications
RF attenuators and switches
2.
Pinning information
3.
Ordering information
BAP64-04
Silicon PIN diode
Rev. 5 — 28 April 2015
Product data sheet
Table 1.
Discrete pinning
Pin
Description
Simplified outline
Symbol
1
anode
top view
2
cathode
3
common connection
Table 2.
Ordering information
Type number Package
Name
Description
Version
BAP64-04
-
plastic surface-mounted package; 3 leads
SOT23


Podobny numer części - BAP64-04_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Quanzhou Jinmei Electro...
BAP64-04 JMNIC-BAP64-04_15 Datasheet
61Kb / 8P
   Silicon PIN diode
More results

Podobny opis - BAP64-04_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com