Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BAP64-05W Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części BAP64-05W
Szczegółowy opis  Silicon PIN diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAP64-05W Arkusz danych(HTML) 3 Page - NXP Semiconductors

  BAP64-05W_15 Datasheet HTML 1Page - NXP Semiconductors BAP64-05W_15 Datasheet HTML 2Page - NXP Semiconductors BAP64-05W_15 Datasheet HTML 3Page - NXP Semiconductors BAP64-05W_15 Datasheet HTML 4Page - NXP Semiconductors BAP64-05W_15 Datasheet HTML 5Page - NXP Semiconductors BAP64-05W_15 Datasheet HTML 6Page - NXP Semiconductors BAP64-05W_15 Datasheet HTML 7Page - NXP Semiconductors BAP64-05W_15 Datasheet HTML 8Page - NXP Semiconductors BAP64-05W_15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
BAP64-05W
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 2 — 28 April 2015
3 of 9
NXP Semiconductors
BAP64-05W
Silicon PIN diode
[1]
Guaranteed on AQL basis: inspection level S4, AQL 1.0.
7.1 Graphical data
rD
diode forward resistance
see Figure 2; f = 100 MHz;
[1]
IF =0.5 mA
-
20
40
IF =1mA
-
10
20
IF =10mA
-
2.0
3.8
IF = 100 mA
-
0.7
1.35
L
charge carrier life time
when switched from IF =10mA to
IR =6mA; RL = 100 ; measured at
IR =3mA
-1.55
-
s
LS
series inductance
-
1.2
-
nH
Table 7.
Characteristics …continued
Values are specified per diode; Tj = 25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
f=1MHz; Tj =25 C.
f = 100 MHz; Tj =25 C.
Fig 1.
Diode capacitance as a function of reverse
voltage; typical values
Fig 2.
Forward resistance as a function of forward
current; typical values


Podobny numer części - BAP64-05W_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Quanzhou Jinmei Electro...
BAP64-05W JMNIC-BAP64-05W_15 Datasheet
65Kb / 8P
   Silicon PIN diode
More results

Podobny opis - BAP64-05W_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com