Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1PS66SB82_1PS88SB82 Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części 1PS66SB82_1PS88SB82
Szczegółowy opis  15 V, 30 mA low Cd Schottky barrier diodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1PS66SB82_1PS88SB82 Arkusz danych(HTML) 2 Page - NXP Semiconductors

  1PS66SB82_1PS88SB82_15 Datasheet HTML 1Page - NXP Semiconductors 1PS66SB82_1PS88SB82_15 Datasheet HTML 2Page - NXP Semiconductors 1PS66SB82_1PS88SB82_15 Datasheet HTML 3Page - NXP Semiconductors 1PS66SB82_1PS88SB82_15 Datasheet HTML 4Page - NXP Semiconductors 1PS66SB82_1PS88SB82_15 Datasheet HTML 5Page - NXP Semiconductors 1PS66SB82_1PS88SB82_15 Datasheet HTML 6Page - NXP Semiconductors 1PS66SB82_1PS88SB82_15 Datasheet HTML 7Page - NXP Semiconductors 1PS66SB82_1PS88SB82_15 Datasheet HTML 8Page - NXP Semiconductors 1PS66SB82_1PS88SB82_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
1PS66SB82_1PS88SB82_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 13 January 2010
2 of 10
NXP Semiconductors
1PS66SB82; 1PS88SB82
15 V, 30 mA low Cd Schottky barrier diodes
2.
Pinning information
3.
Ordering information
4.
Marking
[1]
* = -: made in Hong Kong
* = p: made in Hong Kong
* = t: made in Malaysia
* = W: made in China
5.
Limiting values
Table 3.
Pinning
Pin
Description
Simplified outline
Symbol
1
anode (diode 1)
2
anode (diode 2)
3
anode (diode 3)
4
cathode (diode 3)
5
cathode (diode 2)
6
cathode (diode 1)
001aab555
6
4
5
1
3
2
6
1
5
2
4
3
sym046
Table 4.
Ordering information
Type number
Package
Name
Description
Version
1PS66SB82
-
plastic surface mounted package; 6 leads
SOT666
1PS88SB82
SC-88
plastic surface mounted package; 6 leads
SOT363
Table 5.
Marking codes
Type number
Marking code
1PS66SB82
N5
1PS88SB82
E1*
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VR
continuous reverse voltage
-
15
V
IF
continuous forward current
-
30
mA
Tj
junction temperature
-
125
°C
Tamb
ambient temperature
−65
+125
°C
Tstg
storage temperature
−65
+150
°C


Podobny numer części - 1PS66SB82_1PS88SB82_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
1PS66SB82 PHILIPS-1PS66SB82 Datasheet
116Kb / 10P
   15 V, 30 mA low Cd Schottky barrier diodes
Rev. 04-13 January 2010
1PS66SB82 NXP-1PS66SB82 Datasheet
116Kb / 10P
   15 V, 30 mA low Cd Schottky barrier diodes
Rev. 04-13 January 2010
1PS66SB82 NXP-1PS66SB82 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Nexperia B.V. All right...
1PS66SB82 NEXPERIA-1PS66SB82 Datasheet
697Kb / 10P
   15 V, 30 mA low Cd Schottky barrier diodes
Rev. 04 - 13 January 2010
More results

Podobny opis - 1PS66SB82_1PS88SB82_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
1PS66SB82 NEXPERIA-1PS66SB82 Datasheet
697Kb / 10P
   15 V, 30 mA low Cd Schottky barrier diodes
Rev. 04 - 13 January 2010
logo
NXP Semiconductors
1PS66SB82 PHILIPS-1PS66SB82 Datasheet
116Kb / 10P
   15 V, 30 mA low Cd Schottky barrier diodes
Rev. 04-13 January 2010
1PS66SB82 NXP-1PS66SB82 Datasheet
116Kb / 10P
   15 V, 30 mA low Cd Schottky barrier diodes
Rev. 04-13 January 2010
1PSXSB17 PHILIPS-1PSXSB17_15 Datasheet
56Kb / 8P
   4 V, 30 mA low Cd Schottky barrier diode
Rev. 06-4 April 2005
1PS79SB63 PHILIPS-1PS79SB63 Datasheet
53Kb / 10P
   5 V, 20 mA low Cd Schottky barrier diodes
Rev. 02-3 December 2004
1PS66SB17 PHILIPS-1PS66SB17 Datasheet
49Kb / 8P
   4 V, 30 mA low Cd Schottky barrier diode
Rev. 06-4 April 2005
logo
Nexperia B.V. All right...
BAT54GW NEXPERIA-BAT54GW Datasheet
679Kb / 12P
   30 V, 200 mA Schottky barrier diodes
1PS76SB17 NEXPERIA-1PS76SB17 Datasheet
187Kb / 8P
   4 V, 30 mA low capacitance Schottky barrier diode
27 December 2022
1PS66SB17 NEXPERIA-1PS66SB17 Datasheet
180Kb / 7P
   4 V, 30 mA low capacitance Schottky barrier diode
27 December 2022
1PS79SB17 NEXPERIA-1PS79SB17 Datasheet
175Kb / 7P
   4 V, 30 mA low capacitance Schottky barrier diode
27 December 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com