Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BAS16LD Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części BAS16LD
Szczegółowy opis  Single high-speed switching diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAS16LD Arkusz danych(HTML) 3 Page - NXP Semiconductors

  BAS16LD_15 Datasheet HTML 1Page - NXP Semiconductors BAS16LD_15 Datasheet HTML 2Page - NXP Semiconductors BAS16LD_15 Datasheet HTML 3Page - NXP Semiconductors BAS16LD_15 Datasheet HTML 4Page - NXP Semiconductors BAS16LD_15 Datasheet HTML 5Page - NXP Semiconductors BAS16LD_15 Datasheet HTML 6Page - NXP Semiconductors BAS16LD_15 Datasheet HTML 7Page - NXP Semiconductors BAS16LD_15 Datasheet HTML 8Page - NXP Semiconductors BAS16LD_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
BAS16LD
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 12 October 2010
3 of 11
NXP Semiconductors
BAS16LD
Single high-speed switching diode
5.
Limiting values
[1]
Device mounted on an FR4 PCB with 60
μm copper strip line.
[2]
Tj =25 °C prior to surge.
[3]
Reflow soldering is the only recommended soldering method.
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB with 60
μm copper strip line.
[2]
Reflow soldering is the only recommended soldering method.
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VRRM
repetitive peak reverse
voltage
-100
V
VR
reverse voltage
-
100
V
IF
forward current
[1]
215
mA
IFRM
repetitive peak forward
current
tp ≤ 0.5 μs;
δ≤ 0.25
-500
mA
IFSM
non-repetitive peak forward
current
square wave
[2]
tp =1 μs-
4
A
tp =1ms
-
1
A
tp =1s
-
0.5
A
Ptot
total power dissipation
Tamb ≤ 25 °C
[1][3] -250
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−55
+150
°C
Tstg
storage temperature
−65
+150
°C
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1][2] -
-
500
K/W


Podobny numer części - BAS16LD_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BAS16LD NXP-BAS16LD Datasheet
270Kb / 11P
   Single high-speed switching diode
Rev. 1-12 October 2010
logo
Nexperia B.V. All right...
BAS16LD NEXPERIA-BAS16LD Datasheet
733Kb / 11P
   Single high-speed switching diode
Rev. 1 - 12 October 2010
More results

Podobny opis - BAS16LD_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
PMBD914 PHILIPS-PMBD914_15 Datasheet
73Kb / 10P
   Single high-speed switching diode
Rev. 06-11 February 2009
logo
Nexperia B.V. All right...
BAS16LD NEXPERIA-BAS16LD Datasheet
733Kb / 11P
   Single high-speed switching diode
Rev. 1 - 12 October 2010
BAS21J NEXPERIA-BAS21J Datasheet
551Kb / 10P
   Single high-speed switching diode
Rev. 01 - 8 March 2007
logo
NXP Semiconductors
BAS16J NXP-BAS16J Datasheet
191Kb / 10P
   Single high-speed switching diode
Rev. 01 - 8 March 2007
BAS16LD NXP-BAS16LD Datasheet
270Kb / 11P
   Single high-speed switching diode
Rev. 1-12 October 2010
PMBD914 NXP-PMBD914 Datasheet
66Kb / 10P
   Single high-speed switching diode
Rev. 05-26 November 2007
PMBD914 NXP-PMBD914_09 Datasheet
73Kb / 10P
   Single high-speed switching diode
Rev. 06-11 February 2009
BAS21J NXP-BAS21J Datasheet
59Kb / 10P
   Single high-speed switching diode
Rev. 01 - 8 March 2007
logo
Nexperia B.V. All right...
BAS16QA NEXPERIA-BAS16QA Datasheet
691Kb / 12P
   Single high-speed switching diode
BAS21J-Q NEXPERIA-BAS21J-Q Datasheet
184Kb / 8P
   Single high-speed switching diode
11 May 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com