Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BAT54H Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części BAT54H
Szczegółowy opis  Schottky barrier single diode in small SOD123F package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAT54H Arkusz danych(HTML) 3 Page - NXP Semiconductors

  BAT54H_15 Datasheet HTML 1Page - NXP Semiconductors BAT54H_15 Datasheet HTML 2Page - NXP Semiconductors BAT54H_15 Datasheet HTML 3Page - NXP Semiconductors BAT54H_15 Datasheet HTML 4Page - NXP Semiconductors BAT54H_15 Datasheet HTML 5Page - NXP Semiconductors BAT54H_15 Datasheet HTML 6Page - NXP Semiconductors BAT54H_15 Datasheet HTML 7Page - NXP Semiconductors BAT54H_15 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NXP Semiconductors
BAT54H
Schottky barrier single diode in small SOD123F package
BAT54H
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
25 July 2012
3 / 8
[1] Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2] Soldering point of cathode tab.
7. Characteristics
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF = 0.1 mA; pulsed; tp ≤ 300 µs;
δ ≤ 0.02 ; Tamb = 25 °C
-
-
240
mV
IF = 1 mA; pulsed; tp ≤ 300 µs;
δ ≤ 0.02 ; Tamb = 25 °C
-
-
320
mV
IF = 10 mA; pulsed; tp ≤ 300 µs;
δ ≤ 0.02 ; Tamb = 25 °C
-
-
400
mV
IF = 30 mA; pulsed; tp ≤ 300 µs;
δ ≤ 0.02 ; Tamb = 25 °C
-
-
500
mV
VF
forward voltage
IF = 100 mA; pulsed; tp ≤ 300 µs;
δ ≤ 0.02 ; Tamb = 25 °C
-
-
800
mV
IR
reverse current
VR = 25 V; Tamb = 25 °C
-
-
2
µA
Cd
diode capacitance
f = 1 MHz; Tamb = 25 °C; VR = 1 V
-
-
10
pF
103
102
10- 1
IF
(mA)
VF (V)
10
1
1.2
0.8
0.4
0
msa892
(3)
(2)
(1)
(3)
(2)
(1)
(1) Tamb = 125 °C
(2) Tamb = 85 °C
(3) Tamb = 25 °C
Fig. 1. Forward current as a function of forward
voltage; typical values
0
10
20
30
VR (V)
103
102
10- 1
IR
(µA)
10
1
(1)
(2)
(3)
msa893
(1) Tamb = 125 °C
(2) Tamb = 85 °C
(3) Tamb = 25 °C
Fig. 2. Reverse current as a function of reverse
voltage; typical values


Podobny numer części - BAT54H_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SeCoS Halbleitertechnol...
BAT54H SECOS-BAT54H_15 Datasheet
224Kb / 2P
   Surface Mount Schottky Barrier Diode
More results

Podobny opis - BAT54H_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BAT54H PHILIPS-BAT54H Datasheet
48Kb / 8P
   Schottky barrier single diode in small SOD123F package
Rev. 01-7 April 2005
logo
Nexperia B.V. All right...
BAT54H NEXPERIA-BAT54H Datasheet
1Mb / 8P
   Schottky barrier single diode in small SOD123F package
25 July 2012
logo
NXP Semiconductors
BAS40H PHILIPS-BAS40H Datasheet
58Kb / 8P
   General-purpose Schottky diode in small SOD123F package
Rev. 01-25 April 2005
BAS21H PHILIPS-BAS21H Datasheet
52Kb / 9P
   Single high-voltage switching diode in small SOD123F package
Rev. 01-11 April 2005
BAS116H PHILIPS-BAS116H Datasheet
51Kb / 9P
   75 V, low leakage diode in small SOD123F package
Rev. 01-11 April 2005
BAS16H PHILIPS-BAS16H Datasheet
55Kb / 10P
   High-speed switching diode in SOD123F package
Rev. 01-15 April 2005
BZT52H NXP-BZT52H_10 Datasheet
126Kb / 13P
   Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
BZT52H-C20 PHILIPS-BZT52H-C20 Datasheet
126Kb / 13P
   Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
BZT52H-B39 PHILIPS-BZT52H-B39 Datasheet
137Kb / 13P
   Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
BZT52H PHILIPS-BZT52H Datasheet
289Kb / 10P
   Single Zener diodes in a SOD123F package
Rev. 01-22 December 2005
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com