Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRL6283MPBF Arkusz danych(PDF) 3 Page - International Rectifier

Numer części IRL6283MPBF
Szczegółowy opis  Environmentally Friendly Product
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRL6283MPBF Arkusz danych(HTML) 3 Page - International Rectifier

  IRL6283MPBF Datasheet HTML 1Page - International Rectifier IRL6283MPBF Datasheet HTML 2Page - International Rectifier IRL6283MPBF Datasheet HTML 3Page - International Rectifier IRL6283MPBF Datasheet HTML 4Page - International Rectifier IRL6283MPBF Datasheet HTML 5Page - International Rectifier IRL6283MPBF Datasheet HTML 6Page - International Rectifier IRL6283MPBF Datasheet HTML 7Page - International Rectifier IRL6283MPBF Datasheet HTML 8Page - International Rectifier IRL6283MPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
September 24, 2014
IRL6283MTRPbF
Fig 3. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient 
Absolute Maximum Ratings
Parameter
Max.
Units
PD @TA = 25°C
Power Dissipation 
2.1
W
PD @TA = 70°C
Power Dissipation 
1.3
PD @TC = 25°C
Power Dissipation 
63
TP
Peak Soldering Temperature
270
°C
TJ
Operating Junction and
-40 to + 150
TSTG
Storage Temperature Range
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJA
Junction-to-Ambient 
–––
60
RθJC
Junction-to-Case 
–––
1.97
RθJ-PCB
Junction-to-PCB Mounted
1.0
–––
Linear Derating Factor 
0.02
W/°C
RθJA
Junction-to-Ambient 
12.5
–––
RθJA
Junction-to-Ambient 
20
–––
°C/W
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
10
100
1000
t1 , Rectangular Pulse Duration (sec)
0.0001
0.001
0.01
0.1
1
10
100
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthja + Tc
Surface mounted on 1 in. square Cu board, steady state.
TC measured with thermocouple mounted to top (Drain) of part.

Used double sided cooling , mounting pad with large heat sink.

Mounted on minimum footprint full size board with metalized
back and with small clip heat sink.
Rθ is measured at TJ of approximately 90°C.


Podobny numer części - IRL6283MPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRL6283MTRPBF IRF-IRL6283MTRPBF Datasheet
508Kb / 9P
   Load switch for battery application
More results

Podobny opis - IRL6283MPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Laird Tech Smart Techno...
MS3 LSTD-MS3 Datasheet
541Kb / 2P
   Environmentally friendly
logo
TE Connectivity Ltd
PCB-PB TEC-PCB-PB Datasheet
228Kb / 2P
   Environmentally-friendly cadmium-free contacts
logo
Laird Tech Smart Techno...
AA-100-24-44-00-XX LSTD-AA-100-24-44-00-XX Datasheet
1Mb / 3P
   Environmentally friendly solid state operation ??no compressor or CFC refrigerants
ML-1KA LSTD-ML-1KA Datasheet
586Kb / 2P
   Environmentally green
logo
List of Unclassifed Man...
WB15L ETC2-WB15L Datasheet
353Kb / 5P
   Environmentally Sealed Pushbuttons
logo
Nihon Kaiheiki Industry...
WR11AS NKK-WR11AS Datasheet
214Kb / 5P
   Environmentally Sealed Rockers
WT11S NKK-WT11S Datasheet
432Kb / 6P
   Environmentally Sealed Toggles
WB12S-DA NKK-WB12S-DA Datasheet
179Kb / 4P
   Environmentally Sealed Pushbuttons
logo
Anaren Microwave
X3C07P1-04S ANAREN-X3C07P1-04S Datasheet
1,018Kb / 19P
   Production Friendly
X3C09P1-05S ANAREN-X3C09P1-05S Datasheet
954Kb / 17P
   Production Friendly
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com