Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRL6297SDPBF Arkusz danych(PDF) 1 Page - International Rectifier

Numer części IRL6297SDPBF
Szczegółowy opis  Charge and Discharge Switch for Battery Application
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRL6297SDPBF Arkusz danych(HTML) 1 Page - International Rectifier

  IRL6297SDPBF_15 Datasheet HTML 1Page - International Rectifier IRL6297SDPBF_15 Datasheet HTML 2Page - International Rectifier IRL6297SDPBF_15 Datasheet HTML 3Page - International Rectifier IRL6297SDPBF_15 Datasheet HTML 4Page - International Rectifier IRL6297SDPBF_15 Datasheet HTML 5Page - International Rectifier IRL6297SDPBF_15 Datasheet HTML 6Page - International Rectifier IRL6297SDPBF_15 Datasheet HTML 7Page - International Rectifier IRL6297SDPBF_15 Datasheet HTML 8Page - International Rectifier IRL6297SDPBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Typical values (unless otherwise specified)
Notes:
 Click on this section to link to the appropriate technical paper.
‚ Click on this section to link to the DirectFET Website.
ƒ Surface mounted on 1 in. square Cu board, steady state.
„ TC measured with thermocouple mounted to top (Drain) of part.
… Repetitive rating; pulse width limited by max. junction temperature.
Applicable DirectFET Outline and Substrate Outline (see p.7,8 for details)

DirectFET® Dual N-Channel Power MOSFET
‚
Fig 1. Typical On-Resistance vs. Gate Voltage
Fig 2. Typical Total Gate Charge vs Gate-to-Source Voltage
Features and Benefits
l Environmentaly Friendly Product
l RoHs Compliant, Halogen Free
l Dual Common-Drain N-Channel MOSFETs Provides
High Level of Integration and Very Low RDS(on)
Applications
l Charge and Discharge Switch for Battery Application
l Isolation Switch for Input Power or Battery Application
DirectFET®ISOMETRIC
SA
Description
The IRL6297SDPbF combines the latest HEXFET® N-Channel Power MOSFET Silicon technology with the advanced DirectFET®
packaging to achieve the lowest on-state resistance in a package that has the footprint smaller than an SO-8 and only 0.6 mm profile. The
DirectFET® package is compatible with existing layout geometries used in power applications, PCB assembly equipment and vapor phase,
infra-red or convection soldering techniques, when application note AN-1035 is followed regarding the manufacturing methods and
processes. The DirectFET® package allows dual sided cooling to maximize thermal transfer in power systems, improving previous best
thermal resistance by 80%.
SQ
SX
ST
SA
MQ
MX
MT
MP
MC
0
1
2
3
4
5
6
7
8
9 10 11 12
VGS, Gate -to -Source Voltage (V)
0
5
10
15
20
ID = 15A
TJ = 25°C
TJ = 125°C
0
1020
3040506070
QG Total Gate Charge (nC)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
VDS= 16V
VDS= 10V
VDS= 4.0V
ID= 12A
D
D
S
G
S
G
VDSS
VGS
RDS(on)
RDS(on)
20V max ±12V max 3.8m
Ω@4.5V 5.4mΩ@2.5V
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V e
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
e
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V f
IDM
Pulsed Drain Current
g
Max.
12
58
140
±12
20
15
V
A
Qg tot
Qgd
Qgs2
Qrr
Qoss Vgs(th)
27nC
9.5nC
1.4nC
21nC
15nC
0.80V
1
www.irf.com © 2013 International Rectifier
September 5, 2013
IRL6297SDPbF
Form
Quantity
IRL6297SDPbF
DirectFET Small Can
Tape and Reel
4800
IRL6297SDTRPbF
Base Part Number
Package Type
Standard Pack
Orderable part number


Podobny numer części - IRL6297SDPBF_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRL620 IRF-IRL620 Datasheet
452Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)=0.80ohm, Id=5.2A)
logo
Vishay Siliconix
IRL620 VISHAY-IRL620 Datasheet
1Mb / 8P
   Power MOSFET
S-Pending-Rev. A, 17-Jul-08
IRL620 VISHAY-IRL620 Datasheet
2Mb / 9P
   Power MOSFET
Rev. C, 21-Mar-11
IRL620 VISHAY-IRL620 Datasheet
2Mb / 9P
   Power MOSFET
09-Jul-2021
IRL620 VISHAY-IRL620 Datasheet
1Mb / 9P
   Power MOSFET
01-Jan-2022
More results

Podobny opis - IRL6297SDPBF_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRFH6200TRPBF IRF-IRFH6200TRPBF Datasheet
212Kb / 8P
   Charge and discharge switch for battery application
IRLHS2242PBF IRF-IRLHS2242PBF_15 Datasheet
270Kb / 9P
   Charge and Discharge Switch for Battery Application
IRF9317PBF IRF-IRF9317PBF Datasheet
225Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
logo
Infineon Technologies A...
IRFHM8330PBF INFINEON-IRFHM8330PBF Datasheet
628Kb / 11P
   Charge and Discharge Switch for Notebook PC Battery Application
2016-2-23
logo
International Rectifier
IRF9358PBF IRF-IRF9358PBF Datasheet
280Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
IRF9310PBF IRF-IRF9310PBF_15 Datasheet
283Kb / 8P
   CHARGE AND DISCHARGE SWITCH FOR NOTEBOOK PC BATTERY APPLICATION
IRF9321TRPBF IRF-IRF9321TRPBF Datasheet
275Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
IRFHM8326PBF IRF-IRFHM8326PBF Datasheet
270Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
IRFHM8330PBF IRF-IRFHM8330PBF Datasheet
379Kb / 9P
   Charge and Discharge Switch for Notebook PC Battery Application
IRF9328TRPBF IRF-IRF9328TRPBF Datasheet
320Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com