Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRL6297SDPBF Arkusz danych(PDF) 8 Page - International Rectifier

Numer części IRL6297SDPBF
Szczegółowy opis  Charge and Discharge Switch for Battery Application
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRL6297SDPBF Arkusz danych(HTML) 8 Page - International Rectifier

  IRL6297SDPBF Datasheet HTML 1Page - International Rectifier IRL6297SDPBF Datasheet HTML 2Page - International Rectifier IRL6297SDPBF Datasheet HTML 3Page - International Rectifier IRL6297SDPBF Datasheet HTML 4Page - International Rectifier IRL6297SDPBF Datasheet HTML 5Page - International Rectifier IRL6297SDPBF Datasheet HTML 6Page - International Rectifier IRL6297SDPBF Datasheet HTML 7Page - International Rectifier IRL6297SDPBF Datasheet HTML 8Page - International Rectifier IRL6297SDPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
IRL6297SDPbF
www.irf.com © 2013 International Rectifier
September 5, 2013
8
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/
DirectFET® Outline Dimension, SA Outline
(Small Size Can, A-Designation).
Please see DirectFET application note AN-1035 for all details regarding the assembly of DirectFET. This includes all
recommendations for stencil and substrate designs.
DirectFET® Part Marking
CODE
A
B
C
D
E
F
G
H
J
K
L
M
R
P
0.016
0.0031
0.007
0.112
0.018
MAX
0.191
0.156
0.38
0.02
0.08
2.75
0.35
MIN
4.75
3.70
0.42
0.08
0.17
2.85
0.45
MAX
4.85
3.95
0.015
0.003
0.0008
0.108
0.014
MIN
0.146
0.187
METRIC
IMPERIAL
DIMENSIONS
0.041
0.085
0.020
0.95
2.05
0.48
1.05
2.15
0.52
0.081
0.037
0.019
0.68
0.72
0.83
0.87
0.034
0.033
0.028
0.027
0.020
0.48
0.52
0.019
J1
0.044
1.08
1.12
0.043
0.028
0.59
0.70
0.023
GATE MARKING
PART NUMBER
LOGO
BATCH NUMBER
DATE CODE
Line above the last character of
the date code indicates "Lead-Free"


Podobny numer części - IRL6297SDPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRL620 IRF-IRL620 Datasheet
452Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)=0.80ohm, Id=5.2A)
logo
Vishay Siliconix
IRL620 VISHAY-IRL620 Datasheet
1Mb / 8P
   Power MOSFET
S-Pending-Rev. A, 17-Jul-08
IRL620 VISHAY-IRL620 Datasheet
2Mb / 9P
   Power MOSFET
Rev. C, 21-Mar-11
IRL620 VISHAY-IRL620 Datasheet
2Mb / 9P
   Power MOSFET
09-Jul-2021
IRL620 VISHAY-IRL620 Datasheet
1Mb / 9P
   Power MOSFET
01-Jan-2022
More results

Podobny opis - IRL6297SDPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRFH6200TRPBF IRF-IRFH6200TRPBF Datasheet
212Kb / 8P
   Charge and discharge switch for battery application
IRLHS2242PBF IRF-IRLHS2242PBF_15 Datasheet
270Kb / 9P
   Charge and Discharge Switch for Battery Application
IRF9317PBF IRF-IRF9317PBF Datasheet
225Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
logo
Infineon Technologies A...
IRFHM8330PBF INFINEON-IRFHM8330PBF Datasheet
628Kb / 11P
   Charge and Discharge Switch for Notebook PC Battery Application
2016-2-23
logo
International Rectifier
IRF9358PBF IRF-IRF9358PBF Datasheet
280Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
IRF9310PBF IRF-IRF9310PBF_15 Datasheet
283Kb / 8P
   CHARGE AND DISCHARGE SWITCH FOR NOTEBOOK PC BATTERY APPLICATION
IRF9321TRPBF IRF-IRF9321TRPBF Datasheet
275Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
IRFHM8326PBF IRF-IRFHM8326PBF Datasheet
270Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
IRFHM8330PBF IRF-IRFHM8330PBF Datasheet
379Kb / 9P
   Charge and Discharge Switch for Notebook PC Battery Application
IRF9328TRPBF IRF-IRF9328TRPBF Datasheet
320Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com