Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRL8114PBF Arkusz danych(PDF) 1 Page - International Rectifier

Numer części IRL8114PBF
Szczegółowy opis  Optimized for UPS/Inverter Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRL8114PBF Arkusz danych(HTML) 1 Page - International Rectifier

  IRL8114PBF_15 Datasheet HTML 1Page - International Rectifier IRL8114PBF_15 Datasheet HTML 2Page - International Rectifier IRL8114PBF_15 Datasheet HTML 3Page - International Rectifier IRL8114PBF_15 Datasheet HTML 4Page - International Rectifier IRL8114PBF_15 Datasheet HTML 5Page - International Rectifier IRL8114PBF_15 Datasheet HTML 6Page - International Rectifier IRL8114PBF_15 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
IRL8114PbF
Application
 Optimized for UPS/Inverter Applications
 Low Voltage Power Tools
Benefits
 Low RDS(on) at 4.5V VGS
 Low Gate Charge
 Fully Characterized Capacitance and Avalanche SOA
 Lead-Free
TO-220AB
IRL8114PbF
S
D
G
G
D
S
Gate
Drain
Source
Base part number
Package Type
Standard Pack
Orderable Part Number
Form
Quantity
IRL8114PbF
TO-220
Tube
50
IRL8114PbF
Absolute Maximum Rating
Symbol
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
120 
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
85
A
IDM
Pulsed Drain Current 
440 
 
PD @TC = 25°C
Maximum Power Dissipation
115
W
PD @TC = 100°C
Maximum Power Dissipation
58
Linear Derating Factor
0.77
W/°C
VGS
Gate-to-Source Voltage
± 20
V
TJ
TSTG
Operating Junction and
Storage Temperature Range
-55 to + 175  
°C  
Soldering Temperature, for 10 seconds (1.6mm from case)
300
Mounting Torque, 6-32 or M3 Screw
10 lbf·in (1.1 N·m)
 
Thermal Resistance  
Symbol
Parameter
Typ.
Max.
Units
RJC
Junction-to-Case 
–––
1.3
°C/W  
RCS
Case-to-Sink, Flat Greased Surface
0.50
–––
RJA
Junction-to-Ambient
–––
62
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Package Limited)
90
Notes  through are on page 7
1
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
March 11, 2015
HEXFET® Power MOSFET
D
S
G
VDSS
30V
RDS(on) typ.
3.5m

max
4.5m

ID (Silicon Limited)
120A
ID (Package Limited)
90A
 


Podobny numer części - IRL8114PBF_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
IRL8114 ISC-IRL8114 Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
More results

Podobny opis - IRL8114PBF_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRLB8721PBF IRF-IRLB8721PBF_15 Datasheet
272Kb / 9P
   Optimized for UPS/Inverter Applications
IRLB8743PBF IRF-IRLB8743PBF_15 Datasheet
271Kb / 9P
   Optimized for UPS/Inverter Applications
IRLB8748PBF IRF-IRLB8748PBF_15 Datasheet
270Kb / 9P
   Optimized for UPS/Inverter Applications
IRFR8314PBF IRF-IRFR8314PBF_15 Datasheet
549Kb / 9P
   Optimized for UPS/Inverter Applications
logo
Infineon Technologies A...
IRLB4132PBF INFINEON-IRLB4132PBF Datasheet
2Mb / 9P
   Optimized for UPS/Inverter Applications
2019-08-14
logo
International Rectifier
IRLB8314PBF IRF-IRLB8314PBF_15 Datasheet
697Kb / 8P
   Optimized for UPS/Inverter Applications
IRLB4132PBF IRF-IRLB4132PBF Datasheet
251Kb / 9P
   Optimized for UPS/Inverter Applications
logo
Infineon Technologies A...
IRLB3813PBF INFINEON-IRLB3813PBF Datasheet
248Kb / 9P
   Optimized for UPS/Inverter Applications
07/03/09
logo
International Rectifier
IRLB3813PBF IRF-IRLB3813PBF_15 Datasheet
248Kb / 9P
   Optimized for UPS/Inverter Applications
logo
Infineon Technologies A...
IRLB8748PBF INFINEON-IRLB8748PBF Datasheet
270Kb / 9P
   Optimized for UPS/Inverter Applications
04/22/09
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com