Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BAT960 Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części BAT960
Szczegółowy opis  Schottky barrier diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAT960 Arkusz danych(HTML) 3 Page - NXP Semiconductors

  BAT960_15 Datasheet HTML 1Page - NXP Semiconductors BAT960_15 Datasheet HTML 2Page - NXP Semiconductors BAT960_15 Datasheet HTML 3Page - NXP Semiconductors BAT960_15 Datasheet HTML 4Page - NXP Semiconductors BAT960_15 Datasheet HTML 5Page - NXP Semiconductors BAT960_15 Datasheet HTML 6Page - NXP Semiconductors BAT960_15 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2003 May 01
3
NXP Semiconductors
Product data sheet
Schottky barrier diode
BAT960
THERMAL CHARACTERISTICS
Notes
1.
Refer to SOT666 standard mounting conditions.
2.
Mounted on printed circuit-board, 1 cm2 copper area.
Soldering
The only recommended soldering method is reflow soldering.
CHARACTERISTICS
Tamb = 25 °C unless otherwise specified.
Notes
1.
Only valid, if pins 1, 2, 5 and 6 are soldered on a 1 cm2 copper solder land.
2.
Pulse test: tp = 300 μs; δ = 0.02.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
405
K/W
note 2
215
K/W
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
VF
continuous forward voltage
IF = 10 mA
240
270
mV
IF = 100 mA
300
350
mV
IF = 1000 mA; note 1; see Fig.2 480
550
mV
IR
reverse current
VR = 5 V; note 2
5
10
μA
VR = 8 V; note 2
7
20
μA
VR = 15 V; note 2; see Fig.3
10
50
μA
Cd
diode capacitance
VR = 5 V; f = 1 MHz; see Fig.4
19
25
pF


Podobny numer części - BAT960_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BAT960 PHILIPS-BAT960 Datasheet
52Kb / 8P
   Schottky barrier diode
2003 May 01
logo
Nexperia B.V. All right...
BAT960 NEXPERIA-BAT960 Datasheet
348Kb / 8P
   Schottky barrier diode
2003 May 01
More results

Podobny opis - BAT960_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com