Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRLHS6376PBF Arkusz danych(PDF) 9 Page - International Rectifier

Numer części IRLHS6376PBF
Szczegółowy opis  Compatible with Existing Surface Mount Techniques
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRLHS6376PBF Arkusz danych(HTML) 9 Page - International Rectifier

  IRLHS6376PBF Datasheet HTML 1Page - International Rectifier IRLHS6376PBF Datasheet HTML 2Page - International Rectifier IRLHS6376PBF Datasheet HTML 3Page - International Rectifier IRLHS6376PBF Datasheet HTML 4Page - International Rectifier IRLHS6376PBF Datasheet HTML 5Page - International Rectifier IRLHS6376PBF Datasheet HTML 6Page - International Rectifier IRLHS6376PBF Datasheet HTML 7Page - International Rectifier IRLHS6376PBF Datasheet HTML 8Page - International Rectifier IRLHS6376PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
IRLHS6376PbF
9
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
January 21, 2014
†
Qualification standards can be found at International Rectifier’s web site
http://www.irf.com/product-info/reliability
†† Applicable version of JEDEC standard at the time of product release.
MS L1
(per JEDEC J-S T D-020D†† )
RoHS compliant
Yes
PQFN Dual 2mm x 2mm
Qualification information
Moisture Sensitivity Level
Qualification level
Industrial
(per JEDEC JES D47F
†† guidelines )
IR WORLD HEADQUARTERS: 101 N. Sepulveda Blvd., El Segundo, California 90245, USA
To contact International Rectifier, please visit http://www.irf.com/whoto-call/
Revision History
Date
Comment
1/20/2014 • Updated ordering information to reflect the End-Of-Life (EOL) of the mini-reel option (EOL notice #259).
• Updated data sheet with the new IR corporate template.
• Updated the qual level from Consumer to Industrial, on page 9.


Podobny numer części - IRLHS6376PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRLHS6376PBF IRF-IRLHS6376PBF Datasheet
231Kb / 9P
   HEXFET Power MOSFET
More results

Podobny opis - IRLHS6376PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF6674TR1PBF IRF-IRF6674TR1PBF Datasheet
255Kb / 9P
   Compatible with existing Surface Mount Techniques
IRF6635TR1PBF IRF-IRF6635TR1PBF Datasheet
253Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFH8321PBF IRF-IRFH8321PBF_15 Datasheet
238Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFML8244PBF IRF-IRFML8244PBF_15 Datasheet
202Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFHM4231PBF IRF-IRFHM4231PBF_15 Datasheet
572Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFHM8228PBF IRF-IRFHM8228PBF_15 Datasheet
672Kb / 10P
   Compatible with Existing Surface Mount Techniques
IRFHM9391PBF IRF-IRFHM9391PBF_15 Datasheet
564Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML2244PBF IRF-IRLML2244PBF_15 Datasheet
240Kb / 10P
   Compatible with existing Surface Mount Techniques
IRLML2246PBF-1 IRF-IRLML2246PBF-1_15 Datasheet
204Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML6401PBF-1 IRF-IRLML6401PBF-1_15 Datasheet
195Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML6402PBF-1 IRF-IRLML6402PBF-1_15 Datasheet
193Kb / 8P
   Compatible with Existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com