Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRLIZ34NPBF Arkusz danych(PDF) 8 Page - International Rectifier

Numer części IRLIZ34NPBF
Szczegółowy opis  ADVANCED PROCESS TECHNOLOGY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRLIZ34NPBF Arkusz danych(HTML) 8 Page - International Rectifier

  IRLIZ34NPBF Datasheet HTML 1Page - International Rectifier IRLIZ34NPBF Datasheet HTML 2Page - International Rectifier IRLIZ34NPBF Datasheet HTML 3Page - International Rectifier IRLIZ34NPBF Datasheet HTML 4Page - International Rectifier IRLIZ34NPBF Datasheet HTML 5Page - International Rectifier IRLIZ34NPBF Datasheet HTML 6Page - International Rectifier IRLIZ34NPBF Datasheet HTML 7Page - International Rectifier IRLIZ34NPBF Datasheet HTML 8Page - International Rectifier IRLIZ34NPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
IRLIZ34NPbF
TO-220 Full-Pak Package Outline
Dimensions are shown in millimeters (inches)
TO-220 Full-Pak Part Marking Information
W IT H ASSE MB L Y
E XAMP L E : T H IS IS AN IR F I8 40G
L OT COD E 3 432
AS S E M B L E D ON W W 24 199 9
IN T H E AS S E MB LY LIN E "K "
PAR T N U M B E R
LOT COD E
AS S E M B L Y
IN T E R N AT ION AL
R E CT IF IE R
LOGO
34
3 2
924 K
IR F I8 40 G
DAT E CODE
Y E AR 9 = 199 9
WE E K 24
LIN E K
Note: "P" in assembly line
position indicates "Lead-Free"
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.06/04


Podobny numer części - IRLIZ34NPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRLIZ34NPBF IRF-IRLIZ34NPBF Datasheet
255Kb / 8P
   HEXFET Power MOSFET
More results

Podobny opis - IRLIZ34NPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com