Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX1497 Arkusz danych(PDF) 4 Page - Maxim Integrated Products

Numer części MAX1497
Szczegółowy opis  3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers and 關C Interface
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1497 Arkusz danych(HTML) 4 Page - Maxim Integrated Products

  MAX1497 Datasheet HTML 1Page - Maxim Integrated Products MAX1497 Datasheet HTML 2Page - Maxim Integrated Products MAX1497 Datasheet HTML 3Page - Maxim Integrated Products MAX1497 Datasheet HTML 4Page - Maxim Integrated Products MAX1497 Datasheet HTML 5Page - Maxim Integrated Products MAX1497 Datasheet HTML 6Page - Maxim Integrated Products MAX1497 Datasheet HTML 7Page - Maxim Integrated Products MAX1497 Datasheet HTML 8Page - Maxim Integrated Products MAX1497 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
3.5- and 4.5-Digit, Single-Chip ADCs with LED
Drivers and µC Interface
4
_______________________________________________________________________________________
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Capacitance
10
pF
Average Dynamic Input Current
(Note 6)
-20
+20
nA
CHARGE PUMP
Output Voltage
VNEG
CVNEG = 0.1µF
-2.60
-2.42
-2.30
V
DIGITAL INPUTS (SCLK, DIN,
CS, CLK)
Input Current
IIN
VIN = 0 or DVDD = VDD
-10
+10
µA
MAX1499
0.3 x
DVDD
Input Low Voltage
VINL
MAX1497
0.3 x
VDD
V
MAX1499
0.7 x
DVDD
Input High Voltage
VINH
MAX1497
0.7 x
VDD
V
Input Hysteresis
VHYS
DVDD = VDD = 3.0V
200
mV
DIGITAL OUTPUTS (DOUT,
EOC)
Output Low Voltage
VOL
ISINK = 1mA
0.4
V
ISOURCE = 200µA, MAX1499
0.8 x
DVDD
Output High Voltage
VOH
ISOURCE = 200µA, MAX1497
0.8 x
VDD
V
Tri-State Leakage Current
IL
DOUT only
-1
+1
µA
Tri-State Output Capacitance
COUT
DOUT only
15
pF
POWER SUPPLY (Note 10)
VDD Voltage
VDD
MAX1497
2.70
5.25
V
AVDD Voltage
AVDD
MAX1499
2.70
5.25
V
DVDD Voltage
DVDD
MAX1499
2.70
5.25
V
Power-Supply Rejection VDD
PSRR
(Note 7)
80
dB
Power-Supply Rejection AVDD
PSRRA
(Note 7)
80
dB
Power-Supply Rejection DVDD
PSRRD
(Note 7)
100
dB
VDD = 5.25V
664
744
VDD = 3.3V
618
663
VDD Current (Notes 8, 9)
IVDD
Standby mode
268
325
µA
AVDD = 5.25V
640
AVDD = 3.3V
600
AVDD Current (Notes 8, 9)
IAVDD
Standby mode
305
µA
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = DVDD = VDD = +2.7V to +5.25V, GND = 0, GLED = 0, VLED = +2.7V to +5.25V, VREF+ - VREF- = 2.048V (external reference)
CREF+ = CREF- = 0.1µF, CVNEG = 0.1µF. Internal clock mode, unless otherwise noted. All specifications are at TA = TMIN to TMAX.
Typical values are at TA = +25°C, unless otherwise noted.)


Podobny numer części - MAX1497

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
MAX14970 MAXIM-MAX14970 Datasheet
599Kb / 13P
   Eye Diagram Test Circuit with SMA Inputs/Outputs
Rev 0; 9/13
MAX14970 MAXIM-MAX14970 Datasheet
1Mb / 12P
   Ruggedized 6Gbps SATA Redriver with High ESD and Extended Temperature Operation
19-6479; Rev 0; 3/13
MAX14970ETP++ MAXIM-MAX14970ETP+ Datasheet
1Mb / 12P
   Ruggedized 6Gbps SATA Redriver with High ESD and Extended Temperature Operation
19-6479; Rev 0; 3/13
MAX14970EVKIT MAXIM-MAX14970EVKIT Datasheet
599Kb / 13P
   Eye Diagram Test Circuit with SMA Inputs/Outputs
Rev 0; 9/13
MAX14970EVKIT# MAXIM-MAX14970EVKIT# Datasheet
599Kb / 13P
   Eye Diagram Test Circuit with SMA Inputs/Outputs
Rev 0; 9/13
More results

Podobny opis - MAX1497

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
MAX1447 MAXIM-MAX1447 Datasheet
907Kb / 24P
   3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers
Rev 0; 1/04
MAX1492 MAXIM-MAX1492 Datasheet
748Kb / 35P
   3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
Rev 3; 5/04
MAX1491 MAXIM-MAX1491_V01 Datasheet
489Kb / 25P
   3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
2004
MAX1492 MAXIM-MAX1492_V01 Datasheet
485Kb / 34P
   3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
2010
MAX1491 MAXIM-MAX1491 Datasheet
723Kb / 25P
   3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
Rev 0; 10/03
MAX1366 MAXIM-MAX1366 Datasheet
937Kb / 36P
   Microcontroller-Interface, 4.5-/3.5-Digit Panel Meters with 4??0mA Output
Rev 0; 1/06
logo
NXP Semiconductors
NE594 PHILIPS-NE594 Datasheet
97Kb / 6P
   Digit and/or segment drivers
August 31, 1994
logo
Fairchild Semiconductor
FAN5622 FAIRCHILD-FAN5622 Datasheet
1Mb / 13P
   Linear LED Drivers with Single-Wire Digital Interface
logo
ON Semiconductor
FAN5622 ONSEMI-FAN5622 Datasheet
1Mb / 13P
   Linear LED Drivers with Single-Wire Digital Interface
June, 2021 -Rev. 2
logo
Intersil Corporation
ICM7211 INTERSIL-ICM7211 Datasheet
83Kb / 12P
   4-Digit, ICM7211 (LCD) and ICM7212 (LED) Display Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com