Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRLML2244PBF Arkusz danych(PDF) 3 Page - International Rectifier

Numer części IRLML2244PBF
Szczegółowy opis  Compatible with existing Surface Mount Techniques
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRLML2244PBF Arkusz danych(HTML) 3 Page - International Rectifier

  IRLML2244PBF Datasheet HTML 1Page - International Rectifier IRLML2244PBF Datasheet HTML 2Page - International Rectifier IRLML2244PBF Datasheet HTML 3Page - International Rectifier IRLML2244PBF Datasheet HTML 4Page - International Rectifier IRLML2244PBF Datasheet HTML 5Page - International Rectifier IRLML2244PBF Datasheet HTML 6Page - International Rectifier IRLML2244PBF Datasheet HTML 7Page - International Rectifier IRLML2244PBF Datasheet HTML 8Page - International Rectifier IRLML2244PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IRLML2244TRPbF
www.irf.com
3
Fig 3. Typical Transfer Characteristics
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 4. Normalized On-Resistance
Vs. Temperature
0.1
1
10
100
-V DS, Drain-to-Source Voltage (V)
0.1
1
10
100
VGS
TOP
-10V
-4.5V
-3.0V
-2.5V
-2.3V
-2.0V
-1.8V
BOTTOM
-1.5V
≤60μs PULSE WIDTH
Tj = 25°C
-1.5V
0.1
1
10
100
-V DS, Drain-to-Source Voltage (V)
0.1
1
10
100
VGS
TOP
-10V
-4.5V
-3.0V
-2.5V
-2.3V
-2.0V
-1.8V
BOTTOM
-1.5V
≤60μs PULSE WIDTH
Tj = 150°C
-1.5V
1.0
1.5
2.0
2.5
3.0
-VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
TJ = 25°C
TJ = 150°C
VDS = -15V
≤60μs PULSE WIDTH
-60 -40 -20 0 20 40 60 80 100 120 140 160
TJ , Junction Temperature (°C)
0.9
1.1
1.3
ID = -4.3A
VGS = -4.5V


Podobny numer części - IRLML2244PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shanghai Leiditech Elec...
IRLML2244 LEIDITECH-IRLML2244 Datasheet
2Mb / 5P
   -20V P-Channel Enhancement Mode MOSFET
Rev : 01.07.2021
logo
Guangdong Youtai Semico...
IRLML2244 UMW-IRLML2244 Datasheet
513Kb / 8P
   System/Load Switch
IRLML2244TR UMW-IRLML2244TR Datasheet
513Kb / 8P
   System/Load Switch
logo
International Rectifier
IRLML2244TRPBF IRF-IRLML2244TRPBF Datasheet
240Kb / 10P
   HEXFETpower MOSFET
logo
ZP Semiconductor
IRLML2244TRPBF ZPSEMI-IRLML2244TRPBF Datasheet
315Kb / 2P
   HEXFETPower MOSFET
More results

Podobny opis - IRLML2244PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF6674TR1PBF IRF-IRF6674TR1PBF Datasheet
255Kb / 9P
   Compatible with existing Surface Mount Techniques
IRF6635TR1PBF IRF-IRF6635TR1PBF Datasheet
253Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFH8321PBF IRF-IRFH8321PBF_15 Datasheet
238Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFML8244PBF IRF-IRFML8244PBF_15 Datasheet
202Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFHM4231PBF IRF-IRFHM4231PBF_15 Datasheet
572Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFHM8228PBF IRF-IRFHM8228PBF_15 Datasheet
672Kb / 10P
   Compatible with Existing Surface Mount Techniques
IRFHM9391PBF IRF-IRFHM9391PBF_15 Datasheet
564Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML2246PBF-1 IRF-IRLML2246PBF-1_15 Datasheet
204Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML6401PBF-1 IRF-IRLML6401PBF-1_15 Datasheet
195Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML6402PBF-1 IRF-IRLML6402PBF-1_15 Datasheet
193Kb / 8P
   Compatible with Existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com