Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRLML5203PBF Arkusz danych(PDF) 1 Page - International Rectifier

Numer części IRLML5203PBF
Szczegółowy opis  Ultra Low On-Resistance
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRLML5203PBF Arkusz danych(HTML) 1 Page - International Rectifier

  IRLML5203PBF_15 Datasheet HTML 1Page - International Rectifier IRLML5203PBF_15 Datasheet HTML 2Page - International Rectifier IRLML5203PBF_15 Datasheet HTML 3Page - International Rectifier IRLML5203PBF_15 Datasheet HTML 4Page - International Rectifier IRLML5203PBF_15 Datasheet HTML 5Page - International Rectifier IRLML5203PBF_15 Datasheet HTML 6Page - International Rectifier IRLML5203PBF_15 Datasheet HTML 7Page - International Rectifier IRLML5203PBF_15 Datasheet HTML 8Page - International Rectifier IRLML5203PBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Parameter
Max.
Units
VDS
Drain- Source Voltage
-30
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ -10V
-3.0
ID @ TA= 70°C
Continuous Drain Current, VGS @ -10V
-2.4
A
IDM
Pulsed Drain Current

-24
PD @TA = 25°C
Power Dissipation
1.25
PD @TA = 70°C
Power Dissipation
0.80
Linear Derating Factor
10
mW/°C
VGS
Gate-to-Source Voltage
± 20
V
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Parameter
Max.
Units
RθJA
Maximum Junction-to-Ambient
ƒ
100
°C/W
Thermal Resistance
Absolute Maximum Ratings
W
HEXFET® Power MOSFET
These P-channel MOSFETs from International Rectifier utilize
advanced processing techniques to achieve the extremely low
on-resistance per silicon area. This benefit provides the
designer with an extremely efficient device for use in battery
and load management applications.
A thermally enhanced large pad leadframe has been
incorporated into the standard SOT-23 package to produce a
HEXFET Power MOSFET with the industry's smallest footprint.
This package, dubbed the Micro3TM, is ideal for applications
where printed circuit board space is at a premium. The low
profile (<1.1mm) of the Micro3 allows it to fit easily into
extremely thin application environments such as portable
electronics and PCMCIA cards. The thermal resistance and
power dissipation are the best available.
Description
l Ultra Low On-Resistance
l
P-Channel MOSFET
l Surface Mount
l Available in Tape & Reel
l Low Gate Charge
l Lead-Free
l RoHS Compliant, Halogen-Free
VDSS
RDS(on) max (mW)
ID
-30V
98@VGS = -10V
-3.0A
165@VGS = -4.5V
-2.6A
S
G 1
2
D
3
Micro3TM
IRLML5203PbF
Form
Quantity
IRLML5203TRPbF
Micro3™ (SOT-23)
Tape and Reel
3000
IRLML5203TRPbF
Package Type
Standard Pack
Orderable Part Number
Base Part Number
1
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
April 28, 2014


Podobny numer części - IRLML5203PBF_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRLML5203PBF IRF-IRLML5203PBF Datasheet
186Kb / 9P
   HEXFET짰Power MOSFET
More results

Podobny opis - IRLML5203PBF_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
   Ultra Low On-Resistance
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
   Ultra Low On-Resistance
AUIRFN7107 ETC2-AUIRFN7107 Datasheet
544Kb / 10P
   Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
   Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
   Ultra Low On-Resistance
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
   Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
   Ultra Low On-Resistance
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
   ULTRA LOW ON RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com