Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRLML9301PBF Arkusz danych(PDF) 7 Page - International Rectifier

Numer części IRLML9301PBF
Szczegółowy opis  Compatible with existing Surface Mount Techniques
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRLML9301PBF Arkusz danych(HTML) 7 Page - International Rectifier

Back Button IRLML9301PBF_15 Datasheet HTML 2Page - International Rectifier IRLML9301PBF_15 Datasheet HTML 3Page - International Rectifier IRLML9301PBF_15 Datasheet HTML 4Page - International Rectifier IRLML9301PBF_15 Datasheet HTML 5Page - International Rectifier IRLML9301PBF_15 Datasheet HTML 6Page - International Rectifier IRLML9301PBF_15 Datasheet HTML 7Page - International Rectifier IRLML9301PBF_15 Datasheet HTML 8Page - International Rectifier IRLML9301PBF_15 Datasheet HTML 9Page - International Rectifier IRLML9301PBF_15 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IRLML9301TRPbF
www.irf.com
7
Fig 15. Typical Threshold Voltage Vs.
Junction Temperature
Fig 16. Typical Power Vs. Time
1E-005 0.0001 0.001
0.01
0.1
1
10
Time (sec)
0
20
40
60
80
100
-75 -50 -25
0
25
50
75 100 125 150
TJ , Temperature ( °C )
0.5
1.0
1.5
2.0
2.5
ID = -10uA
ID = -25uA
ID = -250uA


Podobny numer części - IRLML9301PBF_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRLML9301TRPBF IRF-IRLML9301TRPBF Datasheet
239Kb / 10P
   HEXFET Power MOSFET
logo
ZP Semiconductor
IRLML9301TRPBF ZPSEMI-IRLML9301TRPBF Datasheet
301Kb / 2P
   HEXFETPower MOSFET
logo
VBsemi Electronics Co.,...
IRLML9301TRPBF VBSEMI-IRLML9301TRPBF Datasheet
1Mb / 9P
   P-Channel 30 V (D-S) MOSFET
logo
TECH PUBLIC Electronics...
IRLML9301TRPBF TECHPUBLIC-IRLML9301TRPBF Datasheet
3Mb / 3P
   P-Channel 20-V(D-S) MOSFET
More results

Podobny opis - IRLML9301PBF_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF6674TR1PBF IRF-IRF6674TR1PBF Datasheet
255Kb / 9P
   Compatible with existing Surface Mount Techniques
IRF6635TR1PBF IRF-IRF6635TR1PBF Datasheet
253Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFH8321PBF IRF-IRFH8321PBF_15 Datasheet
238Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFML8244PBF IRF-IRFML8244PBF_15 Datasheet
202Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFHM4231PBF IRF-IRFHM4231PBF_15 Datasheet
572Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFHM8228PBF IRF-IRFHM8228PBF_15 Datasheet
672Kb / 10P
   Compatible with Existing Surface Mount Techniques
IRFHM9391PBF IRF-IRFHM9391PBF_15 Datasheet
564Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML2244PBF IRF-IRLML2244PBF_15 Datasheet
240Kb / 10P
   Compatible with existing Surface Mount Techniques
IRLML2246PBF-1 IRF-IRLML2246PBF-1_15 Datasheet
204Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML6401PBF-1 IRF-IRLML6401PBF-1_15 Datasheet
195Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML6402PBF-1 IRF-IRLML6402PBF-1_15 Datasheet
193Kb / 8P
   Compatible with Existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com