Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BYC10-600P Arkusz danych(PDF) 1 Page - NXP Semiconductors

Numer części BYC10-600P
Szczegółowy opis  Hyperfast power diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYC10-600P Arkusz danych(HTML) 1 Page - NXP Semiconductors

  BYC10-600P_15 Datasheet HTML 1Page - NXP Semiconductors BYC10-600P_15 Datasheet HTML 2Page - NXP Semiconductors BYC10-600P_15 Datasheet HTML 3Page - NXP Semiconductors BYC10-600P_15 Datasheet HTML 4Page - NXP Semiconductors BYC10-600P_15 Datasheet HTML 5Page - NXP Semiconductors BYC10-600P_15 Datasheet HTML 6Page - NXP Semiconductors BYC10-600P_15 Datasheet HTML 7Page - NXP Semiconductors BYC10-600P_15 Datasheet HTML 8Page - NXP Semiconductors BYC10-600P_15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
BYC10-600P
Hyperfast power diode
10 February 2014
Product data sheet
Scan or click this QR code to view the latest information for this product
1. General description
Hyperfast power diode in a SOD59 (2-lead TO-220AC) plastic package.
2. Features and benefits
Fast switching
Low leakage current
Low reverse recovery current
Low thermal resistance
Reduces switching losses in associated MOSFET or IGBT
3. Applications
Active PFC in air conditioner
High frequency switched-mode power supplies
Continuous Current Mode (CCM) Power Factor Correction (PFC)
4. Quick reference data
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRRM
repetitive peak reverse
voltage
-
-
600
V
IF(AV)
average forward
current
δ = 0.5; Tmb ≤ 127 °C; square-wave
pulse; Fig. 1; Fig. 2; Fig. 3
-
-
10
A
Static characteristics
VF
forward voltage
IF = 10 A; Tj = 150 °C; Fig. 6
-
1.3
2
V
Dynamic characteristics
trr
reverse recovery time
IF = 1 A; VR = 30 V; dIF/dt = 200 A/µs;
Tj = 25 °C; Fig. 7
-
12
18
ns


Podobny numer części - BYC10-600P_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
WeEn Semiconductors
BYC10-600P WEEN-BYC10-600P Datasheet
436Kb / 10P
   Hyperfast power diode
More results

Podobny opis - BYC10-600P_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BYC8D-600 PHILIPS-BYC8D-600_15 Datasheet
162Kb / 11P
   Hyperfast power diode
Rev. 01-27 December 2010
BYC20D-600P PHILIPS-BYC20D-600P_15 Datasheet
186Kb / 9P
   Hyperfast power diode
10 February 2014
BYC20X-600P PHILIPS-BYC20X-600P_15 Datasheet
185Kb / 9P
   Hyperfast power diode
4 February 2013
BYC8-600P PHILIPS-BYC8-600P_15 Datasheet
182Kb / 9P
   Hyperfast power diode
3 January 2014
logo
WeEn Semiconductors
BYC5-1200P WEEN-BYC5-1200P Datasheet
338Kb / 10P
   Hyperfast power diode
BYC5D-500 WEEN-BYC5D-500 Datasheet
434Kb / 12P
   Hyperfast power diode
BYC5DX-500 WEEN-BYC5DX-500 Datasheet
367Kb / 12P
   Hyperfast power diode
BYC8-1200P WEEN-BYC8-1200P Datasheet
339Kb / 10P
   Hyperfast power diode
BYC15X-600P WEEN-BYC15X-600P Datasheet
452Kb / 10P
   Hyperfast power diode
BYC20D-600P WEEN-BYC20D-600P Datasheet
432Kb / 10P
   Hyperfast power diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com