Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BYC10DX-600 Arkusz danych(PDF) 8 Page - NXP Semiconductors

Numer części BYC10DX-600
Szczegółowy opis  Hyperfast power diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYC10DX-600 Arkusz danych(HTML) 8 Page - NXP Semiconductors

Back Button BYC10DX-600_15 Datasheet HTML 4Page - NXP Semiconductors BYC10DX-600_15 Datasheet HTML 5Page - NXP Semiconductors BYC10DX-600_15 Datasheet HTML 6Page - NXP Semiconductors BYC10DX-600_15 Datasheet HTML 7Page - NXP Semiconductors BYC10DX-600_15 Datasheet HTML 8Page - NXP Semiconductors BYC10DX-600_15 Datasheet HTML 9Page - NXP Semiconductors BYC10DX-600_15 Datasheet HTML 10Page - NXP Semiconductors BYC10DX-600_15 Datasheet HTML 11Page - NXP Semiconductors BYC10DX-600_15 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
BYC10DX-600
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 30 June 2011
8 of 12
NXP Semiconductors
BYC10DX-600
Hyperfast power diode
8.
Package outline
Fig 8.
Package outline SOD113 (TO-220F)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOD113
2-lead TO-220F
SOD113
02-04-09
07-06-18
Notes
1. Terminals are uncontrolled within zone L1.
2. z is depth of T.
UNIT
A
mm
4.6
4.0
2.9
2.5
0.9
0.7
0.7
0.4
15.8
15.2
10.3
9.7
5.08
2.7
1.7
0.6
0.4
3.3
2.8
2.55
0.4
2.6
A1
DIMENSIONS (mm are the original dimensions)
Plastic single-ended package; isolated heatsink mounted;
1 mounting hole; 2-lead TO-220 'full pack'
0
10
20 mm
scale
b
b1
1.1
0.9
c
D
E
e
HE
max
19.0
L2
max
0.5
j
k
L
14.4
13.5
L1(1)
m
6.5
6.3
P
3.2
3.0
Qq
2.6
2.3
T
w
z(2)
0.8
A
A1
c
Q
k
j
m
z
e
w M
12
b
E
P
b1
q
D
T
HE
L
L1(1)
L2


Podobny numer części - BYC10DX-600_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
WeEn Semiconductors
BYC10DX-600 WEEN-BYC10DX-600 Datasheet
366Kb / 12P
   Hyperfast power diode
logo
Inchange Semiconductor ...
BYC10DX-600 ISC-BYC10DX-600 Datasheet
290Kb / 2P
   Fast Recovery Rectifier
More results

Podobny opis - BYC10DX-600_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BYC8D-600 PHILIPS-BYC8D-600_15 Datasheet
162Kb / 11P
   Hyperfast power diode
Rev. 01-27 December 2010
BYC10-600P PHILIPS-BYC10-600P_15 Datasheet
186Kb / 9P
   Hyperfast power diode
10 February 2014
BYC20D-600P PHILIPS-BYC20D-600P_15 Datasheet
186Kb / 9P
   Hyperfast power diode
10 February 2014
BYC20X-600P PHILIPS-BYC20X-600P_15 Datasheet
185Kb / 9P
   Hyperfast power diode
4 February 2013
BYC8-600P PHILIPS-BYC8-600P_15 Datasheet
182Kb / 9P
   Hyperfast power diode
3 January 2014
logo
WeEn Semiconductors
BYC5-1200P WEEN-BYC5-1200P Datasheet
338Kb / 10P
   Hyperfast power diode
BYC5D-500 WEEN-BYC5D-500 Datasheet
434Kb / 12P
   Hyperfast power diode
BYC5DX-500 WEEN-BYC5DX-500 Datasheet
367Kb / 12P
   Hyperfast power diode
BYC8-1200P WEEN-BYC8-1200P Datasheet
339Kb / 10P
   Hyperfast power diode
BYC15X-600P WEEN-BYC15X-600P Datasheet
452Kb / 10P
   Hyperfast power diode
BYC20D-600P WEEN-BYC20D-600P Datasheet
432Kb / 10P
   Hyperfast power diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com