Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BYC10X-600P Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części BYC10X-600P
Szczegółowy opis  Hyperfast power diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYC10X-600P Arkusz danych(HTML) 2 Page - NXP Semiconductors

  BYC10X-600P_15 Datasheet HTML 1Page - NXP Semiconductors BYC10X-600P_15 Datasheet HTML 2Page - NXP Semiconductors BYC10X-600P_15 Datasheet HTML 3Page - NXP Semiconductors BYC10X-600P_15 Datasheet HTML 4Page - NXP Semiconductors BYC10X-600P_15 Datasheet HTML 5Page - NXP Semiconductors BYC10X-600P_15 Datasheet HTML 6Page - NXP Semiconductors BYC10X-600P_15 Datasheet HTML 7Page - NXP Semiconductors BYC10X-600P_15 Datasheet HTML 8Page - NXP Semiconductors BYC10X-600P_15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NXP Semiconductors
BYC10X-600P
Hyperfast power diode
BYC10X-600P
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved
Product data sheet
9 May 2014
2 / 9
5. Pinning information
Table 2.
Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
K
cathode
2
A
anode
mb
n.c.
mounting base; isolated
2
1
mb
TO-220F (SOD113A)
A
001aaa020
K
6. Ordering information
Table 3.
Ordering information
Package
Type number
Name
Description
Version
BYC10X-600P
TO-220F
plastic single-ended package; isolated heatsink mounted; 1
mounting hole; 2-lead TO-220F "full pack"
SOD113A
7. Marking
Table 4.
Marking codes
Type number
Marking code
BYC10X-600P
BYC10X-600P
8. Limiting values
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VRRM
repetitive peak reverse voltage
-
600
V
VRWM
crest working reverse voltage
-
600
V
VR
reverse voltage
DC
-
600
V
IF(AV)
average forward current
δ = 0.5; Th ≤ 61 °C; square-wave pulse;
Fig. 1; Fig. 2; Fig. 3
-
10
A
IFRM
repetitive peak forward current δ = 0.5; tp = 25 µs; Th ≤ 61 °C; square-
wave pulse
-
20
A


Podobny numer części - BYC10X-600P_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
WeEn Semiconductors
BYC10X-600P WEEN-BYC10X-600P Datasheet
460Kb / 10P
   Hyperfast power diode
logo
Inchange Semiconductor ...
BYC10X-600P ISC-BYC10X-600P Datasheet
307Kb / 2P
   Ultrafast Rectifier
More results

Podobny opis - BYC10X-600P_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BYC8D-600 PHILIPS-BYC8D-600_15 Datasheet
162Kb / 11P
   Hyperfast power diode
Rev. 01-27 December 2010
BYC10-600P PHILIPS-BYC10-600P_15 Datasheet
186Kb / 9P
   Hyperfast power diode
10 February 2014
BYC20D-600P PHILIPS-BYC20D-600P_15 Datasheet
186Kb / 9P
   Hyperfast power diode
10 February 2014
BYC20X-600P PHILIPS-BYC20X-600P_15 Datasheet
185Kb / 9P
   Hyperfast power diode
4 February 2013
BYC8-600P PHILIPS-BYC8-600P_15 Datasheet
182Kb / 9P
   Hyperfast power diode
3 January 2014
logo
WeEn Semiconductors
BYC5-1200P WEEN-BYC5-1200P Datasheet
338Kb / 10P
   Hyperfast power diode
BYC5D-500 WEEN-BYC5D-500 Datasheet
434Kb / 12P
   Hyperfast power diode
BYC5DX-500 WEEN-BYC5DX-500 Datasheet
367Kb / 12P
   Hyperfast power diode
BYC8-1200P WEEN-BYC8-1200P Datasheet
339Kb / 10P
   Hyperfast power diode
BYC15X-600P WEEN-BYC15X-600P Datasheet
452Kb / 10P
   Hyperfast power diode
BYC20D-600P WEEN-BYC20D-600P Datasheet
432Kb / 10P
   Hyperfast power diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com