Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BYQ28E-200E Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części BYQ28E-200E
Szczegółowy opis  Dual ultrafast power diodes
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYQ28E-200E Arkusz danych(HTML) 5 Page - NXP Semiconductors

  BYQ28E-200E_15 Datasheet HTML 1Page - NXP Semiconductors BYQ28E-200E_15 Datasheet HTML 2Page - NXP Semiconductors BYQ28E-200E_15 Datasheet HTML 3Page - NXP Semiconductors BYQ28E-200E_15 Datasheet HTML 4Page - NXP Semiconductors BYQ28E-200E_15 Datasheet HTML 5Page - NXP Semiconductors BYQ28E-200E_15 Datasheet HTML 6Page - NXP Semiconductors BYQ28E-200E_15 Datasheet HTML 7Page - NXP Semiconductors BYQ28E-200E_15 Datasheet HTML 8Page - NXP Semiconductors BYQ28E-200E_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
BYQ28E-200E
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 14 July 2011
5 of 11
NXP Semiconductors
BYQ28E-200E
Dual ultrafast power diodes
6.
Characteristics
Table 6.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
VF
forward voltage
IF =5A; Tj =25 °C; see Figure 4
-
0.95
1.1
V
IF =5A; Tj = 150 °C; see Figure 4
-
0.8
0.895
V
IF =10A; Tj =25°C; see Figure 4
-
1.1
1.25
V
IR
reverse current
VR = 200 V; Tj =25°C
-
2
10
µA
VR = 200 V; Tj = 100 °C
-
0.1
0.2
mA
Dynamic characteristics
Qr
recovered charge
IF =2A; VR ≥ 30 V; dIF/dt = 20 A/µs;
Tj = 25 °C; see Figure 5
-
49nC
trr
reverse recovery time
IF =1A; VR =30V; dIF/dt = 100 A/µs;
ramp recovery; Tj =25°C; see Figure 5
-
1525ns
IF =0.5 A; IR = 1 A; step recovery;
Tj = 25 °C; see Figure 6
-
1020ns
IRM
peak reverse recovery
current
IF =2A; VR ≥ 30 V; dIF/dt = 20 A/µs;
Tj = 25 °C; see Figure 5
-0.4
0.7
A
VFR
forward recovery voltage
IF =1A; dIF/dt = 10 A/µs; Tj =25°C;
see Figure 7
-1
-V
Fig 4.
Forward current as a function of forward
voltage
Fig 5.
Reverse recovery definitions; ramp recovery
001aag978
VF (V)
0
1.5
1.0
0.5
5
10
15
IF
(A)
0
(3)
(2)
(1)
003aac562
trr
time
100 %
25 %
IF
dlF
dt
IR
IRM
Qr


Podobny numer części - BYQ28E-200E_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
WeEn Semiconductors
BYQ28E-200E WEEN-BYQ28E-200E Datasheet
381Kb / 11P
   Dual ultrafast power diodes
More results

Podobny opis - BYQ28E-200E_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
WeEn Semiconductors
BYQ28E-200E WEEN-BYQ28E-200E Datasheet
381Kb / 11P
   Dual ultrafast power diodes
logo
NXP Semiconductors
BYV34-500 PHILIPS-BYV34-500_15 Datasheet
177Kb / 10P
   Dual ultrafast power diodes
4 June 2014
logo
WeEn Semiconductors
BYV32EB-200P WEEN-BYV32EB-200P Datasheet
383Kb / 10P
   Dual ultrafast power diodes
BYV410X-600P WEEN-BYV410X-600P Datasheet
525Kb / 10P
   Dual ultrafast power diodes
BYT28X-500 WEEN-BYT28X-500 Datasheet
362Kb / 10P
   Dual ultrafast power diodes
BYQ28ED-200PL WEEN-BYQ28ED-200PL Datasheet
375Kb / 10P
   Dual ultrafast power diodes
BYQ28X-200E WEEN-BYQ28X-200E Datasheet
394Kb / 10P
   Dual ultrafast power diodes
logo
NXP Semiconductors
BYV34 PHILIPS-BYV34 Datasheet
46Kb / 5P
   Dual rectifier diodes ultrafast
October 1998 Rev 1.400
BYV74F PHILIPS-BYV74F Datasheet
42Kb / 6P
   Dual rectifier diodes ultrafast
September 1998 Rev 1.300
logo
WeEn Semiconductors
BYV44 WEEN-BYV44 Datasheet
313Kb / 7P
   Dual rectifier diodes ultrafast
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com