Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BYQ72EK-200 Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części BYQ72EK-200
Szczegółowy opis  Dual ultrafast power diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYQ72EK-200 Arkusz danych(HTML) 4 Page - NXP Semiconductors

  BYQ72EK-200_15 Datasheet HTML 1Page - NXP Semiconductors BYQ72EK-200_15 Datasheet HTML 2Page - NXP Semiconductors BYQ72EK-200_15 Datasheet HTML 3Page - NXP Semiconductors BYQ72EK-200_15 Datasheet HTML 4Page - NXP Semiconductors BYQ72EK-200_15 Datasheet HTML 5Page - NXP Semiconductors BYQ72EK-200_15 Datasheet HTML 6Page - NXP Semiconductors BYQ72EK-200_15 Datasheet HTML 7Page - NXP Semiconductors BYQ72EK-200_15 Datasheet HTML 8Page - NXP Semiconductors BYQ72EK-200_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
NXP Semiconductors
BYQ72EK-200
Dual ultrafast power diode
BYQ72EK-200
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
14 May 2015
4 / 11
IF(AV) (A)
0
25
20
10
15
5
aaa-016846
10
15
5
20
25
Ptot
(W)
0
δ = 1
0.5
0.2
0.1
IF(AV) = IF(RMS) × √δ
Vo = 0.79 V; Rs = 0.008 Ω
Fig. 1. Forward power dissipation as a function of
average forward current; square waveform; per
diode; maximum values
IF(AV) (A)
0
15
10
5
aaa-016847
5
10
15
Ptot
(W)
0
a = 1.57
1.9
2.2
2.8
4.0
a = form factor = I F(RMS) / IF(AV)
Vo = 0.79 V; Rs = 0.008 Ω
Fig. 2. Forward power dissipation as a function of
average forward current; sinusoidal waveform;
per diode; maximum values
Tmb (°C)
-50
200
150
50
100
0
aaa-016848
10
5
15
20
IF(AV)
(A)
0
119 °C
Fig. 3. Average forward current as a function of
mounting base temperature; per diode;
maximum values
tp (s)
10-5
10-2
10-3
10-4
aaa-016849
103
102
104
IFSM
(A)
10
tp
Tj(init) = 25 °C max
IF
IFSM
t
Fig. 4. Non-repetitive peak forward current as a
function of pulse width; sinusoidal waveform;
per diode; maximum values


Podobny numer części - BYQ72EK-200_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
WeEn Semiconductors
BYQ72EK-200 WEEN-BYQ72EK-200 Datasheet
545Kb / 12P
   Dual ultrafast power diode
More results

Podobny opis - BYQ72EK-200_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BYV32E-200P PHILIPS-BYV32E-200P_15 Datasheet
174Kb / 10P
   Dual ultrafast power diode
14 May 2015
BYV32G-200 NXP-BYV32G-200 Datasheet
156Kb / 11P
   Dual ultrafast power diode
Rev. 01-11 January 2011
logo
WeEn Semiconductors
BYQ72EK-200 WEEN-BYQ72EK-200 Datasheet
545Kb / 12P
   Dual ultrafast power diode
BYV430J-600P WEEN-BYV430J-600P Datasheet
277Kb / 10P
   Dual ultrafast power diode
logo
NXP Semiconductors
BYV34-400 PHILIPS-BYV34-400_15 Datasheet
180Kb / 10P
   Dual ultrafast power diode
4 June 2014
logo
WeEn Semiconductors
BYV32E-200P WEEN-BYV32E-200P Datasheet
378Kb / 10P
   Dual ultrafast power diode
BYV74W-400 WEEN-BYV74W-400 Datasheet
719Kb / 11P
   Dual ultrafast power diode
BYV415J-600P WEEN-BYV415J-600P Datasheet
366Kb / 10P
   Dual ultrafast power diode
BYQ72EW-200 WEEN-BYQ72EW-200 Datasheet
412Kb / 11P
   Dual ultrafast power diode
BYQ30E-200 WEEN-BYQ30E-200 Datasheet
376Kb / 11P
   Dual ultrafast power diode
BYV415K-600P WEEN-BYV415K-600P Datasheet
234Kb / 12P
   Dual ultrafast power diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com