Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAS-1101 Arkusz danych(PDF) 1 Page - Level One

Numer części CAS-1101
Szczegółowy opis  5~50mm Vari-Focal Day/Night Lens
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LVL1 [Level One]
Strona internetowa  http://www.level1.com/
Logo LVL1 - Level One

CAS-1101 Arkusz danych(HTML) 1 Page - Level One

  CAS-1101 Datasheet HTML 1Page - Level One CAS-1101 Datasheet HTML 2Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image

5~50mm Vari-Focal
Day/Night Lens
CAS-1101
H/W Version: 1
1. 4-pin Auto-iris Connector
2. Monitor Distance Adjustment
3. Focal Length Adjustment
CAS-1101, a CS-mount vari-focal lens, is a great
accessory for any system installer using box-type
cameras. Its 10x optical zoom makes the long-
distanced surveillance particularly superior, offering
detailed image in wide-coverage deployment.
CAS-1101 has an F-1.4 auto-iris that adjusts
automatically to bring flexible light control to box-
type cameras, rendering the highest-quality images
available. This is useful for deployments using the
same cameras installed in several different lighting
environments like garages, warehouse loading docks,
street monitor, and etc. In addition, IR correction
feature avoids shifts of focus points in both visible and
infrared ranges, ensuring clear vision in day and night
surveillance.
Works Well With
FCS-1070
Day/Night Network Camera
FCS-1081A
PoE IP Network Camera
FCS-1091
Day/Night PoE IP Network Camera
WCS-2070
11g Wireless Day/Night Network
Camera
WCS-1090
11b/g Wireless Day/Night IP
Network Camera
1
2
3


Podobny numer części - CAS-1101

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Level One
CAS-1200 LVL1-CAS-1200 Datasheet
174Kb / 2P
   3~8mm Vari-Focal Lens
logo
List of Unclassifed Man...
CAS-120A ETC1-CAS-120A Datasheet
221Kb / 6P
   SLIDE SWITCHES
logo
Copal Electronics
CAS-120A COPAL-CAS-120A Datasheet
961Kb / 6P
   SLIDE SWITCHES
logo
List of Unclassifed Man...
CAS-120A1 ETC1-CAS-120A1 Datasheet
221Kb / 6P
   SLIDE SWITCHES
logo
Copal Electronics
CAS-120A1 COPAL-CAS-120A1 Datasheet
961Kb / 6P
   SLIDE SWITCHES
More results

Podobny opis - CAS-1101

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Level One
CAS-1200 LVL1-CAS-1200 Datasheet
174Kb / 2P
   3~8mm Vari-Focal Lens
WCS-6050 LVL1-WCS-6050 Datasheet
513Kb / 6P
   5-Megapixel Day/Night Wireless P/T Network Camera - IR LEDs
logo
ON Semiconductor
LC898201 ONSEMI-LC898201 Datasheet
418Kb / 16P
   Iris/Zoom/Focus/ Day-Night switching Drive Controller
August, 2014
logo
Moxa Inc.
06EC-2V MOXA-06EC-2V Datasheet
658Kb / 6P
   EN 50155, 1080p resolution, day & night outdoor IP cameras
logo
Level One
WCS-6020 LVL1-WCS-6020 Datasheet
491Kb / 6P
   2-Megapixel Day/Night Wireless P/T Network Camera - IR LEDs
FCS-5044 LVL1-FCS-5044 Datasheet
152Kb / 4P
   PTZ Network Camera, 2-Megapixel, 10x Optical Zoom, 802.3at PoE, Day & Night, WDR, Outdoor
FCS-3101 LVL1-FCS-3101 Datasheet
454Kb / 5P
   2-Megapixel (1920 x 1080) high-definition resolution Removable IR-cut filter for day and night surveillance
logo
Harris Corporation
F5032 HARRIS-F5032 Datasheet
179Kb / 2P
   LIGHTWEIGHT NIGHT VISION BINOCULAR
logo
Level One
CAS-1400 LVL1-CAS-1400 Datasheet
286Kb / 3P
   2-Megapixel (1600 x 1200) high-definition resolution 2.8 ~ 12 mm adjustable Vari-focal length for wide angle surveillance
logo
PHOENIX CONTACT
2701153 PHOENIX-2701153 Datasheet
62Kb / 3P
   Supports month-day-year, day-month-year, and year-month-day formats
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com