Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM1_4L-N-Z Arkusz danych(PDF) 4 Page - AIMTEC

Numer części AM1_4L-N-Z
Szczegółowy opis  1/4 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AIMTEC [AIMTEC]
Strona internetowa  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1_4L-N-Z Arkusz danych(HTML) 4 Page - AIMTEC

  AM1_4L-N-Z Datasheet HTML 1Page - AIMTEC AM1_4L-N-Z Datasheet HTML 2Page - AIMTEC AM1_4L-N-Z Datasheet HTML 3Page - AIMTEC AM1_4L-N-Z Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Series AM1/4L-NZ
1/4 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R8.J
4 of 4
North America only
Dimensions single and dual 3000VDC
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured.
3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified.
5. Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
6. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet.
7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com.
A
0.30
(0.01)
1.50
(0.06)
0.50
(0.02)
5.00º angle
A
7.50
(0.30)
7.00
(0.28)
6.70
(0.26)
Top View
Front View
Side View
6.25
(0.25)
1.85
(0.07)
15.24
(0.60)
0.50
(0.02)
2.54
(0.10)
1
11.20
(0.44)
6.00
(0.24)
4.13
(0.16)
0.25
(0.01)
All dimensions are in mm (inch)
All Pins are on a 2.54mm (0.10inch) pitch
with tolerance of ±0.25mm (0.01inch)


Podobny numer części - AM1_4L-N-Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AM1_4L-NZ AIMTEC-AM1_4L-NZ Datasheet
283Kb / 4P
   1/4 Watt | DC-DC Converter
AM1_4L-NZ AIMTEC-AM1_4L-NZ_13 Datasheet
293Kb / 4P
   1/4 Watt | DC-DC Converter
More results

Podobny opis - AM1_4L-N-Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AM1_4L-NZ AIMTEC-AM1_4L-NZ_13 Datasheet
293Kb / 4P
   1/4 Watt | DC-DC Converter
AM1_4L-NZ AIMTEC-AM1_4L-NZ Datasheet
283Kb / 4P
   1/4 Watt | DC-DC Converter
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
   1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com