Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM10C-4812S-FZ Arkusz danych(PDF) 2 Page - AIMTEC

Numer części AM10C-4812S-FZ
Szczegółowy opis  10 Watt | DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AIMTEC [AIMTEC]
Strona internetowa  https://aimtec.com
Logo AIMTEC - AIMTEC

AM10C-4812S-FZ Arkusz danych(HTML) 2 Page - AIMTEC

  AM10C-4812S-FZ Datasheet HTML 1Page - AIMTEC AM10C-4812S-FZ Datasheet HTML 2Page - AIMTEC AM10C-4812S-FZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Series AM10C-FZ
10 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R13
2 of 3
North America only
Input Specifications (continued)
Parameters
Nominal
Typical
Maximum
Units
Idle input Current
At OFF state
12
mA
Input reflected current
Nominal Vin and full load
53
mA p-p
Transient response settling time
50% load step change
1.3
ms
Transient response deviation
di/dt=0.8A/µs
≤5
%
3.3Vou
≤6
Isolation Specifications
Parameters
Conditions
Typical
Maximum
Units
Tested I/O voltage
1500
VDC
Resistance
500VDC
>1000
MOhm
Capacitance
1100
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±1
%
Over voltage protection
3.3 Vout
5 Vout
12 Vout
15 Vout
24 Vout
3.9
6.2
15
18
27
V
Short Circuit protection
Continuous
Short circuit restart
Auto-Recovery
Line voltage regulation
LL to HL at full load
±1
% of Vin
Load voltage regulation (Single)
1% to 100% load
±1
%
Load voltage regulation (Dual)
Balanced Load
±0.5
%
Unbalanced load 25% to 100% load
±5
%
Temperature coefficient
±0.02
%/oC
Ripple & Noise
20MHz Bandwidth
80
mV p-p
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
330
KHz
Operating temperature
With derating above 60°C
-40 to +85
oC
Storage temperature
-55 to +125
oC
Maximum case temperature
105
oC
Cooling
Natural convection
Humidity
95
% RH
Case material
Nickel-coated copper
Weight
17.4
g
Dimensions (L x W x H)
1 x 1 x 0.4 inches
25.4 x 25.4 x 10.2 mm
MTBF
>1,580,000 hrs (MIL-HDBK -217F, Ground Benign, t=+25°C)
Pin Out Specifications
Pin
Single
Dual
1
+V input
+V input
2
-V Input
-V Input
3
On/Off Control
On/Off Control
4
+V Output
+V Output
5
No Pin
Common
6
-V output
-V output


Podobny numer części - AM10C-4812S-FZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AM10C-2405S-NZ AIMTEC-AM10C-2405S-NZ Datasheet
633Kb / 4P
   DC-DC Converter
AM10C-2412S-NZ AIMTEC-AM10C-2412S-NZ Datasheet
633Kb / 4P
   DC-DC Converter
AM10C-2415S-NZ AIMTEC-AM10C-2415S-NZ Datasheet
633Kb / 4P
   DC-DC Converter
AM10C-2424S-NZ AIMTEC-AM10C-2424S-NZ Datasheet
633Kb / 4P
   DC-DC Converter
AM10C-NZ AIMTEC-AM10C-NZ Datasheet
633Kb / 4P
   DC-DC Converter
More results

Podobny opis - AM10C-4812S-FZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AM10T-IZ AIMTEC-AM10T-IZ Datasheet
265Kb / 3P
   10 Watt | DC-DC Converter
AM10CW-FZ AIMTEC-AM10CW-FZ Datasheet
121Kb / 3P
   10 Watt | DC-DC Converter
AM10TW-I-Z AIMTEC-AM10TW-I-Z Datasheet
268Kb / 3P
   10 Watt | DC-DC Converter
AM10W-NZ AIMTEC-AM10W-NZ Datasheet
149Kb / 4P
   10 Watt | DC-DC Converter
AM10E-Z AIMTEC-AM10E-Z Datasheet
172Kb / 4P
   10 Watt | DC-DC Converter
AM10EW-Z AIMTEC-AM10EW-Z_13 Datasheet
299Kb / 3P
   10 Watt | DC-DC Converter
AM10E-Z AIMTEC-AM10E-Z_13 Datasheet
502Kb / 4P
   10 Watt | DC-DC Converter
AM10EW-Z AIMTEC-AM10EW-Z Datasheet
285Kb / 3P
   10 Watt | DC-DC Converter
AM10EW-NZ AIMTEC-AM10EW-NZ Datasheet
331Kb / 3P
   10 Watt | DC-DC Converter
logo
Wall Industries,Inc.
EJR WALL-EJR Datasheet
127Kb / 3P
   10 Watt DC/DC Converter
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com