Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADAM-6015 Arkusz danych(PDF) 1 Page - Advantech Co., Ltd.

Numer części ADAM-6015
Szczegółowy opis  7-ch Isolated RTD Input Modbus TCP Module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ADVANTECH [Advantech Co., Ltd.]
Strona internetowa  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ADAM-6015 Arkusz danych(HTML) 1 Page - Advantech Co., Ltd.

  ADAM-6015 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ethernet I/O Modules
ADAM-6015
Specifications
Analog Input
ƒ
Channels
7 (differential)
ƒ
Input Impedance
> 10 M
ƒ
Input Connections
2 or 3 wire
ƒ
Input Type
Pt, Balco and Ni RTD
ƒ
RTD Types and Temperature Ranges
Pt 100
-50°C
~
150°C
0°C
~
100°C
0°C
~
200°C
0°C
~
400°C
-200°C
~
200°C
Pt 1000
-40°C
~
160°C
Supports both IEC 60751 ITS90 (0.03851 W/W/°C)
and JIS C 1604 (0.03916 W/W/°C)
Balco 500
-30°C
~
120°C
Ni 518
-80°C
~
100°C
0°C
~
100°C
ƒ
Accuracy
± 0.1 %
ƒ
Span Drift
± 25 ppm/°C
ƒ
Zero Drift
± 6 μV/°C
ƒ
Resolution
16-bit
ƒ
Sampling Rate
10 sample/ second (total)
CMR @ 50/60 HZ 90dB
NMR @ 50/60 HZ 60dB
ƒ
Wire Burn-out Detection
Ordering Information
ƒ
ADAM-6015
7-ch Isolated RTD Input
Modbus TCP Module
7-ch Isolated RTD Input Modbus TCP Module
8-ch Isolated Analog Input Modbus TCP Module
with 2-ch DO
8-ch Isolated Thermocouple Input Modbus TCP
Module with 8-ch DO
ADAM-6015
ADAM-6017
ADAM-6018
ADAM-6017
Specifications
Analog Input
ƒ
Channels
8 (differential)
ƒ
Input Impedance
> 10 M
Ω (voltage)
120
Ω (current)
ƒ
lnput Type
mV, V, mA
ƒ
lnput Range
±150 mV, ±500 mV, ±1 V
±5 V, ±10 V, 0-20 mA,
4-20 mA
ƒ
Accuracy
±0.1% (voltage)
±0.2% (current)
ƒ
Span Drift
±25 ppm/°C
ƒ
Zero Drift
±6 μV/°C
ƒ
Resolution
16-bit
ƒ
Sampling Rate
10 sample/ second (total)
CMR @ 50/60 HZ 90dB
NMR @ 50/60 HZ 67CMR
@ 50/60 HZ 90dBdB
Digital Output
ƒ
Channels
2, open collector to 30 V,
100 mA max. load
ƒ
Power Dissipation
300 mW for each module
Ordering Information
ƒ
ADAM-6017
8-ch Isolated AI with 2-ch
DO Modbus TCP Module
ADAM-6018
Specifications
Analog Input
ƒ
Channels
8 (differential)
ƒ
Input Impedance
> 10 M
ƒ
lnput Type
Thermocouple
ƒ
Thermocouple Type and Range:
J
0 ~ 760°C
R 500 ~ 1,750°C
K
0 ~ 1,370°C
S 500 ~ 1,750°C
T
-100 ~ 400°C
B 500 ~ 1,800°C
E
0 ~ 1,000°C
ƒ
Accuracy
±0.1%
ƒ
Span Drift
±25 ppm/°C
ƒ
Zero Drift
±6 μV/°C
ƒ
Resolution
16-bit
ƒ
Sampling Rate
10 sample/ second (total)
CMR @ 50/60 HZ 90dB
NMR @ 50/60 HZ 60dB
ƒ
Wire Burn-out Detection
Digital Output
ƒ
Channels
8, open collector to 30 V,
100 mA max. load
ƒ
Power Dissipation
300 mW for each module
Ordering Information
ƒ
ADAM-6018
8-ch Isolated
Thermocouple Input
Modbus TCP Module w/
8-ch DO
Common Specifications
General
ƒ
LAN
10/100Base-T(X)
ƒ
Power Consumption 2 W @ 24 VDC
ƒ
Connectors
1 x RJ-45 (LAN), Plug-in
screw terminal block (I/O
and power)
ƒ
Watchdog
System (1.6 second)
and Communication
(programmable)
ƒ
Power Input
10 ~ 30 VDC
ƒ
Supports Peer-to-Peer
ƒ
Supports GCL
ƒ
Supports Modbus/TCP, TCP/IP, UDP and
HTTP Protocols
Protection
ƒ
Over Voltage
±35 VDC
Protection
ƒ
Isolation Protection 2,000 VDC
ƒ
Built-in TVS/ESD Protection
ƒ
Power Reversal Protection
Environment
ƒ
Operating
-10 ~ 70°C (14 ~ 158°F)
Temperature
ƒ
Storage Temperature -20 ~ 80°C (-4 ~ 176°F)
ƒ
Operating Humidity 20 ~ 95% RH
(non-condensing)
ƒ
Storage Humidity
0 ~ 95% RH
(non-condensing)
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Last updated : 19-Mar-2014


Podobny numer części - ADAM-6015

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ADAM-6015 ETC1-ADAM-6015 Datasheet
120Kb / 1P
   Kompakte I/O-Module
logo
Advantech Co., Ltd.
ADAM-6015 ADVANTECH-ADAM-6015 Datasheet
705Kb / 1P
   7-ch Isolated RTD Input Module
ADAM-6015 ADVANTECH-ADAM-6015 Datasheet
566Kb / 1P
   7-ch Isolated RTD Input Modbus TCP Module
5-May-2022
More results

Podobny opis - ADAM-6015

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advantech Co., Ltd.
ADAM-6018++ ADVANTECH-ADAM-6018+ Datasheet
566Kb / 1P
   7-ch Isolated RTD Input Modbus TCP Module
5-May-2022
ADAM-6251 ADVANTECH-ADAM-6251_14 Datasheet
1Mb / 2P
   16-ch Isolated Digital Input Modbus TCP Module
ADAM-6015 ADVANTECH-ADAM-6015 Datasheet
705Kb / 1P
   7-ch Isolated RTD Input Module
ADAM-6217 ADVANTECH-ADAM-6217_14 Datasheet
1Mb / 2P
   8-ch Isolated Analog Input Modbus TCP Module
ADAM-6256 ADVANTECH-ADAM-6256_14 Datasheet
1Mb / 2P
   16-ch Isolated Digital Output Modbus TCP Module
ADAM-6224 ADVANTECH-ADAM-6224_14 Datasheet
1Mb / 2P
   4-ch Isolated Analog Output Modbus TCP Module
DMU-5010 ADVANTECH-DMU-5010_14 Datasheet
212Kb / 1P
   12-ch DI/O, 4-ch AI, 4-ch RTD Modbus TCP Module
ADAM-6250 ADVANTECH-ADAM-6250_14 Datasheet
1Mb / 2P
   15-ch Isolated Digital I/O Modbus TCP Module
ADAM-6050 ADVANTECH-ADAM-6050_V01 Datasheet
514Kb / 1P
   18-ch Isolated Digital I/O Modbus TCP Module
13-Aug-2021
ADAM-6050 ADVANTECH-ADAM-6050_14 Datasheet
1Mb / 2P
   18-ch Isolated Digital I/O Modbus TCP Module
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com