Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM1G1203SH30NZ Arkusz danych(PDF) 5 Page - AIMTEC

Numer części AM1G1203SH30NZ
Szczegółowy opis  1 Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AIMTEC [AIMTEC]
Strona internetowa  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1G1203SH30NZ Arkusz danych(HTML) 5 Page - AIMTEC

  AM1G1203SH30NZ Datasheet HTML 1Page - AIMTEC AM1G1203SH30NZ Datasheet HTML 2Page - AIMTEC AM1G1203SH30NZ Datasheet HTML 3Page - AIMTEC AM1G1203SH30NZ Datasheet HTML 4Page - AIMTEC AM1G1203SH30NZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Series AM1G-NZ
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R8
5 of 5
North America only
Recommended Circuits
DC
DC
+ Vin
‐ Vin
LDM
+Vout
‐ Vout
Single Output
C1
C2
CNTL
C3
R1
D1
1
3
2
6
8
7
Cout
Cs
DC
DC
+ Vin
‐ Vin
LDM
+Vout
‐ Vout
Dual Output
C1
C2
CNTL
C3
R1
D1
1
3
2
6
8
7
Cout
Cout
GND
LDM1
LDM1
Model
C1
C2
LDM
C3
D1
R1
LDM1
CS
Cout
5 Vin
100µF
47µF
4.7 - 12 µH
47µF / 100V
RB160M-60/1A
See Formula
2.2 - 10 µH
10 - 22µF
100µF
12 Vin
100µF
47µF
4.7 - 12 µH
47µF / 100V
RB160M-60/1A
See Formula
2.2 - 10 µH
10 - 22µF
100µF
24 Vin
10µF
1µF
4.7 - 12 µH
47µF / 100V
RB160M-60/1A
See Formula
2.2 – 10 µH
10 - 22µF
100µF
48 Vin
10µF
1µF
4.7 - 12 µH
47µF / 100V
RB160M-60/1A
See Formula
2.2 - 10 µH
10 - 22µF
100µF
R1 = ((Vcd – Vd1 – 1.0) / Icntl)‐ 300
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured.
3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified.
5. Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
6. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet.
7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com.


Podobny numer części - AM1G1203SH30NZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AM1G-0503DH30Z AIMTEC-AM1G-0503DH30Z Datasheet
279Kb / 6P
   1 Watt | DC-DC Converter
AM1G-0503DZ AIMTEC-AM1G-0503DZ Datasheet
279Kb / 6P
   1 Watt | DC-DC Converter
AM1G-0503SH30Z AIMTEC-AM1G-0503SH30Z Datasheet
279Kb / 6P
   1 Watt | DC-DC Converter
AM1G-0503SZ AIMTEC-AM1G-0503SZ Datasheet
279Kb / 6P
   1 Watt | DC-DC Converter
AM1G-0505DH30Z AIMTEC-AM1G-0505DH30Z Datasheet
279Kb / 6P
   1 Watt | DC-DC Converter
More results

Podobny opis - AM1G1203SH30NZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
   1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
   1 Watt | DC-DC Converter
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
277Kb / 2P
   1 Watt | DC-DC Converter
AM1SS-Z AIMTEC-AM1SS-Z_13 Datasheet
224Kb / 2P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com