Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADAM-6217 Arkusz danych(PDF) 2 Page - Advantech Co., Ltd.

Numer części ADAM-6217
Szczegółowy opis  8-ch Isolated Analog Input Modbus TCP Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ADVANTECH [Advantech Co., Ltd.]
Strona internetowa  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ADAM-6217 Arkusz danych(HTML) 2 Page - Advantech Co., Ltd.

  ADAM-6217 Datasheet HTML 1Page - Advantech Co., Ltd. ADAM-6217 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Specifications
Analog Input
ƒ
Channels
8 (differential)
ƒ
Input Impedance
> 10 M
W (voltage)
120
W (current)
ƒ
lnput Type
mV, V, mA
ƒ
lnput Range
±150 mV, ±500 mV, ±1 V, ±5 V, ±10 V,
0~20 mA, 4~20 mA, ±20 mA
ƒ
Span Drift
± 30 ppm/°C
ƒ
Zero Drift
± 6 μV/°C
ƒ
Resolution
16-bit
ƒ
Accuracy
± 0.1% of FSR (Voltage) at 25°C
± 0.2% of FSR (Current) at 25°C
ƒ
Sampling Rate
10 sample/second (total)
ƒ
CMR @ 50/60 Hz
92 dB
ƒ
NMR @ 50/60 Hz
60 dB
ƒ
Common Mode
200 VDC
General
ƒ
Ethernet
2-port 10/100 Base-TX (for Daisy Chain)
ƒ
Protocol
Modbus/TCP, TCP/IP, UDP, HTTP, DHCP
ƒ
Connector
Plug-in 5P/15P Screw Terminal Blocks
ƒ
Power Input
10 - 30 VDC (24 VDC Standard)
ƒ
Watchdog Timer
System (1.6 Seconds)
ƒ
Protection
Built-in TVS/ESD Protection
Power Reversal Protection
Over Voltage Protection: +/- 35 VDC
Isolation Protection: 2500 VDC
ƒ
Power Consumption
3.5W @ 24 VDC
ƒ
Dimensions (W x H x D) 70 x 122 x 27 mm
ƒ
Enclosure
PC
ƒ
Mounting
DIN 35 Rail, Stack, Wall
Software
ƒ
.NET Class Library (SDK) Windows and Windows CE Class Library, VB and VC#
Sample Code for I/O Reading or Configuration and
Communication
ƒ
Adam/Apax .NET Utility Network setting, I/O Configuration, Data Stream, P2P,
GCL Configuration
Unit: mm
Dimensions
ADAM-6217
Remote I/O
Environment
ƒ
Operating Temperature -10 ~ 70°C (14 ~ 158°F)
ƒ
Storage Temperature
-20 ~ 80°C (-4 ~ 176°F)
ƒ
Operating Humidity
20 ~ 95% RH (non-condensing)
ƒ
Storage Humidity
0 ~ 95% RH (non-condensing)
Pin Assignment
Ordering Information
ƒ
ADAM-6217
8-ch Isolated Analog Input Modbus TCP Module
Accessories
ƒ
PWR-242
DIN-rail Power Supply (2.1A Output Current)
ƒ
PWR-243
Panel Mount Power Supply (3A Output Current)
ƒ
PWR-244
Panel Mount Power Supply (4.2A Output Current)
Software
ƒ
PCLS-ADAMVIEW32
ADAMView Data Acquisition Software
ƒ
PCLS-OPC/MTP30
OPC Server for Modbus/TCP protocol


Podobny numer części - ADAM-6217

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advantech Co., Ltd.
ADAM-6224 ADVANTECH-ADAM-6224 Datasheet
1Mb / 2P
   4-ch Isolated Analog Output Modbus TCP Module
ADAM-6224 ADVANTECH-ADAM-6224_14 Datasheet
1Mb / 2P
   4-ch Isolated Analog Output Modbus TCP Module
ADAM-6250 ADVANTECH-ADAM-6250 Datasheet
1Mb / 2P
   15-ch Isolated Digital I/O Modbus TCP Module
ADAM-6250 ADVANTECH-ADAM-6250_14 Datasheet
1Mb / 2P
   15-ch Isolated Digital I/O Modbus TCP Module
ADAM-6251 ADVANTECH-ADAM-6251 Datasheet
1Mb / 2P
   16-ch Isolated Digital Input Modbus TCP Module
More results

Podobny opis - ADAM-6217

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advantech Co., Ltd.
ADAM-6251 ADVANTECH-ADAM-6251_14 Datasheet
1Mb / 2P
   16-ch Isolated Digital Input Modbus TCP Module
ADAM-6224 ADVANTECH-ADAM-6224_14 Datasheet
1Mb / 2P
   4-ch Isolated Analog Output Modbus TCP Module
ADAM-6015 ADVANTECH-ADAM-6015_14 Datasheet
350Kb / 1P
   7-ch Isolated RTD Input Modbus TCP Module
ADAM-6018++ ADVANTECH-ADAM-6018+ Datasheet
566Kb / 1P
   7-ch Isolated RTD Input Modbus TCP Module
5-May-2022
ADAM-4017++ ADVANTECH-ADAM-4017+ Datasheet
702Kb / 1P
   8-ch Analog Input Module with Modbus
ADAM-6256 ADVANTECH-ADAM-6256_14 Datasheet
1Mb / 2P
   16-ch Isolated Digital Output Modbus TCP Module
ADAM-6250 ADVANTECH-ADAM-6250_14 Datasheet
1Mb / 2P
   15-ch Isolated Digital I/O Modbus TCP Module
ADAM-4520I ADVANTECH-ADAM-4520I Datasheet
699Kb / 1P
   Robust 8-ch Analog Input Module with Modbus
ADAM-4117 ADVANTECH-ADAM-4117_15 Datasheet
307Kb / 1P
   Robust 8-ch Analog Input Module with Modbus
ADAM-6050 ADVANTECH-ADAM-6050_V01 Datasheet
514Kb / 1P
   18-ch Isolated Digital I/O Modbus TCP Module
13-Aug-2021
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com