Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADAM-6124PN Arkusz danych(PDF) 1 Page - Advantech Co., Ltd.

Numer części ADAM-6124PN
Szczegółowy opis  8-ch Isolated Analog Input Real-time Ethernet Module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ADVANTECH [Advantech Co., Ltd.]
Strona internetowa  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ADAM-6124PN Arkusz danych(HTML) 1 Page - Advantech Co., Ltd.

  ADAM-6124PN Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.advantech.com/products
Online Download
ADAM-6117
ADAM-6124
Specifications
Analog Input
ƒ
Channels
8 (differential)
ƒ
Input Impedance
> 10 M
Ω (voltage)
120
Ω (current)
ƒ
lnput Type
mV, V, mA
ƒ
lnput Range
±150 mV, ±500 mV, ±1 V
±5 V, ±10 V, 0~20 mA,
4~20 mA, ±20 mA
ƒ
Span Drift
± 30 ppm/°C
ƒ
Zero Drift
± 6 μV/°C
ƒ
Resolution
16-bit
ƒ
Accuracy
± 0.1% of FSR (Current) at 25°C
± 0.2% of FSR (Current) at 25°C
ƒ
Sampling Rate
10 sample/second (total)
ƒ
CMR @ 50/60 Hz
92 dB
ƒ
NMR @ 50/60 Hz
67 dB
ƒ
High Common Mode
200 VDC
Ordering Information
ƒ
ADAM-6117EI
8-ch Isolated AI EtherNet/IP Module
ƒ
ADAM-6117PN
8-ch Isolated AI PROFINET Module
8-ch Isolated Analog Input Real-time
Ethernet Module
4-ch Analog Output Real-time Ethernet
Module
Specifications
Analog Output
ƒ
Channels
4
ƒ
Output Impedance
2.1
Ω
ƒ
Output Settling Time
20 μs
ƒ
Driving Load
Voltage: 2k
Ω
Current: 500
Ω
ƒ
Programmable
0.125 ~ 128 mA/sec
Output Slope
0.0625 ~ 64 V/sec
ƒ
Output Type
V, mA
ƒ
Output Range
0 ~ 5 V, 0 ~ 10 V, ± 5 V, ± 10 V
0 ~ 20 mA, 4 ~ 20 mA
ƒ
Accuracy
0.3% of FSR (Voltage) at 25°C
0.5% of FSR (Current) at 25°C
ƒ
Resolution
12-bit
ƒ
Current Load Resistor
0 ~ 500
Ω
ƒ
Drift
± 50 ppm/°C
Digital Input
ƒ
Channels
4 (Dry Contact only)
ƒ
Dry Contact
Logic 0: Open
Logic 1: Closed to DGND
Ordering Information
ƒ
ADAM-6124PN
4-ch Isolated Analog Output PROFINET Module
Common Specifications
General
ƒ
LAN
10/100Base-T(X)
ƒ
Power Consumption
ADAM-6117: 3.5 W @ 24 VDC
ADAM-6124: 6 W @ 24 VDC
ƒ
Connectors
2 x RJ-45 LAN (Daisy Chain)
Plug-in screw terminal block (I/O and power)
ƒ
Watchdog
System (1.6 second)
ƒ
Power Input
10 ~ 30 VDC
Protection
ƒ
Isolation Protection
2,500 VDC
ƒ
Built in TVS/ESD Protection
ƒ
Power Reversal Protection
Environment
ƒ
Operating Temperature -10 ~ 70°C (14 ~ 158°F)
ƒ
Storage Temperature
-20 ~ 80°C (-4 ~ 176°F)
ƒ
Operating Humidity
20 ~ 95% RH (non-condensing)
ƒ
Storage Humidity
0 ~ 95% RH (non-condensing)
ADAM-6117
ADAM-6124
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Last updated : 19-Mar-2014


Podobny numer części - ADAM-6124PN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advantech Co., Ltd.
ADAM-6117 ADVANTECH-ADAM-6117 Datasheet
339Kb / 1P
   8-ch Isolated Analog Input Real-time Ethernet Module
ADAM-6118 ADVANTECH-ADAM-6118 Datasheet
339Kb / 1P
   8-ch Isolated Analog Input Real-time Ethernet Module
ADAM-6150 ADVANTECH-ADAM-6150 Datasheet
365Kb / 1P
   15-ch Isolated Digital I/O Real-time Ethernet Module
ADAM-6150 ADVANTECH-ADAM-6150 Datasheet
277Kb / 1P
   15-ch Isolated Digital I/O Real-time Ethernet Module
2-Feb-2021
ADAM-6150EI ADVANTECH-ADAM-6150EI Datasheet
248Kb / 1P
   15-ch Isolated Digital I/O Real-time Ethernet Module
More results

Podobny opis - ADAM-6124PN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advantech Co., Ltd.
ADAM-6117 ADVANTECH-ADAM-6117 Datasheet
339Kb / 1P
   8-ch Isolated Analog Input Real-time Ethernet Module
ADAM-6151 ADVANTECH-ADAM-6151 Datasheet
365Kb / 1P
   16-ch Isolated Digital Input/ Digital Output Real-time Ethernet Module
ADAM-6156 ADVANTECH-ADAM-6156 Datasheet
365Kb / 1P
   16-ch Isolated Digital Input/ Digital Output Real-time Ethernet Module
ADAM-6150 ADVANTECH-ADAM-6150_V01 Datasheet
277Kb / 1P
   15-ch Isolated Digital I/O Real-time Ethernet Module
2-Feb-2021
ADAM-6150 ADVANTECH-ADAM-6150 Datasheet
365Kb / 1P
   15-ch Isolated Digital I/O Real-time Ethernet Module
ADAM-6150 ADVANTECH-ADAM-6150_15 Datasheet
248Kb / 1P
   15-ch Isolated Digital I/O Real-time Ethernet Module
ADAM-6160 ADVANTECH-ADAM-6160 Datasheet
365Kb / 1P
   6-ch Relay Real-time Ethernet Module
ADAM-6217 ADVANTECH-ADAM-6217_14 Datasheet
1Mb / 2P
   8-ch Isolated Analog Input Modbus TCP Module
ADAM-4016 ADVANTECH-ADAM-4016 Datasheet
286Kb / 1P
   1-ch Analog Input/Output Module, 8-ch Analog Input Module
ADAM-5052 ADVANTECH-ADAM-5052 Datasheet
624Kb / 1P
   8-ch Isolated Digital Input Module
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com