Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC62D748CFNAG Arkusz danych(PDF) 7 Page - Marktech Corporate

Numer części TC62D748CFNAG
Szczegółowy opis  16-Output Constant Current LED Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MARKTECH [Marktech Corporate]
Strona internetowa  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TC62D748CFNAG Arkusz danych(HTML) 7 Page - Marktech Corporate

Back Button TC62D748CFNAG_15 Datasheet HTML 3Page - Marktech Corporate TC62D748CFNAG_15 Datasheet HTML 4Page - Marktech Corporate TC62D748CFNAG_15 Datasheet HTML 5Page - Marktech Corporate TC62D748CFNAG_15 Datasheet HTML 6Page - Marktech Corporate TC62D748CFNAG_15 Datasheet HTML 7Page - Marktech Corporate TC62D748CFNAG_15 Datasheet HTML 8Page - Marktech Corporate TC62D748CFNAG_15 Datasheet HTML 9Page - Marktech Corporate TC62D748CFNAG_15 Datasheet HTML 10Page - Marktech Corporate TC62D748CFNAG_15 Datasheet HTML 11Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
TC62D748CFNAG
2011-12-14
7
Electrical Characteristics (Unless otherwise specified, VDD = 3.3V, Ta = 25°C)
Characteristics
Symbol
Test
Circuits
Test Conditions
Min
Typ.
Max
Unit
Hi
gh
l
e
vel
SOUT
output
vo lt age
VOH
1
IOH = 1 mA
VDD
0.4
V
Lo
w
level
SOUT
output
vo lt age
VOL
1
IOL = +1 mA
0.4
V
H i gh lev e l logic input c u rr ent
IIH
2
VIN = VDD, OE , SIN, SCK
1
μA
Lo w level lo gic input current
IIL
3
VIN = GND, SLAT , SIN, SCK
1
μA
Po wer
s u ppl y
cu r r ent
IDD
4
REXT = 1.2 kΩ, All output on
8.0
mA
Outpu t
curr ent
IOUT
5
VDD = 3.3 V, VOUT = 1.0 V,
REXT = 1.2 kΩ, 1 output on
14.4
mA
Constant current error(Ch to Ch)
(S
ran
k
)
ΔIOUT(Ch)
5
VDD = 3.3 V, VOUT = 1.0 V,
REXT = 1.2 kΩ, 1 output on
±1.5
%
Constant current error(IC to IC)
(S
ran
k
)
ΔIOUT(IC)
5
VDD = 3.3 V, VOUT = 1.0 V,
REXT = 1.2 kΩ, 1 output on
±1.5
%
Constant current error(Ch to Ch)
(N
rank
)
ΔIOUT(Ch)
5
VDD = 3.3 V, VOUT = 1.0 V,
REXT = 1.2 kΩ, 1 output on
±2.5
%
Constant current error(IC to IC)
(N
rank
)
ΔIOUT(IC)
5
VDD = 3.3 V, VOUT = 1.0 V,
REXT = 1.2 kΩ, 1 output on
±2.5
%
Output OFF leak cur r ent
IOK
5
VDD = 3.3 V, VOUT= 17 V,
REXT = 1.2 kΩ
0.5
μA
Constant current output power supply
volt age
regulation
%VDD
5
VDD = 3.0 to 3.6 V, VOUT = 1.0 V,
REXT = 1.2 kΩ, 1 output on
±1
±5
%/V
Constant current output output voltage
regulation
%VOUT
5
VDD = 3.3 V, VOUT = 1.0 to 3.0 V,
REXT = 1.2 kΩ, 1 output on
±0.1
±0.5%/V
Pull- u p
r e si stor
R (Up)
3
OE
400
500
600
k
Ω
Pull-down
r e si stor
R (Down)
2
SLAT
400
500
600
k
Ω


Podobny numer części - TC62D748CFNAG_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC62D748CFNAG TOSHIBA-TC62D748CFNAG Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
logo
Marktech Corporate
TC62D748CFNAG MARKTECH-TC62D748CFNAG Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
More results

Podobny opis - TC62D748CFNAG_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Marktech Corporate
TC62D748CFNAG MARKTECH-TC62D748CFNAG Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
TC62D748CFG MARKTECH-TC62D748CFG_15 Datasheet
347Kb / 23P
   16-Output Constant Current LED Driver
TC62D749CFG MARKTECH-TC62D749CFG_15 Datasheet
385Kb / 23P
   16-Output Constant Current LED Driver
TC62D723FTAG MARKTECH-TC62D723FTAG_15 Datasheet
754Kb / 44P
   16-Output constant current LED driver
TC62D723FNAG MARKTECH-TC62D723FNAG_15 Datasheet
787Kb / 44P
   16-Output constant current LED driver
logo
Toshiba Semiconductor
TC62D748AFG TOSHIBA-TC62D748AFG Datasheet
334Kb / 19P
   16-Output Constant Current LED Driver
logo
Marktech Corporate
TC62D723FTBG MARKTECH-TC62D723FTBG Datasheet
760Kb / 44P
   16-Output constant current LED driver
TC62D723FNG MARKTECH-TC62D723FNG Datasheet
734Kb / 44P
   16-Output constant current LED driver
TC62D749CFNAG MARKTECH-TC62D749CFNAG Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
TC62D748AFG MARKTECH-TC62D748AFG Datasheet
334Kb / 19P
   16-Output Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com