Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC62D776CFG Arkusz danych(PDF) 7 Page - Marktech Corporate

Numer części TC62D776CFG
Szczegółowy opis  16-Channel Constant-Current LED Driver
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MARKTECH [Marktech Corporate]
Strona internetowa  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TC62D776CFG Arkusz danych(HTML) 7 Page - Marktech Corporate

Back Button TC62D776CFG_15 Datasheet HTML 3Page - Marktech Corporate TC62D776CFG_15 Datasheet HTML 4Page - Marktech Corporate TC62D776CFG_15 Datasheet HTML 5Page - Marktech Corporate TC62D776CFG_15 Datasheet HTML 6Page - Marktech Corporate TC62D776CFG_15 Datasheet HTML 7Page - Marktech Corporate TC62D776CFG_15 Datasheet HTML 8Page - Marktech Corporate TC62D776CFG_15 Datasheet HTML 9Page - Marktech Corporate TC62D776CFG_15 Datasheet HTML 10Page - Marktech Corporate TC62D776CFG_15 Datasheet HTML 11Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
TC62D776CFG
2011-12-07
7
About the operation of each command
S0 command (Input of output ON/OFF data.)
Description
If SCK pulses High zero or one time while TRANS is High, it is interpreted as the S0 command, which
acts as follows.
Basic input pattern of S0 command
Input form of output ON/OFF data
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
15
OUT
14
OUT
13
OUT
12
OUT
11
OUT
10
OUT
9
OUT
8
OUT
OUT7 OUT6 OUT5 OUT4 OUT3
2
OUT
OUT1 OUT0
Input in MSB first.
Output ON/OFF data setting
Input Data
Setting
1
Output turn on
0
Output turn off
Default after power-on
Data
Setting
0
Output turn off
Automatic Error Detection Mode
If output open/short detection is enabled, its result is automatically transferred from the Error Detection
Result register to the 16-bit Shift Register, which can be shifted out from the SOUT pin.
Output open/short detection can be enabled with the S3 command.
Open/short errors can be detected only for output channels that are enabled for at least 800 ns (Note 1) and
are configured to be turned on. For the disabled output channels, the detection result will be 1 (normal). If the
output channels stay on for no longer than 800 ns, the automatic error detection result will be invalid; in this
case, the detection results of all channels will be 1 (normal).
Note 1: Automatic error detection is triggered by the falling edge of the ENABLE signal. Thus, this feature can
not be used when ENABLE is tied Low.
In the figure shown below, the outputs are enabled for over 800 ns during the Terr2 period, but the automatic
error detection result is invalid; thus, it should be kept in mind that the detection results will be 1 (normal) for
all channels.


Podobny numer części - TC62D776CFG_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC62D776CFG TOSHIBA-TC62D776CFG Datasheet
525Kb / 33P
   16-Channel Constant-Current LED Driver of the 3.3-V and 5-V Power Supply
logo
Marktech Corporate
TC62D776CFG MARKTECH-TC62D776CFG Datasheet
525Kb / 33P
   16-Channel Constant-Current LED Driver
More results

Podobny opis - TC62D776CFG_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016 Datasheet
226Kb / 15P
   16-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016 ONSEMI-CAT4016 Datasheet
180Kb / 14P
   16-Channel Constant Current LED Driver
April, 2010 ??Rev. 4
logo
Leshan Radio Company
LR9026 LRC-LR9026 Datasheet
463Kb / 9P
   16-channel constant current LED driver
logo
LDT Co., Ltd
LD1018 LDT-LD1018 Datasheet
386Kb / 24P
   16 Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016W-T1 ONSEMI-CAT4016W-T1 Datasheet
293Kb / 15P
   16-Channel Constant Current LED Driver
Doc. No. MD-5028 Rev. D
logo
Marktech Corporate
TC62D776CFNAG MARKTECH-TC62D776CFNAG_15 Datasheet
567Kb / 33P
   16-Channel Constant-Current LED Driver
logo
ON Semiconductor
CAT4016 ONSEMI-CAT4016_15 Datasheet
121Kb / 14P
   16-Channel Constant Current LED Driver
July, 2015 ??Rev. 5
logo
LDT Co., Ltd
LD1016H LDT-LD1016H Datasheet
552Kb / 21P
   16 Channel Constant current LED Driver
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016_08 Datasheet
231Kb / 15P
   16-Channel Constant Current LED Driver
logo
SHANGHAI BELLING CO., L...
BL8589 BELLING-BL8589 Datasheet
416Kb / 12P
   16-Channel Constant-Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com