Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LD1024 Arkusz danych(PDF) 3 Page - LDT Co., Ltd

Numer części LD1024
Szczegółowy opis  Constant-Current LED Driver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LDT [LDT Co., Ltd]
Strona internetowa  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1024 Arkusz danych(HTML) 3 Page - LDT Co., Ltd

  LD1024 Datasheet HTML 1Page - LDT Co., Ltd LD1024 Datasheet HTML 2Page - LDT Co., Ltd LD1024 Datasheet HTML 3Page - LDT Co., Ltd LD1024 Datasheet HTML 4Page - LDT Co., Ltd LD1024 Datasheet HTML 5Page - LDT Co., Ltd LD1024 Datasheet HTML 6Page - LDT Co., Ltd LD1024 Datasheet HTML 7Page - LDT Co., Ltd LD1024 Datasheet HTML 8Page - LDT Co., Ltd LD1024 Datasheet HTML 9Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Ver2.1
3
LD1024
16-Channel, Constant-Current LED Driver with LED Open Detection
LDT Inc. WE bldg. 5F, 126-33 Han-dle 1ro, Seobuk-gu, Cheonan, Chungnam, korea, 331-220
Tel. +82 41 520 7300 Fax. +82 41 520 7337 www.ldt.co.kr
SSOP-24
(TOP VIEW)
GND
DIN
CLK
STROBE
OUT0
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
VDD
REXT
DOUT
OEB
OUT15
OUT14
OUT13
OUT12
OUT11
OUT10
OUT9
OUT8
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
LD1024
Pin No.
Pin Name
Description
1
GND
GND terminal for control logic and current sink
2
DIN
Serial data input terminal for shift register
3
CLK
Clock input terminal for data shift to up-edge
4
STROBE
Edge triggered latch. The data in the on/off control data shift register are transferred to the on/off control
data latch at this rising edge. At the same time, the data in the on/off control shift register are replaced with
LED open detection (LOD) and pre-thermal warning (PTW) data.
Strobe must be toggled only once after the shift data are updated to avoid the on/off control latch data
being replaced with LOD and PTW data in the shift register.
24
VDD
Supply voltage terminal
5~20
OUT[0:15]
Constant current output terminals
21
OEB
Output enable terminal
When OEB is low, the output drivers are enabled; when OEB is high, all output drivers are turned off
22
DOUT
Serial data output to the following D
IN of next driver IC
23
REXT
Input terminal used to connect an external resistor for setting up output current for all output channels. It
must connect register between REXT and GND.
PIN CONNECTION
TERMINAL DESCRIPTION


Podobny numer części - LD1024

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LDT Co., Ltd
LD1022 LDT-LD1022 Datasheet
435Kb / 26P
   16 Channel Constant Current LED Driver
LD1022SP LDT-LD1022SP Datasheet
435Kb / 26P
   16 Channel Constant Current LED Driver
LD1022SS LDT-LD1022SS Datasheet
435Kb / 26P
   16 Channel Constant Current LED Driver
logo
List of Unclassifed Man...
LD1026 ETC1-LD1026 Datasheet
34Kb / 1P
   High Power Constant Current LED Driver
logo
Marl International Limi...
LD1026 MARL-LD1026 Datasheet
34Kb / 1P
   High Power Constant Current LED Driver
More results

Podobny opis - LD1024

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sipex Corporation
SP7618 SIPEX-SP7618 Datasheet
408Kb / 10P
   Constant Current LED Driver
logo
Texas Instruments
TPS61042 TI-TPS61042 Datasheet
552Kb / 20P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
logo
Diodes Incorporated
AL5890 DIODES-AL5890 Datasheet
824Kb / 17P
   Constant Current LED Driver
logo
First Silicon Co., Ltd
FC2082G FS-FC2082G Datasheet
1Mb / 12P
   LED CONSTANT CURRENT DRIVER
logo
DIWELL Electronics Co.,...
SLE-24 DIWELL-SLE-24 Datasheet
418Kb / 9P
   Constant Current LED Driver
2012/07/19
CALE-48 DIWELL-CALE-48 Datasheet
444Kb / 7P
   Constant Current LED Driver
2016/09/23
logo
Texas Instruments
TPS61043 TI-TPS61043 Datasheet
516Kb / 21P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
logo
ON Semiconductor
CAT4004A ONSEMI-CAT4004A_11 Datasheet
165Kb / 11P
   Constant Current LED Driver
June, 2011 ??Rev. 2
logo
Protek Devices
PA5110 PROTEC-PA5110 Datasheet
178Kb / 7P
   Constant Current LED Driver.
logo
DIWELL Electronics Co.,...
CLE-12 DIWELL-CLE-12 Datasheet
1Mb / 8P
   Constant Current LED Driver
2016/09/12
logo
Rohm
BD1754HFN ROHM-BD1754HFN_15 Datasheet
1Mb / 21P
   Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com