Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AHC_AHCT139 Arkusz danych(PDF) 1 Page - NXP Semiconductors

Numer części 74AHC_AHCT139
Szczegółowy opis  Dual 2-to-4 line decoder/demultiplexer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC_AHCT139 Arkusz danych(HTML) 1 Page - NXP Semiconductors

  74AHC_AHCT139_15 Datasheet HTML 1Page - NXP Semiconductors 74AHC_AHCT139_15 Datasheet HTML 2Page - NXP Semiconductors 74AHC_AHCT139_15 Datasheet HTML 3Page - NXP Semiconductors 74AHC_AHCT139_15 Datasheet HTML 4Page - NXP Semiconductors 74AHC_AHCT139_15 Datasheet HTML 5Page - NXP Semiconductors 74AHC_AHCT139_15 Datasheet HTML 6Page - NXP Semiconductors 74AHC_AHCT139_15 Datasheet HTML 7Page - NXP Semiconductors 74AHC_AHCT139_15 Datasheet HTML 8Page - NXP Semiconductors 74AHC_AHCT139_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1.
General description
The 74AHC139; 74AHCT139 is a high-speed Si-gate CMOS device and is pin compatible
with Low-power Schottky TTL (LSTTL). It is specified in compliance with JEDEC standard
No. 7-A.
The 74AHC139; 74AHCT139 is a high-speed, dual 2-to-4 line decoder/demultiplexer. This
device has two independent decoders, each accepting two binary weighted inputs (nA0
and nA1) and providing four mutually exclusive active LOW outputs (nY0 to nY3). Each
decoder has an active LOW enable input (nE). When nE is HIGH, every output is forced
HIGH. The enable input can be used as the data input for a 1-to-4 demultiplexer
application.
The 74AHC139; 74AHCT139 is identical to the HEF4556 of the HE4000B family.
2.
Features
I Balanced propagation delays
I All inputs have Schmitt-trigger actions
I Inputs accept voltages higher than VCC
I Input levels:
N For 74AHC139: CMOS level
N For 74AHCT139: TTL level
I ESD protection:
N HBM EIA/JESD22-A114E exceeds 2000 V
N MM EIA/JESD22-A115-A exceeds 200 V
N CDM EIA/JESD22-C101C exceeds 1000 V
I Multiple package options
I Specified from −40 °C to +85 °C and from −40 °C to +125 °C
3.
Ordering information
74AHC139; 74AHCT139
Dual 2-to-4 line decoder/demultiplexer
Rev. 02 — 9 May 2008
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range Name
Description
Version
74AHC139
74AHC139D
−40 °C to +125 °C
SO16
plastic small outline package; 16 leads;
body width 3.9 mm
SOT109-1
74AHC139PW
−40 °C to +125 °C
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1


Podobny numer części - 74AHC_AHCT139_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AHC_AHCT132 PHILIPS-74AHC_AHCT132_15 Datasheet
126Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 06-4 May 2009
More results

Podobny opis - 74AHC_AHCT139_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC139 PHILIPS-74HC139 Datasheet
44Kb / 7P
   Dual 2-to-4 line decoder/demultiplexer
September 1993
74AHC139 PHILIPS-74AHC139 Datasheet
582Kb / 16P
   Dual 2-to-4 line decoder/demultiplexer
1999 Sep 01
logo
Texas Instruments
CD74AC139 TI-CD74AC139 Datasheet
31Kb / 7P
[Old version datasheet]   Dual 2-to-4-Line Decoder/Demultiplexer
logo
NXP Semiconductors
74LVC139 PHILIPS-74LVC139_15 Datasheet
174Kb / 16P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 5-19 October 2011
logo
Nexperia B.V. All right...
74HC139-Q100 NEXPERIA-74HC139-Q100 Datasheet
762Kb / 18P
   Dual 2-to-4 line decoder/demultiplexer
74HCT139 NEXPERIA-74HCT139 Datasheet
243Kb / 13P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 5 - 14 January 2021
logo
Texas Instruments
74ACT11139 TI-74ACT11139 Datasheet
93Kb / 6P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74AHC139-Q100 NEXPERIA-74AHC139-Q100 Datasheet
696Kb / 16P
   Dual 2-to-4 line decoder/demultiplexer
74LVC139 NEXPERIA-74LVC139 Datasheet
252Kb / 14P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 6 - 24 September 2021
74HCT139-Q100 NEXPERIA-74HCT139-Q100 Datasheet
242Kb / 13P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 2 - 14 January 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com