Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ALVC373 Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części 74ALVC373
Szczegółowy opis  Octal D-type transparent latch; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC373 Arkusz danych(HTML) 4 Page - NXP Semiconductors

  74ALVC373_15 Datasheet HTML 1Page - NXP Semiconductors 74ALVC373_15 Datasheet HTML 2Page - NXP Semiconductors 74ALVC373_15 Datasheet HTML 3Page - NXP Semiconductors 74ALVC373_15 Datasheet HTML 4Page - NXP Semiconductors 74ALVC373_15 Datasheet HTML 5Page - NXP Semiconductors 74ALVC373_15 Datasheet HTML 6Page - NXP Semiconductors 74ALVC373_15 Datasheet HTML 7Page - NXP Semiconductors 74ALVC373_15 Datasheet HTML 8Page - NXP Semiconductors 74ALVC373_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
74ALVC373_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 18 October 2007
4 of 17
NXP Semiconductors
74ALVC373
Octal D-type transparent latch; 3-state
5.
Pinning information
5.1 Pinning
5.2 Pin description
(1) The die substrate is attached to this pad using
conductive die attach material. It can not be used as
a supply pin or input.
Fig 6.
Pin configuration SO20 and TSSOP20
Fig 7.
Pin configuration DHVQFN20
373A
OE
VCC
Q0
Q7
D0
D7
D1
D6
Q1
Q6
Q2
Q5
D2
D5
D3
D4
Q3
Q4
GND
LE
001aad090
1
2
3
4
5
6
7
8
9
10
12
11
14
13
16
15
18
17
20
19
001aad089
373A
Transparent top view
Q4
D3
Q3
D4
D2
D5
Q2
Q5
Q1
Q6
D1
D6
D0
D7
Q0
Q7
9
12
8
13
7
14
6
15
GND(1)
5
16
4
17
3
18
2
19
terminal 1
index area
Table 2.
Pin description
Symbol
Pin
Description
D[0:7]
3, 4, 7, 8, 13, 14, 17, 18
data input
LE
11
latch enable input (active HIGH)
OE
1
output enable input (active LOW)
Q[0:7]
2, 5, 6, 9, 12, 15, 16, 19
3-state latch output
VCC
20
supply voltage
GND
10
ground (0 V)


Podobny numer części - 74ALVC373_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ALVC373BQ NXP-74ALVC373BQ Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
logo
Nexperia B.V. All right...
74ALVC373BQ NEXPERIA-74ALVC373BQ Datasheet
267Kb / 15P
   Octal D-type transparent latch; 3-state
Rev. 3 - 30 April 2021
logo
NXP Semiconductors
74ALVC373D PHILIPS-74ALVC373D Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC373D NXP-74ALVC373D Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
logo
Nexperia B.V. All right...
74ALVC373D NEXPERIA-74ALVC373D Datasheet
267Kb / 15P
   Octal D-type transparent latch; 3-state
Rev. 3 - 30 April 2021
More results

Podobny opis - 74ALVC373_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
   Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
   Octal D-type transparent latch; 3-state
KK74LV374 KODENSHI-KK74LV374 Datasheet
328Kb / 6P
   Octal D-type transparent latch; 3-state
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
IK Semicon Co., Ltd
IN74LV573 IKSEMICON-IN74LV573 Datasheet
334Kb / 8P
   Octal D-type transparent latch (3-State)
logo
Nexperia B.V. All right...
74HC573-Q100 NEXPERIA-74HC573-Q100 Datasheet
274Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 6 - 10 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com