Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ALVT16543 Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części 74ALVT16543
Szczegółowy opis  2.5 V/3.3 V ALVT 16-bit registered transceiver (3-State)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16543 Arkusz danych(HTML) 2 Page - NXP Semiconductors

  74ALVT16543_15 Datasheet HTML 1Page - NXP Semiconductors 74ALVT16543_15 Datasheet HTML 2Page - NXP Semiconductors 74ALVT16543_15 Datasheet HTML 3Page - NXP Semiconductors 74ALVT16543_15 Datasheet HTML 4Page - NXP Semiconductors 74ALVT16543_15 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16543_15 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16543_15 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16543_15 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16543_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Philips Semiconductors
Product data sheet
74ALVT16543
2.5 V/3.3 V 16-bit registered transceiver (3-State)
2
2004 Sep 14
FEATURES
16-bit universal bus interface
5 V I/O Compatible
3-State buffers
Output capability: +64 mA/–32 mA
TTL input and output switching levels
Input and output interface capability to systems at 5 V supply
Bus-hold data inputs eliminate the need for external pull-up
resistors to hold unused inputs
Live insertion/extraction permitted
Power-up 3-State
Power-up reset
No bus current loading when output is tied to 5 V bus
Latch-up protection exceeds 500mA per JEDEC Std 17
ESD protection exceeds 2000 V per MIL STD 883 Method 3015
and 200 V per Machine Model
DESCRIPTION
The 74ALVT16543 is a high-performance BiCMOS product
designed for VCC operation at 2.5 V or 3.3 V with I/O compatibility
up to 5 V. The device can be used as two 8-bit transceivers or one
16-bit transceiver.
The 74ALVT16543 contains two sets of eight D-type latches, with
separate control pins for each set. Using data flow from A to B as an
example, when the A-to-B Enable (nEAB) input and the A-to-B Latch
Enable (nLEAB) input are LOW, the A-to-B path is transparent.
A subsequent LOW-to-HIGH transition of the nLEAB signal puts the
A data into the latches where it is stored and the B outputs no longer
change with the A inputs. With nEAB and nOEAB both LOW, the
3-State B output buffers are active and display the data present at
the outputs of the A latches.
Control of data flow from B to A is similar, but using the nEBA,
nLEBA, and nOEBA inputs.
Active bus-hold circuitry is provided to hold unused or floating data
inputs at a valid logic level.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
SYMBOL
PARAMETER
Tamb = 25 °C; GND = 0 V
2.5 V
3.3 V
UNIT
tPLH
tPHL
Propagation delay
nAx to nBx or nBx to nAx
CL = 50 pF
1.8
2.7
1.6
1.8
ns
CIN
Input capacitance DIR, OE
VI = 0 V or VCC
3
3
pF
CI/O
I/O pin capacitance
Outputs disabled; VI/O = 0 V or VCC
9
9
pF
ICCZ
Total supply current
Outputs disabled
40
70
µA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
TYPE NUMBER
DWG NUMBER
56-Pin Plastic SSOP Type III
–40
°C to +85 °C
74ALVT16543DL
SOT371-1
56-Pin Plastic TSSOP Type II
–40
°C to +85 °C
74ALVT16543DGG
SOT364-1
LOGIC SYMBOL (IEEE/IEC)
∇ 9
11 D
5 D
56
54
55
1
3
2
5
29
26
27
28
31
30
6
8
9
10
12
13
14
52
51
49
48
47
45
44
15
16
17
19
20
21
23
43
24
42
41
40
38
37
36
34
33
∇ 3
1EN3 (BA)
G1
1C5
2EN4 (AB)
G2
2C6
6 D
4
7EN9 (BA)
G7
7C11
8EN10 (AB)
G8
8C12
12 D
10
SW00151


Podobny numer części - 74ALVT16543_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ALVT16543DGG PHILIPS-74ALVT16543DGG Datasheet
100Kb / 14P
   2.5V/3.3V ALVT 16-bit registered transceiver 3-State
1998 Feb 13
logo
Nexperia B.V. All right...
74ALVT16543DGG NEXPERIA-74ALVT16543DGG Datasheet
240Kb / 16P
   2.5 V/3.3 V 16-bit registered transceiver (3-State)
2004 Sep 14
logo
NXP Semiconductors
74ALVT16543DL PHILIPS-74ALVT16543DL Datasheet
100Kb / 14P
   2.5V/3.3V ALVT 16-bit registered transceiver 3-State
1998 Feb 13
logo
Nexperia B.V. All right...
74ALVT16543DL NEXPERIA-74ALVT16543DL Datasheet
240Kb / 16P
   2.5 V/3.3 V 16-bit registered transceiver (3-State)
2004 Sep 14
More results

Podobny opis - 74ALVT16543_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74ALVT16543 NEXPERIA-74ALVT16543 Datasheet
240Kb / 16P
   2.5 V/3.3 V 16-bit registered transceiver (3-State)
2004 Sep 14
74LVT16543A NEXPERIA-74LVT16543A Datasheet
243Kb / 15P
   3.3 V 16-bit registered transceiver; 3-state
Rev. 4 - 1 April 2021
logo
Texas Instruments
SN74LVTH16543-EP TI1-SN74LVTH16543-EP Datasheet
304Kb / 12P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVER 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALVT16543 PHILIPS-74ALVT16543 Datasheet
100Kb / 14P
   2.5V/3.3V ALVT 16-bit registered transceiver 3-State
1998 Feb 13
74ALVT16952 PHILIPS-74ALVT16952 Datasheet
98Kb / 14P
   2.5V/3.3V ALVT 16-bit registered transceiver 3-State
1998 Mar 19
logo
Texas Instruments
SN74LVTH16952-EP TI1-SN74LVTH16952-EP Datasheet
311Kb / 11P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTH182512-EP TI1-SN74LVTH182512-EP Datasheet
311Kb / 11P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74LVTN16245B PHILIPS-74LVTN16245B_15 Datasheet
221Kb / 17P
   3.3 V 16-bit transceiver; 3-state
Rev. 5-5 April 2012
74LVT_LVTH16245B PHILIPS-74LVT_LVTH16245B_15 Datasheet
261Kb / 19P
   3.3 V 16-bit transceiver; 3-state
Rev. 10-1 March 2012
74LVTN16245B NXP-74LVTN16245B_10 Datasheet
155Kb / 17P
   3.3 V 16-bit transceiver; 3-state
Rev. 02-23 March 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com