Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AUP1G17 Arkusz danych(PDF) 11 Page - NXP Semiconductors

Numer części 74AUP1G17
Szczegółowy opis  Low-power Schmitt trigger
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1G17 Arkusz danych(HTML) 11 Page - NXP Semiconductors

Back Button 74AUP1G17_15 Datasheet HTML 7Page - NXP Semiconductors 74AUP1G17_15 Datasheet HTML 8Page - NXP Semiconductors 74AUP1G17_15 Datasheet HTML 9Page - NXP Semiconductors 74AUP1G17_15 Datasheet HTML 10Page - NXP Semiconductors 74AUP1G17_15 Datasheet HTML 11Page - NXP Semiconductors 74AUP1G17_15 Datasheet HTML 12Page - NXP Semiconductors 74AUP1G17_15 Datasheet HTML 13Page - NXP Semiconductors 74AUP1G17_15 Datasheet HTML 14Page - NXP Semiconductors 74AUP1G17_15 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
74AUP1G17
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 8 — 15 January 2015
11 of 24
NXP Semiconductors
74AUP1G17
Low-power Schmitt trigger
VH
hysteresis voltage
see Figure 10, Figure 11,
Figure 12 and Figure 13
VCC = 0.8 V
0.07
-
0.50
V
VCC = 1.1 V
0.08
-
0.46
V
VCC = 1.4 V
0.18
-
0.56
V
VCC = 1.65 V
0.27
-
0.66
V
VCC = 2.3 V
0.53
-
0.92
V
VCC = 3.0 V
0.79
-
1.31
V
Tamb = 40 C to +125 C
VT+
positive-going
threshold voltage
see Figure 10 and Figure 11
VCC = 0.8 V
0.30
-
0.62
V
VCC = 1.1 V
0.53
-
0.92
V
VCC = 1.4 V
0.74
-
1.13
V
VCC = 1.65 V
0.91
-
1.31
V
VCC = 2.3 V
1.37
-
1.80
V
VCC = 3.0 V
1.88
-
2.32
V
VT
negative-going
threshold voltage
see Figure 10 and Figure 11
VCC = 0.8 V
0.10
-
0.60
V
VCC = 1.1 V
0.26
-
0.65
V
VCC = 1.4 V
0.39
-
0.75
V
VCC = 1.65 V
0.47
-
0.84
V
VCC = 2.3 V
0.69
-
1.04
V
VCC = 3.0 V
0.88
-
1.24
V
VH
hysteresis voltage
see Figure 10, Figure 11,
Figure 12 and Figure 13
VCC = 0.8 V
0.07
-
0.50
V
VCC = 1.1 V
0.08
-
0.46
V
VCC = 1.4 V
0.18
-
0.56
V
VCC = 1.65 V
0.27
-
0.66
V
VCC = 2.3 V
0.53
-
0.92
V
VCC = 3.0 V
0.79
-
1.31
V
Table 11.
Transfer characteristics …continued
Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Podobny numer części - 74AUP1G17_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74AUP1G17-Q100 NEXPERIA-74AUP1G17-Q100 Datasheet
247Kb / 17P
   Low-power Schmitt trigger
Rev. 2 - 13 January 2022
logo
NXP Semiconductors
74AUP1G175 PHILIPS-74AUP1G175 Datasheet
92Kb / 26P
   Low-power D-type flip-flop with reset; positive-edge trigger
Rev. 01.mm-27 March 2006
74AUP1G175 NXP-74AUP1G175 Datasheet
110Kb / 20P
   Low-power D-type flip-flop with reset; positive-edge trigger
Rev. 02-28 February 2008
logo
Nexperia B.V. All right...
74AUP1G175 NEXPERIA-74AUP1G175 Datasheet
296Kb / 21P
   Low-power D-type flip-flop with reset; positive-edge trigger
Rev. 7 - 18 January 2022
74AUP1G175-Q100 NEXPERIA-74AUP1G175-Q100 Datasheet
219Kb / 17P
   Low-power D-type flip-flop with reset; positive-edge trigger
More results

Podobny opis - 74AUP1G17_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AUP1G17 NXP-74AUP1G17 Datasheet
110Kb / 20P
   Low-power Schmitt trigger
Rev. 03-10 July 2009
logo
Nexperia B.V. All right...
74AXP1G17 NEXPERIA-74AXP1G17 Datasheet
805Kb / 17P
   Low-power Schmitt trigger
logo
NXP Semiconductors
74AXP1G17 PHILIPS-74AXP1G17_15 Datasheet
196Kb / 17P
   Low-power Schmitt trigger
Rev. 1-6 September 2014
logo
Nexperia B.V. All right...
74AUP1G17-Q100 NEXPERIA-74AUP1G17-Q100 Datasheet
247Kb / 17P
   Low-power Schmitt trigger
Rev. 2 - 13 January 2022
74AUP1G17 NEXPERIA-74AUP1G17 Datasheet
321Kb / 24P
   Low-power Schmitt trigger
Rev. 13 - 13 January 2022
logo
NXP Semiconductors
74AUP1G14 NXP-74AUP1G14 Datasheet
112Kb / 19P
   Low-power Schmitt trigger inverter
Rev. 03-8 July 2009
logo
Nexperia B.V. All right...
74AXP1G14 NEXPERIA-74AXP1G14 Datasheet
228Kb / 16P
   Low-power Schmitt trigger inverter
logo
NXP Semiconductors
74AUP1G17 PHILIPS-74AUP1G17 Datasheet
96Kb / 20P
   Low-power Schmitt-trigger buffer
Rev. 01-26 July 2005
74AUP2G17 NXP-74AUP2G17 Datasheet
93Kb / 18P
   Low-power dual Schmitt trigger
Rev. 02-10 January 2008
74AUP2G17 NXP-74AUP2G17_09 Datasheet
104Kb / 18P
   Low-power dual Schmitt trigger
Rev. 03-6 July 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com