Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AUP1G126 Arkusz danych(PDF) 10 Page - NXP Semiconductors

Numer części 74AUP1G126
Szczegółowy opis  Low-power buffer/line driver; 3-state
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1G126 Arkusz danych(HTML) 10 Page - NXP Semiconductors

Back Button 74AUP1G126_15 Datasheet HTML 6Page - NXP Semiconductors 74AUP1G126_15 Datasheet HTML 7Page - NXP Semiconductors 74AUP1G126_15 Datasheet HTML 8Page - NXP Semiconductors 74AUP1G126_15 Datasheet HTML 9Page - NXP Semiconductors 74AUP1G126_15 Datasheet HTML 10Page - NXP Semiconductors 74AUP1G126_15 Datasheet HTML 11Page - NXP Semiconductors 74AUP1G126_15 Datasheet HTML 12Page - NXP Semiconductors 74AUP1G126_15 Datasheet HTML 13Page - NXP Semiconductors 74AUP1G126_15 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
74AUP1G126
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 28 June 2012
10 of 25
NXP Semiconductors
74AUP1G126
Low-power buffer/line driver; 3-state
tdis
disable time
see Figure 9
[4]
VCC = 0.8 V
-
14.9
-
ns
VCC = 1.1 V to 1.3 V
4.3
6.4
8.5
ns
VCC = 1.4 V to 1.6 V
3.0
5.0
6.6
ns
VCC = 1.65 V to 1.95 V
3.1
5.4
6.6
ns
VCC = 2.3 V to 2.7 V
2.4
4.0
5.0
ns
VCC = 3.0 V to 3.6 V
3.2
5.3
6.2
ns
Tamb = 25 C; CL = 30 pF
tpd
propagation delay
see Figure 8
[2]
VCC = 0.8 V
-
37.4
-
ns
VCC = 1.1 V to 1.3 V
4.8
9.5
18.7
ns
VCC = 1.4 V to 1.6 V
4.0
6.7
10.8
ns
VCC = 1.65 V to 1.95 V
2.9
5.6
8.4
ns
VCC = 2.3 V to 2.7 V
2.7
4.8
6.3
ns
VCC = 3.0 V to 3.6 V
2.7
4.6
5.8
ns
ten
enable time
see Figure 9
[3]
VCC = 0.8 V
-
90.6
-
ns
VCC = 1.1 V to 1.3 V
4.7
10.0
20.4
ns
VCC = 1.4 V to 1.6 V
3.0
6.9
11.3
ns
VCC = 1.65 V to 1.95 V
2.6
5.6
8.6
ns
VCC = 2.3 V to 2.7 V
2.3
4.5
6.3
ns
VCC = 3.0 V to 3.6 V
2.2
4.2
5.8
ns
tdis
disable time
see Figure 9
[4]
VCC = 0.8 V
-
51.6
-
ns
VCC = 1.1 V to 1.3 V
6.0
9.8
13.6
ns
VCC = 1.4 V to 1.6 V
4.5
7.7
10.5
ns
VCC = 1.65 V to 1.95 V
5.2
8.8
11.4
ns
VCC = 2.3 V to 2.7 V
3.9
6.4
7.4
ns
VCC = 3.0 V to 3.6 V
5.5
9.0
10.7
ns
Table 8.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 10
Symbol
Parameter
Conditions
Min
Typ [1]
Max
Unit


Podobny numer części - 74AUP1G126_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74AUP1G126DBVRE4 TI-74AUP1G126DBVRE4 Datasheet
1,023Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
74AUP1G126DBVRG4 TI-74AUP1G126DBVRG4 Datasheet
1,023Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
74AUP1G126DBVTE4 TI-74AUP1G126DBVTE4 Datasheet
1,023Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
74AUP1G126DBVTG4 TI-74AUP1G126DBVTG4 Datasheet
1,023Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
74AUP1G126DCKRE4 TI-74AUP1G126DCKRE4 Datasheet
1,023Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results

Podobny opis - 74AUP1G126_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AXP1G125 PHILIPS-74AXP1G125_15 Datasheet
183Kb / 18P
   Low-power buffer/line driver; 3-state
Rev. 1-16 January 2014
logo
Nexperia B.V. All right...
74AXP1G125 NEXPERIA-74AXP1G125 Datasheet
210Kb / 17P
   Low-power buffer/line driver 3-state
logo
NXP Semiconductors
74AUP1G125 PHILIPS-74AUP1G125_15 Datasheet
377Kb / 25P
   Low-power buffer/line driver; 3-state
Rev. 6-15 August 2012
74AUP1G126 PHILIPS-74AUP1G126 Datasheet
100Kb / 20P
   Low-Power buffer/line driver; 3-state
Rev. 01-25 July 2005
74AUP1G125 PHILIPS-74AUP1G125 Datasheet
104Kb / 21P
   Low-power buffer/line driver; 3-state
Rev. 02-30 June 2006
logo
Nexperia B.V. All right...
74AUP1G126 NEXPERIA-74AUP1G126 Datasheet
310Kb / 22P
   Low-power buffer/line driver; 3-state
Rev. 9 - 14 January 2022
74AUP1G125-Q100 NEXPERIA-74AUP1G125-Q100 Datasheet
265Kb / 18P
   Low-power buffer/line driver; 3-state
74AUP1G125 NEXPERIA-74AUP1G125 Datasheet
299Kb / 20P
   Low-power buffer/line driver; 3-state
Rev. 9 - 14 January 2022
logo
NXP Semiconductors
74AUP2G125 PHILIPS-74AUP2G125_15 Datasheet
299Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 10-8 February 2013
74AUP2G125 PHILIPS-74AUP2G125_11 Datasheet
163Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 8-2 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com