Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ALVCH16373 Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części 74ALVCH16373
Szczegółowy opis  2.5 V/3.3 V 16-bit D-type transparent latch; 3-state
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16373 Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button 74ALVCH16373_15 Datasheet HTML 2Page - NXP Semiconductors 74ALVCH16373_15 Datasheet HTML 3Page - NXP Semiconductors 74ALVCH16373_15 Datasheet HTML 4Page - NXP Semiconductors 74ALVCH16373_15 Datasheet HTML 5Page - NXP Semiconductors 74ALVCH16373_15 Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16373_15 Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16373_15 Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16373_15 Datasheet HTML 9Page - NXP Semiconductors 74ALVCH16373_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
74ALVCH16373
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 6 — 10 July 2012
6 of 18
NXP Semiconductors
74ALVCH16373
2.5 V/3.3 V 16-bit D-type transparent latch; 3-state
7.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
Above 55
C the value of P
tot derates linearly with 11.3 mW/K.
[3]
Above 55
C the value of P
tot derates linearly with 8 mW/K.
8.
Recommended operating conditions
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+4.6
V
IIK
input clamping current
VI <0V
50
-
mA
VI
input voltage
control inputs
[1]
0.5
+4.6
V
data inputs
[1]
0.5
VCC +0.5
V
IOK
output clamping current
VO >VCC or VO <0V
-
50
mA
VO
output voltage
[1]
0.5
VCC +0.5
V
IO
output current
VO =0V to VCC
-
50
mA
ICC
supply current
-
100
mA
IGND
ground current
100
-
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
Tamb = 40 C to +125 C
SSOP48 package
[2] -850
mW
TSSOP48 package
[3] -600
mW
Table 5.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
maximum speed performance
CL = 30 pF
2.3
-
2.7
V
CL = 50 pF
3.0
-
3.6
V
low voltage applications
1.2
-
3.6
V
VI
input voltage
data inputs
0
-
VCC
V
control inputs
0
-
5.5
V
VO
output voltage
0
-
VCC
V
Tamb
ambient temperature
in free air
40
-
+85
C
t/V
input transition rise and fall rate VCC = 2.3 V to 3.0 V
0
-
20
ns/V
VCC = 3.0 V to 3.6 V
0
-
10
ns/V


Podobny numer części - 74ALVCH16373_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ALVCH16373DGG PHILIPS-74ALVCH16373DGG Datasheet
96Kb / 12P
   2.5V/3.3V 16-bit D-type transparent latch 3-State
1999 Sep 20
logo
Nexperia B.V. All right...
74ALVCH16373DGG NEXPERIA-74ALVCH16373DGG Datasheet
238Kb / 14P
   2.5 V/3.3 V 16-bit D-type transparent latch; 3-state
Rev. 8 - 22 November 2021
logo
Texas Instruments
74ALVCH16373DGGE4 TI-74ALVCH16373DGGE4 Datasheet
488Kb / 19P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
74ALVCH16373DGGRG4 TI-74ALVCH16373DGGRG4 Datasheet
488Kb / 19P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALVCH16373DL PHILIPS-74ALVCH16373DL Datasheet
96Kb / 12P
   2.5V/3.3V 16-bit D-type transparent latch 3-State
1999 Sep 20
More results

Podobny opis - 74ALVCH16373_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74ALVCH16373 NEXPERIA-74ALVCH16373 Datasheet
238Kb / 14P
   2.5 V/3.3 V 16-bit D-type transparent latch; 3-state
Rev. 8 - 22 November 2021
74LVT16373A NEXPERIA-74LVT16373A Datasheet
228Kb / 13P
   3.3 V 16-bit transparent D-type latch; 3-state
Rev. 4 - 3 August 2021
logo
Texas Instruments
SN54ALVTH16373 TI-SN54ALVTH16373_07 Datasheet
556Kb / 19P
[Old version datasheet]   2.5-V/3.3-V 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALVTH16373 TI-SN54ALVTH16373 Datasheet
185Kb / 10P
[Old version datasheet]   2.5-V/3.3-V 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74LVTH162373-EP TI1-SN74LVTH162373-EP Datasheet
285Kb / 10P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74LVT573 PHILIPS-74LVT573_15 Datasheet
323Kb / 17P
   3.3 V octal D-type transparent latch; 3-state
Rev. 8-22 November 2011
74LVT573 NXP-74LVT573 Datasheet
111Kb / 16P
   3.3 V octal D-type transparent latch; (3-state)
Rev. 04-15 September 2008
logo
Nexperia B.V. All right...
74LVT573 NEXPERIA-74LVT573 Datasheet
264Kb / 15P
   3.3 V octal D-type transparent latch; 3-state
Rev. 9 - 30 July 2021
logo
NXP Semiconductors
74AVC16373 PHILIPS-74AVC16373_15 Datasheet
100Kb / 16P
   16-bit D-type transparent latch; 3.6 V tolerant; 3-state
2000 Mar 09
74AVC16373 PHILIPS-74AVC16373 Datasheet
87Kb / 16P
   16-bit D-type transparent latch; 3.6 V tolerant; 3-state
2000 Mar 09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com