Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ALVCH16501 Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części 74ALVCH16501
Szczegółowy opis  18-bit universal bus transceiver; 3-state
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16501 Arkusz danych(HTML) 5 Page - NXP Semiconductors

  74ALVCH16501_15 Datasheet HTML 1Page - NXP Semiconductors 74ALVCH16501_15 Datasheet HTML 2Page - NXP Semiconductors 74ALVCH16501_15 Datasheet HTML 3Page - NXP Semiconductors 74ALVCH16501_15 Datasheet HTML 4Page - NXP Semiconductors 74ALVCH16501_15 Datasheet HTML 5Page - NXP Semiconductors 74ALVCH16501_15 Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16501_15 Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16501_15 Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16501_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
74ALVCH16501
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 10 July 2012
5 of 18
NXP Semiconductors
74ALVCH16501
18-bit universal bus transceiver; 3-state
6.
Functional description
6.1 Function table
[1]
A-to-B data flow is shown; B-to-A flow is similar but uses OEBA, LEBA and CPBA.
H = HIGH voltage level;
h = HIGH voltage level one set-up time prior to the enable or clock transition;
L = LOW voltage level;
l = LOW voltage level one set-up time prior to the enable or clock transition;
X = don’t care;
Z = high-impedance OFF-state;
= HIGH-to-LOW clock transition;
 = LOW-to-HIGH clock transition.
7.
Limiting values
CPBA
30
clock input B-to-A
B0 to B17
54, 52, 51, 49, 48, 47, 45, 44, 43, 42, 41, 40, 38, 37, 36, 34, 33, 31
data inputs or outputs
CPAB
55
clock input A-to-B
Table 2.
Pin description …continued
Symbol
Pin
Description
Table 3.
Function table[1]
Inputs
Output
Operating mode
OEAB
LEAB
CPAB
An
Bn
L
X
X
X
Z
disabled
H
H
X
H
H
transparent
H
H
X
L
L
H
X
h
H
latch data and display
H
X
l
L
H
L
h
H
clock data and display
H
L
l
L
H
L
H or L
X
H
hold data and display
H
L
H or L
X
L
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+4.6
V
IIK
input clamping current
VI < 0 V
50
-
mA
VI
input voltage
control inputs
[1]
0.5
+4.6
V
data inputs
[1]
0.5
VCC + 0.5
V
IOK
output clamping current
VO > VCC or VO < 0 V
-
50
mA
VO
output voltage
[1]
0.5
VCC + 0.5
V
IO
output current
VO = 0 V to VCC
-
50
mA
ICC
supply current
-
100
mA


Podobny numer części - 74ALVCH16501_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ALVCH16501DGG PHILIPS-74ALVCH16501DGG Datasheet
86Kb / 13P
   18-bit universal bus transceiver 3-State
1998 Sep 29
74ALVCH16501DGG NXP-74ALVCH16501DGG Datasheet
377Kb / 18P
   18-bit universal bus transceiver; 3-state
Rev. 03-2 April 2010
logo
Nexperia B.V. All right...
74ALVCH16501DGG NEXPERIA-74ALVCH16501DGG Datasheet
253Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 7 - 24 November 2021
logo
Texas Instruments
74ALVCH16501DGGRG4 TI-74ALVCH16501DGGRG4 Datasheet
297Kb / 13P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALVCH16501DL NXP-74ALVCH16501DL Datasheet
377Kb / 18P
   18-bit universal bus transceiver; 3-state
Rev. 03-2 April 2010
More results

Podobny opis - 74ALVCH16501_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ALVCH16601 PHILIPS-74ALVCH16601 Datasheet
86Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVT16601 PHILIPS-74ALVT16601 Datasheet
96Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVCH16600 PHILIPS-74ALVCH16600_15 Datasheet
93Kb / 14P
   18-bit universal bus transceiver (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ALVCH16501 NEXPERIA-74ALVCH16501 Datasheet
253Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 7 - 24 November 2021
74ALVT16601 NEXPERIA-74ALVT16601 Datasheet
233Kb / 21P
   18-bit universal bus transceiver; 3-state
Rev. 03 - 5 July 2005
logo
NXP Semiconductors
74ABT16500C PHILIPS-74ABT16500C Datasheet
88Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Feb 27
logo
Nexperia B.V. All right...
74ALVCH16600 NEXPERIA-74ALVCH16600 Datasheet
210Kb / 17P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 15 January 2018
74ALVCH16601 NEXPERIA-74ALVCH16601 Datasheet
231Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 13 August 2018
logo
NXP Semiconductors
74ALVT16501 PHILIPS-74ALVT16501_05 Datasheet
123Kb / 20P
   18-bit universal bus transceiver; 3-state
Rev. 04-8 August 2005
74ALVCH16500 PHILIPS-74ALVCH16500 Datasheet
88Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVCH16501 PHILIPS-74ALVCH16501 Datasheet
86Kb / 13P
   18-bit universal bus transceiver 3-State
1998 Sep 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com