Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ALVCH16501 Arkusz danych(PDF) 11 Page - NXP Semiconductors

Numer części 74ALVCH16501
Szczegółowy opis  18-bit universal bus transceiver; 3-state
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16501 Arkusz danych(HTML) 11 Page - NXP Semiconductors

Back Button 74ALVCH16501_15 Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16501_15 Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16501_15 Datasheet HTML 9Page - NXP Semiconductors 74ALVCH16501_15 Datasheet HTML 10Page - NXP Semiconductors 74ALVCH16501_15 Datasheet HTML 11Page - NXP Semiconductors 74ALVCH16501_15 Datasheet HTML 12Page - NXP Semiconductors 74ALVCH16501_15 Datasheet HTML 13Page - NXP Semiconductors 74ALVCH16501_15 Datasheet HTML 14Page - NXP Semiconductors 74ALVCH16501_15 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
74ALVCH16501
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 10 July 2012
11 of 18
NXP Semiconductors
74ALVCH16501
18-bit universal bus transceiver; 3-state
Measurement points are given in Table 8.
VOL and VOH are typical output levels that occur with the output load.
Fig 8.
Propagation delay, latch enable input (LEAB, LEBA) and clock pulse input (CPAB, CPBA) to data output,
and pulse width
001aal720
tPHL
tPLH
tW
1 / fmax
VM
VM
VM
VM
VM
LExx
input
CPxx
input
An, Bn
output
GND
VOH
VOL
VI
Measurement points are given in Table 8.
Fig 9.
Data set-up and hold times (An, Bn inputs to LEAB, LEBA, CPAB and CPBA inputs)
001aal722
VM
VI
GND
VI
GND
An, Bn
input
CPxx, LExx
input
VM
VM
tsu
th
tsu
th
VM
VM
VM
Table 8.
Measurement points
Supply voltage
Input
Output
VCC
VI
VM
VM
VX
VY
2.3 V to 2.7 V and < 2.3 V VCC
0.5
 V
CC
0.5
 V
CC
VOL + 0.15 V
VOH  0.15 V
2.7 V
2.7 V
1.5 V
1.5 V
VOL + 0.3 V
VOH  0.3 V
3.0 V to 3.6 V
2.7 V
1.5 V
1.5 V
VOL + 0.3 V
VOH  0.3 V


Podobny numer części - 74ALVCH16501_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ALVCH16501DGG PHILIPS-74ALVCH16501DGG Datasheet
86Kb / 13P
   18-bit universal bus transceiver 3-State
1998 Sep 29
74ALVCH16501DGG NXP-74ALVCH16501DGG Datasheet
377Kb / 18P
   18-bit universal bus transceiver; 3-state
Rev. 03-2 April 2010
logo
Nexperia B.V. All right...
74ALVCH16501DGG NEXPERIA-74ALVCH16501DGG Datasheet
253Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 7 - 24 November 2021
logo
Texas Instruments
74ALVCH16501DGGRG4 TI-74ALVCH16501DGGRG4 Datasheet
297Kb / 13P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALVCH16501DL NXP-74ALVCH16501DL Datasheet
377Kb / 18P
   18-bit universal bus transceiver; 3-state
Rev. 03-2 April 2010
More results

Podobny opis - 74ALVCH16501_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ALVCH16601 PHILIPS-74ALVCH16601 Datasheet
86Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVT16601 PHILIPS-74ALVT16601 Datasheet
96Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVCH16600 PHILIPS-74ALVCH16600_15 Datasheet
93Kb / 14P
   18-bit universal bus transceiver (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ALVCH16501 NEXPERIA-74ALVCH16501 Datasheet
253Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 7 - 24 November 2021
74ALVT16601 NEXPERIA-74ALVT16601 Datasheet
233Kb / 21P
   18-bit universal bus transceiver; 3-state
Rev. 03 - 5 July 2005
logo
NXP Semiconductors
74ABT16500C PHILIPS-74ABT16500C Datasheet
88Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Feb 27
logo
Nexperia B.V. All right...
74ALVCH16600 NEXPERIA-74ALVCH16600 Datasheet
210Kb / 17P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 15 January 2018
74ALVCH16601 NEXPERIA-74ALVCH16601 Datasheet
231Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 13 August 2018
logo
NXP Semiconductors
74ALVT16501 PHILIPS-74ALVT16501_05 Datasheet
123Kb / 20P
   18-bit universal bus transceiver; 3-state
Rev. 04-8 August 2005
74ALVCH16500 PHILIPS-74ALVCH16500 Datasheet
88Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVCH16501 PHILIPS-74ALVCH16501 Datasheet
86Kb / 13P
   18-bit universal bus transceiver 3-State
1998 Sep 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com