Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADE-8011 Arkusz danych(PDF) 2 Page - Level One

Numer części ADE-8011
Szczegółowy opis  Cat.5 Audio Transmitter/Receiver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LVL1 [Level One]
Strona internetowa  http://www.level1.com/
Logo LVL1 - Level One

ADE-8011 Arkusz danych(HTML) 2 Page - Level One

  ADE-8011 Datasheet HTML 1Page - Level One ADE-8011 Datasheet HTML 2Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.level1.com
I one world_one brand_one level_
Audio/Video Extenders

Technical Specifications
Product Diagram
Function
Aduio Transmitter/Receiver
Audio Input
RJ-11 x 1
Max Transmit Distance
Transmitting over 4-wire phone cable, stereo audio up to 100m
Signal Type
Stereo
Dimensions (mm)
18 x 19 x 20
Operating Temp
0°C ~ 50°C
Storage Temp
0°C ~ 50°C
Humidity
70% ~ 25% Non-Condensing
Order Information
ADE-8011: Audio Transmitter/Receiver
Package Contents
ADE-8011
All mentioned brand names are registered trademarks and property of their owners. Technical specifications are subject to change without notice.
© Copyright Digital Data Communications GmbH. All Rights Reserved.
V2.0
Speakers
ADE-8011
LCD Monitor
Projector
Plasma
ADE-8001
ADE-8002
Local
Monitor
ADE-8204
ADE-8002
Displayer w/ DVI Connector
Ethernet Cable (RJ 45)
Phone Line (RJ 11)
DVI Cable
PC


Podobny numer części - ADE-8011

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Level One
ADE-8001 LVL1-ADE-8001 Datasheet
411Kb / 2P
   Short Range DVI-D Receiver
More results

Podobny opis - ADE-8011

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Level One
AVE-9200 LVL1-AVE-9200 Datasheet
905Kb / 3P
   Cat.5 Audio/Video Receiver (incl. Cable)
HVE-9111 LVL1-HVE-9111 Datasheet
388Kb / 2P
   HDMI over Cat.5 Receiver, 300m
AVE-9205 LVL1-AVE-9205 Datasheet
941Kb / 3P
   5-port Cat.5 Audio/Video Broadcaster
logo
Analog Devices
AD8128 AD-AD8128_15 Datasheet
312Kb / 12P
   CAT-5 Receiver with Adjustable Line Equalization
REV. 0
AD8128 AD-AD8128 Datasheet
311Kb / 12P
   CAT-5 Receiver with Adjustable Line Equalization
REV. 0
AD8128 AD-AD8128_16 Datasheet
383Kb / 12P
   CAT-5 Receiver with Adjustable Line Equalization
logo
Texas Instruments
DIX4192IPFBG4 TI1-DIX4192IPFBG4 Datasheet
1Mb / 64P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1_17 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1 Datasheet
790Kb / 65P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
logo
Burr-Brown (TI)
DIX4192 BURR-BROWN-DIX4192 Datasheet
806Kb / 60P
   Integrated Digital Audio Interface Receiver and Transmitter
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com