Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX2325 Arkusz danych(PDF) 7 Page - Maxim Integrated Products

Numer części MAX2325
Szczegółowy opis  Adjustable, High-Linearity, SiGe Dual-Band LNA/Mixer ICs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2325 Arkusz danych(HTML) 7 Page - Maxim Integrated Products

Back Button MAX2325 Datasheet HTML 3Page - Maxim Integrated Products MAX2325 Datasheet HTML 4Page - Maxim Integrated Products MAX2325 Datasheet HTML 5Page - Maxim Integrated Products MAX2325 Datasheet HTML 6Page - Maxim Integrated Products MAX2325 Datasheet HTML 7Page - Maxim Integrated Products MAX2325 Datasheet HTML 8Page - Maxim Integrated Products MAX2325 Datasheet HTML 9Page - Maxim Integrated Products MAX2325 Datasheet HTML 10Page - Maxim Integrated Products MAX2325 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Adjustable, High-Linearity,
SiGe Dual-Band LNA/Mixer ICs
_______________________________________________________________________________________
7
Typical Operating Characteristics
(MAX232_ EV kit, VCC = +2.75V, fLNAINH = fMIXINH = 1960MHz, fLNAINL = fMIXINL = 881MHz, fLOHIN = 1750MHz, fLOLIN = 1091MHz
(digital modes), fLOLIN = 991MHz (FM mode), LO input power = -7dBm, 50
Ω system, all measurements include matching component
losses but not connector and trace losses, TA = +25°C, unless otherwise noted.)
0
5
15
10
20
25
PCS-BAND SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
-50
50
0
100
HGHL
LGHL
HGLL
0
5
15
10
20
25
CELLULAR-BAND SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
-50
50
0
100
HGHL
LGHL
HGLL
CELLULAR-BAND LNA S11
LGHL
HGLL, FM
HGHL
CELLULAR-BAND LNA S22
LGHL
HGLL, FM
HGHL
PCS-BAND LNA S11
LGHL
HGLL
HGHL
PCS-BAND LNA S22
LGHL
HGLL
HGHL
PCS-BAND MIXER S11
ALL MODES
CELLULAR-BAND MIXER S11
ALL MODES
0
40
20
100
80
60
140
120
160
0.50
0.40
0.30
0.70
0.60
0.80
0
150 200
50 100
250 300 350 400 450
DIGITAL MIXER DIFFERENTIAL IF
PORT IMPEDANCE
MAX2320 toc09
FREQUENCY (MHz)
CAPACITANCE
RESISTANCE


Podobny numer części - MAX2325

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
MAX2325EGI MAXIM-MAX2325EGI Datasheet
164Kb / 14P
   Triple/Dual-Mode CDMA LNA/Mixers
Rev 0; 7/00
More results

Podobny opis - MAX2325

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
BGA771L16 INFINEON-BGA771L16 Datasheet
942Kb / 33P
   High Linearity Dual-Band UMTS LNA
V3.0, August 2008
logo
TriQuint Semiconductor
TGA2613-SM TRIQUINT-TGA2613-SM_15 Datasheet
506Kb / 12P
   S-Band High Linearity LNA
logo
Maxim Integrated Produc...
MAX19757 MAXIM-MAX19757 Datasheet
4Mb / 34P
   Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer
Rev 0; 12/12
MAX9981 MAXIM-MAX9981 Datasheet
409Kb / 15P
   825MHz to 915MHz, Dual SiGe High-Linearity Active Mixer
logo
RF Micro Devices
RF2488 RFMD-RF2488 Datasheet
483Kb / 22P
   MULTI-MODE DUAL-BAND LNA MIXER
logo
Maxim Integrated Produc...
MAX9982 MAXIM-MAX9982 Datasheet
395Kb / 12P
   825MHz to 915MHz, SiGe High-Linearity Active Mixer
Rev 1; 9/02
logo
WJ Communication. Inc.
MH205A WJCI-MH205A Datasheet
139Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
MH205A WJCI-MH205A_07 Datasheet
192Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
MH203A WJCI-MH203A Datasheet
191Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
MH205-RFID WJCI-MH205-RFID Datasheet
144Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com