Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AVCH16T245 Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części 74AVCH16T245
Szczegółowy opis  16-bit dual supply translating transceiver with configurable voltage translation; 3-state
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AVCH16T245 Arkusz danych(HTML) 5 Page - NXP Semiconductors

  74AVCH16T245_15 Datasheet HTML 1Page - NXP Semiconductors 74AVCH16T245_15 Datasheet HTML 2Page - NXP Semiconductors 74AVCH16T245_15 Datasheet HTML 3Page - NXP Semiconductors 74AVCH16T245_15 Datasheet HTML 4Page - NXP Semiconductors 74AVCH16T245_15 Datasheet HTML 5Page - NXP Semiconductors 74AVCH16T245_15 Datasheet HTML 6Page - NXP Semiconductors 74AVCH16T245_15 Datasheet HTML 7Page - NXP Semiconductors 74AVCH16T245_15 Datasheet HTML 8Page - NXP Semiconductors 74AVCH16T245_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
74AVCH16T245
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 1 March 2012
5 of 29
NXP Semiconductors
74AVCH16T245
16-bit dual supply translating transceiver; 3-state
(1) This is not a supply pin. The substrate is attached to this pad using conductive die attach material. There is no electrical or
mechanical requirement to solder this pad. However, if it is soldered, the solder land should remain floating or be connected to
GND.
Fig 5.
Pin configuration SOT1134-2 (HXQFN60)
D1
D3
A16
A15
A14
A13
A12
A11
D2
B9
B10
D7
A17
A18
B11
A19
B12
A20
B13
A21
B14
B8
A10
D6
A9
A8
B7
B6
A7
B5
A6
A22
B15
A23
B16
A24
B17
A25
A26
D8
D4
A27
B18
A28
A29
B19
B20
A30
A31
A32
B4
A5
B3
B2
B1
D5
A4
A3
A2
A1
74AVCH16T245
001aak432
Transparent top view
terminal 1
index area
GND(1)


Podobny numer części - 74AVCH16T245_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74AVCH16T245DGG NEXPERIA-74AVCH16T245DGG Datasheet
301Kb / 21P
   16-bit dual supply translating transceiver with configurable voltage translation 3-state
logo
Texas Instruments
74AVCH16T245GRE4 TI-74AVCH16T245GRE4 Datasheet
581Kb / 21P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74AVCH16T245GRE4 TI-74AVCH16T245GRE4 Datasheet
616Kb / 21P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74AVCH16T245GRG4 TI-74AVCH16T245GRG4 Datasheet
581Kb / 21P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74AVCH16T245GRG4 TI-74AVCH16T245GRG4 Datasheet
616Kb / 21P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Podobny opis - 74AVCH16T245_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74AVCH16T245 NEXPERIA-74AVCH16T245 Datasheet
301Kb / 21P
   16-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC16T245-Q100 NEXPERIA-74AVC16T245-Q100 Datasheet
296Kb / 20P
   16-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC16T245 NEXPERIA-74AVC16T245 Datasheet
311Kb / 22P
   16-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 7 - 14 January 2019
logo
NXP Semiconductors
74AVC16T245 PHILIPS-74AVC16T245_15 Datasheet
345Kb / 28P
   16-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 6-9 September 2013
74AVC16T245 NXP-74AVC16T245 Datasheet
303Kb / 28P
   16-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 3-9 June 2011
74AVCH8T245 PHILIPS-74AVCH8T245_15 Datasheet
168Kb / 25P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5-27 December 2012
74AVC4T245 PHILIPS-74AVC4T245_15 Datasheet
184Kb / 27P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 4-7 December 2011
74AVCH4T245 NXP-74AVCH4T245 Datasheet
149Kb / 26P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 01-6 August 2009
74AVC8T245 NXP-74AVC8T245 Datasheet
133Kb / 23P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 02-28 April 2009
logo
Nexperia B.V. All right...
74AVC32T245 NEXPERIA-74AVC32T245 Datasheet
793Kb / 24P
   32-bit dual supply translating transceiver with configurable voltage translation 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com