Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AVCH20T245 Arkusz danych(PDF) 10 Page - NXP Semiconductors

Numer części 74AVCH20T245
Szczegółowy opis  20-bit dual supply translating transceiver with configurable voltage translation; 3-state
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AVCH20T245 Arkusz danych(HTML) 10 Page - NXP Semiconductors

Back Button 74AVCH20T245_15 Datasheet HTML 6Page - NXP Semiconductors 74AVCH20T245_15 Datasheet HTML 7Page - NXP Semiconductors 74AVCH20T245_15 Datasheet HTML 8Page - NXP Semiconductors 74AVCH20T245_15 Datasheet HTML 9Page - NXP Semiconductors 74AVCH20T245_15 Datasheet HTML 10Page - NXP Semiconductors 74AVCH20T245_15 Datasheet HTML 11Page - NXP Semiconductors 74AVCH20T245_15 Datasheet HTML 12Page - NXP Semiconductors 74AVCH20T245_15 Datasheet HTML 13Page - NXP Semiconductors 74AVCH20T245_15 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
74AVCH20T245
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 14 December 2011
10 of 28
NXP Semiconductors
74AVCH20T245
20-bit dual supply translating transceiver; 3-state
IBHL
bus hold
LOW current
A or B port
[3]
VI = 0.49 V; VCC(A) =VCC(B) =1.4 V
15
-
15
-
A
VI = 0.58 V;
VCC(A) =VCC(B) =1.65 V
25
-
25
-
A
VI = 0.70 V; VCC(A) =VCC(B) =2.3 V
45
-
45
-
A
VI = 0.80 V; VCC(A) =VCC(B) = 3.0 V
100
-
90
-
A
IBHH
bus hold
HIGH current
A or B port
[4]
VI = 0.91 V; VCC(A) =VCC(B) =1.4 V
15
-
15
-
A
VI = 1.07 V;
VCC(A) =VCC(B) =1.65 V
25
-
25
-
A
VI = 1.60 V; VCC(A) =VCC(B) =2.3 V
45
-
45
-
A
VI = 2.00 V; VCC(A) =VCC(B) =3.0 V
100
-
100
-
A
IBHLO
bus hold
LOW
overdrive
current
A or B port
[5]
VCC(A) = VCC(B) = 1.6 V
125
-
125
-
A
VCC(A) = VCC(B) = 1.95 V
200
-
200
-
A
VCC(A) = VCC(B) = 2.7 V
300
-
300
-
A
VCC(A) = VCC(B) = 3.6 V
500
-
500
-
A
IBHHO
bus hold
HIGH
overdrive
current
A or B port
[6]
VCC(A) = VCC(B) = 1.6 V
125
-
125
-
A
VCC(A) = VCC(B) = 1.95 V
200
-
200
-
A
VCC(A) = VCC(B) = 2.7 V
300
-
300
-
A
VCC(A) = VCC(B) = 3.6 V
500
-
500
-
A
IOZ
OFF-state
output
current
A or B port; VO =0 V or VCCO;
VCC(A) =VCC(B) =3.6 V
[7]
-
5-
30
A
suspend mode A port;
VO =0V orVCCO; VCC(A) =3.6 V;
VCC(B) =0V
[7]
-
5-
30
A
suspend mode B port;
VO =0V orVCCO; VCC(A) =0 V;
VCC(B) =3.6 V
[7]
-
5-
30
A
IOFF
power-off
leakage
current
A port; VI or VO = 0 V to 3.6 V;
VCC(A) =0V; VCC(B) = 0.8 V to 3.6 V
-
5-
30
A
B port; VI or VO = 0 V to 3.6 V;
VCC(B) =0V; VCC(A) = 0.8 V to 3.6 V
-
5-
30
A
Table 7.
Static characteristics …continued[1][2]
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C
Unit
Min
Max
Min
Max


Podobny numer części - 74AVCH20T245_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74AVCH20T245DGG NEXPERIA-74AVCH20T245DGG Datasheet
315Kb / 23P
   20-bit dual supply translating transceiver with configurable voltage translation 3-state
logo
Texas Instruments
74AVCH20T245GRE4 TI-74AVCH20T245GRE4 Datasheet
437Kb / 19P
[Old version datasheet]   20 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
74AVCH20T245GRE4 TI-74AVCH20T245GRE4 Datasheet
607Kb / 21P
[Old version datasheet]   20-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74AVCH20T245GRG4 TI-74AVCH20T245GRG4 Datasheet
607Kb / 21P
[Old version datasheet]   20-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74AVCH20T245VRE4 TI-74AVCH20T245VRE4 Datasheet
437Kb / 19P
[Old version datasheet]   20 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
More results

Podobny opis - 74AVCH20T245_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74AVC20T245-Q100 NEXPERIA-74AVC20T245-Q100 Datasheet
305Kb / 22P
   20-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC20T245 NEXPERIA-74AVC20T245 Datasheet
306Kb / 22P
   20-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVCH20T245 NEXPERIA-74AVCH20T245 Datasheet
315Kb / 23P
   20-bit dual supply translating transceiver with configurable voltage translation 3-state
logo
NXP Semiconductors
74AVCH8T245 PHILIPS-74AVCH8T245_15 Datasheet
168Kb / 25P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5-27 December 2012
74AVC4T245 PHILIPS-74AVC4T245_15 Datasheet
184Kb / 27P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 4-7 December 2011
74AVCH4T245 NXP-74AVCH4T245 Datasheet
149Kb / 26P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 01-6 August 2009
74AVC8T245 NXP-74AVC8T245 Datasheet
133Kb / 23P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 02-28 April 2009
logo
Nexperia B.V. All right...
74AVCH16T245 NEXPERIA-74AVCH16T245 Datasheet
301Kb / 21P
   16-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC32T245 NEXPERIA-74AVC32T245 Datasheet
793Kb / 24P
   32-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC16T245-Q100 NEXPERIA-74AVC16T245-Q100 Datasheet
296Kb / 20P
   16-bit dual supply translating transceiver with configurable voltage translation 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com