Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74CBTLV3125 Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części 74CBTLV3125
Szczegółowy opis  4-bit bus switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74CBTLV3125 Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button 74CBTLV3125_15 Datasheet HTML 2Page - NXP Semiconductors 74CBTLV3125_15 Datasheet HTML 3Page - NXP Semiconductors 74CBTLV3125_15 Datasheet HTML 4Page - NXP Semiconductors 74CBTLV3125_15 Datasheet HTML 5Page - NXP Semiconductors 74CBTLV3125_15 Datasheet HTML 6Page - NXP Semiconductors 74CBTLV3125_15 Datasheet HTML 7Page - NXP Semiconductors 74CBTLV3125_15 Datasheet HTML 8Page - NXP Semiconductors 74CBTLV3125_15 Datasheet HTML 9Page - NXP Semiconductors 74CBTLV3125_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
74CBTLV3125
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 15 December 2011
6 of 17
NXP Semiconductors
74CBTLV3125
4-bit bus switch
9.2 ON resistance
[1]
Typical values are measured at Tamb =25 C and nominal VCC.
[2]
Measured by the voltage drop between the A and B terminals at the indicated current through the switch. ON-state resistance is
determined by the lower of the voltages of the two (A or B) terminals.
9.3 ON resistance test circuit and graphs
Table 7.
Resistance RON
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); for test circuit see Figure 8.
Symbol Parameter
Conditions
Tamb = 40 C to +85 C
Tamb = 40 C to +125 C
Unit
Min
Typ[1]
Max
Min
Max
RON
ON resistance VCC = 2.3 V to 2.7 V;
see Figure 9 to Figure 11
[2]
ISW =64mA; VI = 0 V
-
4.2
8.0
-
15.0
ISW =24 mA; VI = 0 V
-
4.2
8.0
-
15.0
ISW = 15 mA; VI = 1.7 V
-
8.4
40.0
-
60.0
VCC = 3.0 V to 3.6 V;
see Figure 12 to Figure 14
ISW =64mA; VI =0V
-
4.0
7.0
-
11.0
ISW =24 mA; VI =0V
-
4.0
7.0
-
11.0
ISW = 15 mA; VI = 2.4 V
-
6.2
15.0
-
25.5
RON =VSW / ISW.(1) Tamb = 125 C.
(2) Tamb = 85 C.
(3) Tamb = 25 C.
(4) Tamb = 40 C.
Fig 8.
Test circuit for measuring ON resistance
(one switch)
Fig 9.
ON resistance as a function of input voltage;
VCC = 2.5 V; ISW = 15 mA
001aak866
GND
nOE
nA
VIL
VCC
nB
VI
V
VSW
ISW
VI (V)
0
2.5
2.0
1.0
1.5
0.5
001aai109
7
5
9
11
RON
(
Ω)
3
(1)
(3)
(4)
(2)


Podobny numer części - 74CBTLV3125_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74CBTLV3125-Q100 NEXPERIA-74CBTLV3125-Q100 Datasheet
271Kb / 15P
   4-bit bus switch
74CBTLV3125BQ NEXPERIA-74CBTLV3125BQ Datasheet
291Kb / 17P
   4-bit bus switch
74CBTLV3125BQ-Q100 NEXPERIA-74CBTLV3125BQ-Q100 Datasheet
271Kb / 15P
   4-bit bus switch
logo
Texas Instruments
74CBTLV3125DBQRE4 TI-74CBTLV3125DBQRE4 Datasheet
853Kb / 18P
[Old version datasheet]   LOW - voltage quadruple fet bus switch
74CBTLV3125DBQRE4 TI-74CBTLV3125DBQRE4 Datasheet
834Kb / 19P
[Old version datasheet]   Low-VOLTAGE QUADRUPLE FET BUS SWITCH
More results

Podobny opis - 74CBTLV3125_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Device Techn...
IDT74FST3125 IDT-IDT74FST3125 Datasheet
73Kb / 5P
   4-BIT BUS SWITCH
logo
NXP Semiconductors
74CBTLV3126 PHILIPS-74CBTLV3126_15 Datasheet
162Kb / 17P
   4-bit bus switch
Rev. 3-15 December 2011
logo
ON Semiconductor
FST3126 ONSEMI-FST3126_17 Datasheet
83Kb / 7P
   4-Bit Bus Switch
December, 2017 ??Rev. 0
74FST3126 ONSEMI-74FST3126_13 Datasheet
126Kb / 7P
   4-Bit Bus Switch
July, 2013 ??Rev. P1
logo
Fairchild Semiconductor
FST3126 FAIRCHILD-FST3126_05 Datasheet
119Kb / 5P
   4-Bit Bus Switch
logo
ON Semiconductor
74FST3126 ONSEMI-74FST3126 Datasheet
80Kb / 8P
   4-Bit Bus Switch
August, 2001 ??Rev. 0
logo
Fairchild Semiconductor
FST3125 FAIRCHILD-FST3125_08 Datasheet
445Kb / 9P
   4-Bit Bus Switch
FST3126MX FAIRCHILD-FST3126MX Datasheet
121Kb / 6P
   4-Bit Bus Switch
logo
ON Semiconductor
FST3125 ONSEMI-FST3125 Datasheet
124Kb / 7P
   4-Bit Bus Switch
June, 2013 ??Rev. 0
FST3126 ONSEMI-FST3126 Datasheet
126Kb / 7P
   4-Bit Bus Switch
July, 2013 ??Rev. P1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com