Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74CBTLV3253 Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części 74CBTLV3253
Szczegółowy opis  Dual 1-of-4 multiplexer/demultiplexer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74CBTLV3253 Arkusz danych(HTML) 5 Page - NXP Semiconductors

  74CBTLV3253_15 Datasheet HTML 1Page - NXP Semiconductors 74CBTLV3253_15 Datasheet HTML 2Page - NXP Semiconductors 74CBTLV3253_15 Datasheet HTML 3Page - NXP Semiconductors 74CBTLV3253_15 Datasheet HTML 4Page - NXP Semiconductors 74CBTLV3253_15 Datasheet HTML 5Page - NXP Semiconductors 74CBTLV3253_15 Datasheet HTML 6Page - NXP Semiconductors 74CBTLV3253_15 Datasheet HTML 7Page - NXP Semiconductors 74CBTLV3253_15 Datasheet HTML 8Page - NXP Semiconductors 74CBTLV3253_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
74CBTLV3253
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 15 December 2011
5 of 19
NXP Semiconductors
74CBTLV3253
Dual 1-of-4 multiplexer/demultiplexer
9.
Static characteristics
[1]
All typical values are measured at Tamb =25 C.
[2]
One input at 3 V, other inputs at VCC or GND.
9.1 Test circuits
Table 6.
Static characteristics
At recommended operating conditions voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Tamb = 40 C to +85 C
Tamb = 40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
VIH
HIGH-level
input voltage
VCC = 2.3 V to 2.7 V
1.7
-
-
1.7
-
V
VCC = 3.0 V to 3.6 V
2.0
-
-
2.0
-
V
VIL
LOW-level input
voltage
VCC = 2.3 V to 2.7 V
-
-
0.7
-
0.7
V
VCC = 3.0 V to 3.6 V
-
-
0.9
-
0.9
V
II
input leakage
current
pin nOE; VI = GND to VCC;
VCC =3.6 V
--
1-
20
A
IS(OFF)
OFF-state
leakage current
VCC = 3.6 V; see Figure 5
--
1-
20
A
IS(ON)
ON-state
leakage current
VCC = 3.6 V; see Figure 6
--
1-
20
A
IOFF
power-off
leakage current
VI or VO = 0 V to 3.6 V;
VCC =0V
--
10
-
50
A
ICC
supply current
VI = GND or VCC; IO = 0 A;
VSW =GND or VCC;
VCC =3.6 V
--
10
-
50
A
I
CC
additional
supply current
pin nOE; VI =VCC  0.6 V;
VSW =GND or VCC;
VCC =3.6 V
[2]
-
-
300
-
2000
A
CI
input
capacitance
pin nOE; VCC = 3.3 V;
VI =0Vto3.3 V
-0.9
-
-
-
pF
CS(OFF)
OFF-state
capacitance
VCC = 3.3 V; VI =0Vto3.3 V
-
5.2
-
-
-
pF
CS(ON)
ON-state
capacitance
VCC = 3.3 V; VI = 0 V to 3.3 V
-
20.0
-
-
-
pF
VI = VCC or GND and VO = GND or VCC.VI = VCC or GND and VO = open circuit.
Fig 5.
Test circuit for measuring OFF-state leakage
current (one switch)
Fig 6.
Test circuit for measuring ON-state leakage
current (one switch)
001aai101
nBn
nOE
VIH
nA
GND
VCC
Vl
VO
Is
A
Is
A
001aai103
nA
nOE
VIL
nBn
GND
VCC
Vl
VO
Is
A


Podobny numer części - 74CBTLV3253_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74CBTLV3253-Q100 NEXPERIA-74CBTLV3253-Q100 Datasheet
893Kb / 19P
   Dual 1-of-4 multiplexer/demultiplexer
logo
NXP Semiconductors
74CBTLV3253BQ NXP-74CBTLV3253BQ Datasheet
174Kb / 19P
   Dual 1-of-4 multiplexer/demultiplexer
Rev. 4-15 December 2011
logo
Nexperia B.V. All right...
74CBTLV3253BQ NEXPERIA-74CBTLV3253BQ Datasheet
326Kb / 18P
   Dual 1-of-4 multiplexer/demultiplexer
Rev. 6 - 24 September 2020
74CBTLV3253BQ-Q100 NEXPERIA-74CBTLV3253BQ-Q100 Datasheet
893Kb / 19P
   Dual 1-of-4 multiplexer/demultiplexer
logo
NXP Semiconductors
74CBTLV3253D NXP-74CBTLV3253D Datasheet
174Kb / 19P
   Dual 1-of-4 multiplexer/demultiplexer
Rev. 4-15 December 2011
More results

Podobny opis - 74CBTLV3253_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74CBTLV3253 NEXPERIA-74CBTLV3253 Datasheet
326Kb / 18P
   Dual 1-of-4 multiplexer/demultiplexer
Rev. 6 - 24 September 2020
logo
NXP Semiconductors
74CBTLV3253BQ NXP-74CBTLV3253BQ Datasheet
174Kb / 19P
   Dual 1-of-4 multiplexer/demultiplexer
Rev. 4-15 December 2011
logo
Nexperia B.V. All right...
74CBTLV3253-Q100 NEXPERIA-74CBTLV3253-Q100 Datasheet
893Kb / 19P
   Dual 1-of-4 multiplexer/demultiplexer
logo
Texas Instruments
74CB3T3253DGVRE4 TI-74CB3T3253DGVRE4 Datasheet
709Kb / 19P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
Toshiba Semiconductor
TC7MB3253FT TOSHIBA-TC7MB3253FT Datasheet
129Kb / 8P
   Dual 1-of-4 FET Multiplexer/Demultiplexer
logo
Texas Instruments
SN74CB3Q3253 TI-SN74CB3Q3253 Datasheet
338Kb / 13P
[Old version datasheet]   DUAL 1 OF 4 FET MULTIPLEXER/ DEMULTIPLEXER
logo
Nexperia B.V. All right...
CBT3253 NEXPERIA-CBT3253 Datasheet
226Kb / 11P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 4 - 23 March 2021
logo
Texas Instruments
SN74CBT3253 TI-SN74CBT3253 Datasheet
571Kb / 14P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253 PHILIPS-CBT3253 Datasheet
98Kb / 12P
   Dual 1-of-4 FET multiplexer/demultiplexer
2002 Nov 04
logo
Texas Instruments
SN74CBT3253 TI-SN74CBT3253_07 Datasheet
721Kb / 16P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com