Zakładka z wyszukiwarką danych komponentów |
|
74AVC1T45 Arkusz danych(PDF) 11 Page - NXP Semiconductors |
|
74AVC1T45 Arkusz danych(HTML) 11 Page - NXP Semiconductors |
11 / 23 page 74AVC1T45 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet Rev. 4 — 22 June 2012 11 of 23 NXP Semiconductors 74AVC1T45 Dual-supply voltage level translator/transceiver; 3-state 12. Waveforms [1] VCCI is the supply voltage associated with the data input port. [2] VCCO is the supply voltage associated with the output port. Measurement points are given in Table 14. VOL and VOH are typical output voltage drops that occur with the output load. Fig 6. The data input (A, B) to output (B, A) propagation delay times 001aae967 A, B input B, A output tPLH tPHL GND VI VOH VM VM VOL Measurement points are given in Table 14. VOL and VOH are typical output voltage drops that occur with the output load. Fig 7. Enable and disable times 001aae968 tPZL tPZH tPHZ tPLZ GND GND VI VCCO VOL VOH VM VM VM VX VY outputs disabled outputs enabled outputs enabled output LOW-to-OFF OFF-to-LOW output HIGH-to-OFF OFF-to-HIGH DIR input Table 14. Measurement points Supply voltage Input[1] Output[2] VCC(A), VCC(B) VM VM VX VY 1.1 V to 1.6 V 0.5VCCI 0.5VCCO VOL +0.1 V VOH − 0.1 V 1.65 V to 2.7 V 0.5VCCI 0.5VCCO VOL +0.15V VOH − 0.15 V 3.0 V to 3.6 V 0.5VCCI 0.5VCCO VOL +0.3 V VOH − 0.3 V |
Podobny numer części - 74AVC1T45_15 |
|
Podobny opis - 74AVC1T45_15 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |